Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1710 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1710
Description  SMBus Dual Monolithic High Side Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1710 Datasheet(HTML) 7 Page - Linear Technology

  LTC1710_15 Datasheet HTML 1Page - Linear Technology LTC1710_15 Datasheet HTML 2Page - Linear Technology LTC1710_15 Datasheet HTML 3Page - Linear Technology LTC1710_15 Datasheet HTML 4Page - Linear Technology LTC1710_15 Datasheet HTML 5Page - Linear Technology LTC1710_15 Datasheet HTML 6Page - Linear Technology LTC1710_15 Datasheet HTML 7Page - Linear Technology LTC1710_15 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
LTC1710
OPERATIO
until about 300
µs after VCC crosses the undervoltage
lockout threshold (typically 2V). The circuit includes some
hysteresis and delay to avoid nuisance resets. Once opera-
tion begins, VCC must drop below the threshold for at least
100
µs to trigger another POR sequence.
Input Threshold
Anticipating the trend of lower and lower supply voltages,
the SMBus is specified with a VIH of 1.4V and a VIL of 0.6V.
While some SMBus parts may violate this stringent SMBus
specification by specifying a higher VIH value for a corre-
sponding higher input supply voltage, the LTC1710 meets
and maintains the constant SMBus input threshold speci-
fication throughout the entire supply voltage range of 2.7V
to 5.5V.
Thermal Shutdown
In the unlikely event that either power switch overheats, a
thermal shutdown circuit, which is placed closely to the
two switches, will activate and turn off the gate drives to
both switches. The thermal shutdown circuit has a thresh-
old of 120
°C with a 15°C hysteresis.
Figure 3. Low Dropout Regulator Switching a 3.3V/300mA Supply
Figure 4. The LTC1710 Switching Two Different Voltage Loads
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
Charge Pump
To fully enhance the internal N-channel power switches,
an internal charge pump is used to boost the gate drive to
a maximum of 6V above VCC. The reason for the maximum
charge pump output voltage limit is to protect the internal
switches from excessive gate overdrive. A feedback net-
work is used to limit the charge pump output once it is 6V
above VCC. To prevent the power switches from turning on
too fast, an internal current source is placed between the
output of the charge pump and the gate of the power
switch to control the ramp rate.
Since the charge pumps are driving just the gates of the
internal switches, only a small amount of current is
required. Therefore, all the charge pump capacitors are
integrated onboard. The drain of switch 1 is internally
connected to VCC, however, the drain of switch 0 is user
controlled through Pin 1. In other words, SMBus devices
using different power supply voltages can be simulta-
neously switched by the same LTC1710.
Power-On Reset and Undervoltage Lockout
The LTC1710 starts up with both gate drives low. An
internal power-on reset (POR) signal inhibits operation
TYPICAL APPLICATIONS
The LTC1710, when used with the LT
®1521-3.3, can
switch a regulated 3.3V/300mA supply to a load (Figure 3).
Also, with the help of the LT1304-5, the LTC1710 can be
used to make a boost switching regulator with output
disconnect and a low standby current of 22
µA (Figure 5).
81
2
10
µF
10
µF
7
5
6
FROM SMBus
3
PROGRAMMABLE
4
1710 F04
VCC
SW0D
5V
3.3V
CLK
DATA
OUT0
LTC1710
OUT1
AD1
GND
3.3V
LOAD
5V
LOAD
8
7
1
10
µF
1
µF
2
5
6
8
5
1
2
FROM SMBus
3
PROGRAMMABLE
4
1710 F03
VCC
SW0D
5V
CLK
DATA
SWITCHED
3.3V
OUT1
LTC1710
VIN
SHDN
VOUT
SENSE
LT1521-3.3
OUT0
AD1
GND
1.5
µF
3.3V


Similar Part No. - LTC1710_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1710C LINER-LTC1710C Datasheet
219Kb / 8P
   SMBus Dual Monolithic High Side Switch
LTC1710CMS8 LINER-LTC1710CMS8 Datasheet
219Kb / 8P
   SMBus Dual Monolithic High Side Switch
LTC1710CS8 LINER-LTC1710CS8 Datasheet
219Kb / 8P
   SMBus Dual Monolithic High Side Switch
LTC1710I LINER-LTC1710I Datasheet
219Kb / 8P
   SMBus Dual Monolithic High Side Switch
LTC1710IS8 LINER-LTC1710IS8 Datasheet
219Kb / 8P
   SMBus Dual Monolithic High Side Switch
More results

Similar Description - LTC1710_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1710 LINER-LTC1710 Datasheet
219Kb / 8P
   SMBus Dual Monolithic High Side Switch
LTC1623 LINER-LTC1623 Datasheet
144Kb / 12P
   SMBus Dual High Side Switch Controller
LTC1623 LINER-LTC1623_15 Datasheet
124Kb / 12P
   SMBus Dual High Side Switch Controller
logo
Freescale Semiconductor...
07XSC200 FREESCALE-07XSC200 Datasheet
764Kb / 51P
   Dual High Side Switch
MC33143 FREESCALE-MC33143 Datasheet
281Kb / 8P
   Dual High-Side Switch
logo
Motorola, Inc
MC33289 MOTOROLA-MC33289 Datasheet
345Kb / 10P
   Dual High-Side Switch
logo
Freescale Semiconductor...
MC07XSC200 FREESCALE-MC07XSC200 Datasheet
300Kb / 2P
   Dual High-Side Switch
logo
NXP Semiconductors
PIP3202-DC PHILIPS-PIP3202-DC Datasheet
50Kb / 9P
   TOPFET dual high side switch
September 2001 Rev 1.000
BUK218-50DC PHILIPS-BUK218-50DC Datasheet
50Kb / 9P
   TOPFET dual high side switch
October 2001-Rev 2.010
BUK218-50DY PHILIPS-BUK218-50DY Datasheet
64Kb / 9P
   TOPFET dual high side switch
May 2001-Rev 1.400
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com