Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1731-4.1 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1731-4.1
Description  Single Cell Lithium-Ion Linear Battery Charger Controllers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1731-4.1 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1731-4.1 Datasheet HTML 4Page - Linear Technology LTC1731-4.1 Datasheet HTML 5Page - Linear Technology LTC1731-4.1 Datasheet HTML 6Page - Linear Technology LTC1731-4.1 Datasheet HTML 7Page - Linear Technology LTC1731-4.1 Datasheet HTML 8Page - Linear Technology LTC1731-4.1 Datasheet HTML 9Page - Linear Technology LTC1731-4.1 Datasheet HTML 10Page - Linear Technology LTC1731-4.1 Datasheet HTML 11Page - Linear Technology LTC1731-4.1 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
LTC1731-4.1/LTC1731-4.2
pull-up resistors, a microprocessor can detect three states
from this pin (charging, C/10 and stop charging). See
Figure 1.
When the LTC1731 is in charge mode, the CHRG pin is
pulled down by an internal N-channel MOSFET. To detect
this mode, force the digital output pin, OUT, high and
measure the voltage at the CHRG pin. The N-channel
MOSFET will pull the pin low even with a 2k pull-up resis-
tor. Once the charge current drops to 10% of the full-scale
current (C/10), the N-channel MOSFET is turned off and a
100
µA current source is connected to the CHRG pin. The
IN pin will then be pulled high by the 2k pull-up. By forcing
the OUT pin into a high impedance state, the current
source will pull the pin low through the 100k resistor.
When the internal timer has expired, the CHRG pin will
change to high impedance state and the 100k resistor will
then pull the pin high to indicate the charging has stopped.
Refer to Table 1 for the summary.
Table 1. CHRG Pin Interface with Microprocessor
IN
OUT
STATUS
Low
High
Charging
Low
Hi-Z
Charging
High
High
C/10
Low
Hi-Z
C/10
High
Hi-Z
Stop Charging
End of Charge (C/10)
The LTC1731 includes a comparator to monitor the charge
current to detect an end-of-charge condition. When the
battery current falls below 10% of full scale, the compara-
tor trips and turns off the N-channel MOSFET at the CHRG
pin and switches in a 100
µA current source to ground.
APPLICATIONS INFORMATION
2k
100k
CHRG
1731 F01
VCC
LTC1731
V +
VDD
OUT
µPROCESSOR
IN
2
7
Figure 1. Microprocessor Interface
voltage. The DRV pin will then be pulled up to VCC and
turn off the external P-channel MOSFET. The internal
timer is reset in the shutdown mode.
Programming Charge Current
The formula for the battery charge current (see Block
Diagram) is:
IBAT = (IPROG)(800Ω/RSENSE)
= (2.457V/RPROG)(800Ω/RSENSE)
where RPROG is the total resistance from the PROG pin to
ground.
For example, if 0.5A charge current is needed, select a
value for RSENSE that will drop 100mV at the maximum
charge current. RSENSE = 0.1V/0.5A = 0.2Ω, then calculate:
RPROG = (2.457V/500mA)(800Ω/0.2Ω) = 19.656k
For best stability over temperature and time, 1% resistors
are recommended. The closest 1% resistor value is 19.6k.
Programming the Timer
The programmable timer is used to terminate the charge.
The length of the timer is programmed by an external
capacitor at the TIMER pin. The total charge time is:
Time = (3 Hours)(CTIMER/0.1µF)
The timer starts when the input voltage greater than 4.1V
is applied and the program resistor is connected to ground.
After a time-out occurs, the CHRG output will turn into a
high impedance state to indicate that the charging has
stopped. Connecting the TIMER pin to VCC disables the
timer and also puts the charger into a constant-current
mode. To only disable the timer function, short the TIMER
pin to GND.
CHRG Status Output Pin
When the charge cycle starts, the CHRG pin is pulled down
to ground by an internal N-channel MOSFET that can drive
an LED. When the battery current drops to 10% of the full-
scale current (C/10), the N-channel MOSFET is turned off
and a weak 100
µA current source to ground is connected
to the CHRG pin. After a time-out occurs, the pin will go
into a high impedance state. By using two different value


Similar Part No. - LTC1731-4.1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1731-4.1 LINER-LTC1731-4.1 Datasheet
176Kb / 12P
   Single Cell Lithium-Ion Linear Battery Charger Controllers
More results

Similar Description - LTC1731-4.1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1731-4.2 LINER-LTC1731-4.2_15 Datasheet
182Kb / 12P
   Single Cell Lithium-Ion Linear Battery Charger Controllers
LTC1731-4.1 LINER-LTC1731-4.1 Datasheet
176Kb / 12P
   Single Cell Lithium-Ion Linear Battery Charger Controllers
logo
Analog Intergrations Co...
AIC1790 AIC-AIC1790 Datasheet
325Kb / 19P
   1 Cell Linear Lithium-Ion Battery Charger
logo
SHOUDING Shouding Semic...
SD8057T SHOUDING-SD8057T Datasheet
1Mb / 11P
   single-cell lithium-ion battery charger
logo
National Semiconductor ...
LM3621 NSC-LM3621 Datasheet
334Kb / 14P
   Single Cell Lithium-Ion Battery Charger Controller
logo
Dongguan Pingjingsemi T...
PJ4054B PJSEMI-PJ4054B Datasheet
3Mb / 6P
   Linear Lithium-ion Battery Charger
logo
Agere Systems
PSC1534 AGERE-PSC1534 Datasheet
1Mb / 8P
   Lithium-Ion Linear Battery Charger
logo
Dongguan Pingjingsemi T...
PJ4057 PJSEMI-PJ4057 Datasheet
3Mb / 5P
   Linear Lithium-ion Battery Charger
logo
E-CMOS Corporation
EC49018 E-CMOS-EC49018 Datasheet
318Kb / 8P
   1A, Single Cell Linear Lithium Battery Charger
EC49022 E-CMOS-EC49022 Datasheet
365Kb / 8P
   1A, Single Cell Linear Lithium Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com