Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KIA6280H Datasheet(PDF) 10 Page - KEC(Korea Electronics)

Part # KIA6280H
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT (5.8W DUAL AUDIO POWER AMPLIFIER 22W BTL AUDIO POWER AMPLIFIER)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA6280H Datasheet(HTML) 10 Page - KEC(Korea Electronics)

Back Button KIA6280H Datasheet HTML 3Page - KEC(Korea Electronics) KIA6280H Datasheet HTML 4Page - KEC(Korea Electronics) KIA6280H Datasheet HTML 5Page - KEC(Korea Electronics) KIA6280H Datasheet HTML 6Page - KEC(Korea Electronics) KIA6280H Datasheet HTML 7Page - KEC(Korea Electronics) KIA6280H Datasheet HTML 8Page - KEC(Korea Electronics) KIA6280H Datasheet HTML 9Page - KEC(Korea Electronics) KIA6280H Datasheet HTML 10Page - KEC(Korea Electronics) KIA6280H Datasheet HTML 11Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image


Similar Part No. - KIA6280H

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KIA6280H ETC2-KIA6280H Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Similar Description - KIA6280H

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA3281H KEC-KIA3281H Datasheet
241Kb / 11P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (5.8W DUAL AUDIO POWER AMPLIFIER 22W BTL AUDIO POWER AMPLIFIER)
logo
Toshiba Semiconductor
TA7292P TOSHIBA-TA7292P Datasheet
944Kb / 13P
   5.8W DUAL AUDIO POWER AMPLIFIER. 22W BTL AUDIO POWER AMPLIFIER.
TA7280P TOSHIBA-TA7280P Datasheet
646Kb / 13P
   5.8W DUAL, 22W BTL AUDIO POWER AMPLIFIER
logo
NTE Electronics
NTE1898 NTE-NTE1898 Datasheet
25Kb / 3P
   Integrated Circuit Dual Audio Power Amp, 5.8W (22W BTL)
NTE1830 NTE-NTE1830 Datasheet
26Kb / 3P
   Integrated Circuit Dual Audio Power Amplifier, 5.8W (19W BTL)
NTE7041 NTE-NTE7041 Datasheet
30Kb / 3P
   Dual, Audio Power Amplifier, 22W BTL
logo
Hitachi Semiconductor
HA13128 HITACHI-HA13128 Datasheet
606Kb / 15P
   22W DUAL BTL AUDIO POWER AMPLIFIER
logo
KEC(Korea Electronics)
KIA6210AH KEC-KIA6210AH Datasheet
223Kb / 11P
   22W BTL DUAL AUDIO POWER AMPLIFIER
KIA6220H KEC-KIA6220H Datasheet
266Kb / 13P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (30W BTL DUAL AUDIO POWER AMPLIFIER)
KIA6221AH KEC-KIA6221AH Datasheet
282Kb / 13P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (30W BTL DUAL AUDIO POWER AMPLIFIER)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com