Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3212 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC3212
Description  RGB LED Driver and Charge Pump
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3212 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC3212 Datasheet HTML 4Page - Linear Technology LTC3212 Datasheet HTML 5Page - Linear Technology LTC3212 Datasheet HTML 6Page - Linear Technology LTC3212 Datasheet HTML 7Page - Linear Technology LTC3212 Datasheet HTML 8Page - Linear Technology LTC3212 Datasheet HTML 9Page - Linear Technology LTC3212 Datasheet HTML 10Page - Linear Technology LTC3212 Datasheet HTML 11Page - Linear Technology LTC3212 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
LTC3212
0
3212fb
Power Efficiency
To calculate the power efficiency (
η) of an LED driver chip,
the LED power should be compared to the input power.
The difference between these two numbers represents
lost power whether it is in the charge pump or the cur-
rent sources. Stated mathematically, the power efficiency
is given by:
η =
P
P
LED
IN
The efficiency of the LTC3212 depends upon the mode in
which it is operating. Recall that the LTC3212 operates
as a pass switch, connecting VIN to CPO, until dropout
is detected at an ILED pin. This feature provides the op-
timum efficiency available for a given input voltage and
LED forward voltage. When it is operating as a switch, the
efficiency is approximated by:
η =
=
=
P
P
V
I
V
I
V
V
LED
IN
LED LED
BAT BAT
LED
BAT
since the input current will be very close to the sum of
the LED currents.
At moderate to high output power, the quiescent current
of the LTC3212 is negligible and the expression above is
valid.
Once dropout is detected at any LED pin, the LTC3212
enables the charge pump in 2x mode.
In 2x boost mode, the efficiency is similar to that of a
linear regulator with an effective input voltage of 2 times
the actual input voltage. In an ideal 2x charge pump, the
power efficiency would be given by:
ηIDEAL
LED
IN
LED LED
BAT
LED
LED
P
P
V
I
V
I
V
V
=
=
=
• •
2
2 BBAT
In some applications it may be possible to increase the
efficiency of the LTC3212. If any of the LED’s maximum
forward voltage is less than the minimum VIN supply volt-
age minus ILED dropout voltage then the charge pump is
not needed to drive that LED. This is often the case with
the red LED due to its lower forward voltage. Its anode
may be connected directly to VIN, bypassing the charge
pump’s losses in 2x mode.
Thermal Management
Ifthejunctiontemperatureincreasesaboveapproximately
140°C the thermal shutdown circuitry will automatically
deactivate the output current sources and charge pump.
To reduce maximum junction temperature, a good thermal
connection to the PC board is recommended. Connecting
the Exposed Pad to a ground plane and maintaining a solid
ground plane under the device will reduce the thermal
resistance of the package and PC board considerably.
applicaTions inForMaTion


Similar Part No. - LTC3212

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3212 LINER-LTC3212 Datasheet
746Kb / 12P
   RGB LED Driver and Charge Pump
LTC3212EDDB-PBF LINER-LTC3212EDDB-PBF Datasheet
746Kb / 12P
   RGB LED Driver and Charge Pump
LTC3212EDDB-TR LINER-LTC3212EDDB-TR Datasheet
746Kb / 12P
   RGB LED Driver and Charge Pump
More results

Similar Description - LTC3212

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3212 LINER-LTC3212 Datasheet
746Kb / 12P
   RGB LED Driver and Charge Pump
logo
Texas Instruments
LP5569 TI1-LP5569 Datasheet
983Kb / 86P
[Old version datasheet]   Nine-Channel I2C RGB LED Driver With Engine Control and Charge Pump
LP5569 TI1-LP5569_18 Datasheet
2Mb / 93P
[Old version datasheet]   Nine-Channel I2C RGB LED Driver With Engine Control and Charge Pump
logo
ELM Technology Corporat...
ELM901FXA ELM-TECH-ELM901FXA Datasheet
1Mb / 11P
   Charge Pump LED Driver
logo
SG Micro Corp
SGM3140B SGMICRO-SGM3140B Datasheet
431Kb / 14P
   Charge Pump LED Driver
SGM3141 SGMICRO-SGM3141 Datasheet
385Kb / 14P
   Charge Pump LED Driver
SGM3140 SGMICRO-SGM3140 Datasheet
918Kb / 14P
   Charge Pump LED Driver
SGM3141B SGMICRO-SGM3141B Datasheet
398Kb / 14P
   Charge Pump LED Driver
logo
Semtech Corporation
SC615A SEMTECH-SC615A_08 Datasheet
225Kb / 12P
   Charge Pump Flash LED Driver
SC635 SEMTECH-SC635 Datasheet
362Kb / 12P
   Charge Pump Flash LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com