Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3261 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3261
Description  High Voltage, Low Quiescent Current Inverting Charge Pump
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3261 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3261 Datasheet HTML 3Page - Linear Technology LTC3261 Datasheet HTML 4Page - Linear Technology LTC3261 Datasheet HTML 5Page - Linear Technology LTC3261 Datasheet HTML 6Page - Linear Technology LTC3261 Datasheet HTML 7Page - Linear Technology LTC3261 Datasheet HTML 8Page - Linear Technology LTC3261 Datasheet HTML 9Page - Linear Technology LTC3261 Datasheet HTML 10Page - Linear Technology LTC3261 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
LTC3261
7
3261fb
For more information www.linear.com/3261
operaTion (Refer to the Block Diagram)
The LTC3261 is a high voltage inverting charge pump. It
supportsawideinputpowersupplyrangefrom4.5Vto32V.
Shutdown Mode
In shutdown mode, all circuitry except the internal bias is
turned off. The LTC3261 is in shutdown when a logic low is
applied to the enable input (EN). The LTC3261 only draws
2µA (typical) from the VIN supply in shutdown.
Constant Frequency Operation
The LTC3261 provides low noise constant frequency opera-
tion when a logic low is applied to the MODE pin. The charge
pump and oscillator circuit are enabled using the EN pin. At
thebeginningofaclockcycle,switchesS1andS2areclosed.
The external flying capacitor across the C+ and Cpins is
charged to the VIN supply. In the second phase of the clock
cycle, switches S1 and S2 are opened, while switches S3
and S4 are closed. In this configuration the C+ side of the
flying capacitor is grounded and charge is delivered through
the Cpin to VOUT. In steady state the VOUT pin regulates at
–VIN less any voltage drop due to the load current on VOUT.
The charge transfer frequency can be adjusted between
50kHz and 500kHz using an external resistor on the RT
pin. At slower frequencies the effective open-loop output
resistance (ROL) of the charge pump is larger and it is able
to provide smaller average output current. Figure 1 can
be used to determine a suitable value of RT to achieve a
required oscillator frequency. If the RT pin is grounded,
the part operates at a constant frequency of 500kHz.
Burst Mode Operation
The LTC3261 provides low power Burst Mode operation
when a logic high is applied to the MODE pin. In Burst
Mode operation, the charge pump charges the VOUT pin to
–0.94 • VIN (typical). The part then shuts down the internal
oscillator to reduce switching losses and goes into a low
current state. This state is referred to as the sleep state in
which the IC consumes only about 60µA. When the output
voltage droops enough to overcome the burst comparator
hysteresis,thepartwakesupandcommenceschargepump
cycles until output voltage exceeds –0.94 • VIN (typical).
This mode provides lower operating current at the cost of
higher output ripple and is ideal for light load operation.
Thefrequencyofchargingcyclesissetbytheexternalresistor
on the RT pin. The charge pump has a lower ROL at higher
frequencies.ForBurstModeoperationitisrecommendedthat
the RT pin be tied to GND. This minimizes the charge pump
ROL, quickly charges the output up to the burst threshold
and optimizes the duration of the low current sleep state.
Figure 1. Oscillator Frequency vs RT
Soft-Start
The LTC3261 has built in soft-start circuitry to prevent
excessive current flow during start-up. The soft-start is
achievedbyinternalcircuitrythatslowlyrampstheamount
of current available at the output storage capacitor. The
soft-start circuitry is reset in the event of a commanded
shutdown or thermal shutdown.
Short-Circuit/Thermal Protection
The LTC3261 has built-in short-circuit current limit as
well as overtemperature protection. During a short-circuit
condition, the part automatically limits its output current
to approximately 160mA. If the junction temperature ex-
ceedsapproximately175°Cthethermalshutdowncircuitry
disables current delivery to the output. Once the junction
temperature drops back to approximately 165°C current
deliverytotheoutputisresumed.Whenthermalprotection
is active the junction temperature is beyond the specified
operating range. Thermal protection is intended for mo-
mentary overload conditions outside normal operation.
Continuous operation above the specified maximum op-
erating junction temperature may impair device reliability.
RT (k)
1
0
500
600
400
300
200
100
100
1000
10
10000
3261 F01


Similar Part No. - LTC3261

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3261 LINER-LTC3261 Datasheet
196Kb / 12P
   High Voltage, Low Quiescent Current
LTC3261 LINER-LTC3261 Datasheet
1Mb / 16P
   Wide VIN Range, Low Noise, 250mA Buck-Boost Charge Pump
logo
Analog Devices
LTC3261 AD-LTC3261 Datasheet
242Kb / 20P
   Wide VIN Range Buck-Boost Charge Pump with Watchdog Timer
LTC3261 AD-LTC3261 Datasheet
1Mb / 14P
   High Voltage Boost Charge Pump
08/19 Rev. 0
logo
Linear Technology
LTC3261EMSE LINER-LTC3261EMSE Datasheet
205Kb / 6P
   High Voltage, Low Noise Inverting Charge Pump
More results

Similar Description - LTC3261

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3261EMSE LINER-LTC3261EMSE Datasheet
205Kb / 6P
   High Voltage, Low Noise Inverting Charge Pump
logo
Microchip Technology
TC2682 MICROCHIP-TC2682 Datasheet
401Kb / 10P
   Inverting Charge Pump Voltage Doublers
2002
TC2682 MICROCHIP-TC2682_05 Datasheet
230Kb / 10P
   Inverting Charge Pump Voltage Doublers
2005
logo
Linear Technology
LTC3260EMSE LINER-LTC3260EMSE Datasheet
157Kb / 6P
   High Voltage, Low Noise, Dual Supply Inverting Charge Pump
logo
Maxim Integrated Produc...
MAX889R MAXIM-MAX889R Datasheet
306Kb / 8P
   Inverting Charge Pump
Rev 0; 7/00
logo
New Japan Radio
NJW4191 NJRC-NJW4191_13 Datasheet
72Kb / 7P
   Inverting Charge Pump IC
logo
Microchip Technology
TC3682 MICROCHIP-TC3682_05 Datasheet
240Kb / 10P
   Inverting Charge Pump Voltage Doublers with Active Low Shutdown
2005
TC3682 MICROCHIP-TC3682 Datasheet
407Kb / 10P
   Inverting Charge Pump Voltage Doublers with Active Low Shutdown
2002
logo
Linear Technology
LTC3260 LINER-LTC3260_15 Datasheet
328Kb / 18P
   Low Noise Dual Supply Inverting Charge Pump
logo
Microchip Technology
TC1682 MICROCHIP-TC1682 Datasheet
406Kb / 10P
   Inverting Charge Pump Voltage Doublers with Active High Shutdown
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com