Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FBMJ1608HM180NTW Datasheet(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

Part # FBMJ1608HM180NTW
Description  Chip Bead Power Inductors for Automotive
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

FBMJ1608HM180NTW Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  FBMJ1608HM180NTW Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the Date at any time without notice.
Before making final selection, please check product specification.
NOISE SUPPRESSION COMPONENTS (High Reliability Application)
Chip Bead Power Inductors for Automotive / Industrial Applications (FB series M type)
FBMJ1608HM180NTW
Features
Item Summary
18Ω, 7.5A, 0603
Lifecycle Stage
Mass Production
AEC-Q200 qualified
Standard packaging quantity (minimum)
Taping 4000pcs
Products characteristics table
CaseSize (EIA/JIS)
0603/1608
Impedance
18Ω
Impedance Measuring Frequency
100MHz
Rated Current
7.5A
DC Resistance (max)
0.004Ω
Temperature Range
-40 to +125 ℃
RoHS Compliance
Yes
Halogen Free
Yes
Soldering Method
Reflow/Wave
External Dimensions
L
1.6mm ±0.2
W
0.8mm ±0.2
T
0.8mm ±0.2
e
0.3mm ±0.2
2015.05.27
1 / 1


Similar Part No. - FBMJ1608HM180NTW

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
FBMJ1608HM180NTW TAIYO-YUDEN-FBMJ1608HM180NTW Datasheet
276Kb / 2P
   Chip Bead Power Inductors for Automotive (BODY & CHASSIS, INFOTAINMENT) / Industrial Applications (FB series M type)[FBMJ]
FBMJ1608HM180NTW TAIYO-YUDEN-FBMJ1608HM180NTW_V01 Datasheet
276Kb / 2P
   Chip Bead Power Inductors for Automotive (BODY & CHASSIS, INFOTAINMENT) / Industrial Applications (FB series M type)[FBMJ]
More results

Similar Description - FBMJ1608HM180NTW

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
FBMH1608HL331-TV TAIYO-YUDEN-FBMH1608HL331-TV Datasheet
143Kb / 1P
   Chip Bead Power Inductors for Automotive
FBMH1608HL471-TV TAIYO-YUDEN-FBMH1608HL471-TV Datasheet
143Kb / 1P
   Chip Bead Power Inductors for Automotive
FBMH2016HM121NTV TAIYO-YUDEN-FBMH2016HM121NTV Datasheet
143Kb / 1P
   Chip Bead Power Inductors for Automotive
FBMJ3216HS480NTV TAIYO-YUDEN-FBMJ3216HS480NTV Datasheet
143Kb / 1P
   Chip Bead Power Inductors for Automotive
FBMJ1608HM230NTV TAIYO-YUDEN-FBMJ1608HM230NTV Datasheet
143Kb / 1P
   Chip Bead Power Inductors for Automotive
FBMH1608HL121-TV TAIYO-YUDEN-FBMH1608HL121-TV Datasheet
143Kb / 1P
   Chip Bead Power Inductors for Automotive
FBMH1608HM471-TV TAIYO-YUDEN-FBMH1608HM471-TV Datasheet
143Kb / 1P
   Chip Bead Power Inductors for Automotive
FBMJ1608HS280NTW TAIYO-YUDEN-FBMJ1608HS280NTW Datasheet
143Kb / 1P
   Chip Bead Power Inductors for Automotive
FBMJ2125HM210NTV TAIYO-YUDEN-FBMJ2125HM210NTV Datasheet
143Kb / 1P
   Chip Bead Power Inductors for Automotive
FBMJ4516HS720NTV TAIYO-YUDEN-FBMJ4516HS720NTV Datasheet
143Kb / 1P
   Chip Bead Power Inductors for Automotive
FBMH1608HL221-TV TAIYO-YUDEN-FBMH1608HL221-TV Datasheet
143Kb / 1P
   Chip Bead Power Inductors for Automotive
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com