Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

106284-0025 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 106284-0025
Description  CXP Optical Cable Assembly (iPass ), MTP-to-MTP, Multimode, 50/125m, Round Cable Assembly
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

106284-0025 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  106284-0025 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 05/08/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
106284-0025
Status:
Active
Overview:
Optical Connectivity
Description:
CXP Optical Cable Assembly (iPass+™ ), MTP-to-MTP, Multimode, 50/125µm, Round
Cable Assembly, Straight Boot, Standard Bandwidth, OFNP, Cable Diameter 3.80mm,
Cable Length 25.00m
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Fiber Optic Assemblies
Series
106284
Boot Type
Straight
Connector to Connector
MTP-to-MTP
Mode
Multimode
Overview
Optical Connectivity
Product Name
CXP, iPass+™, MTP
UPC
883906550172
Physical
Cable Length
25.0m
Cable Size
3.80mm
Fiber (Core/Cladding)
50/125µm
Net Weight
408.900/g
Single Ended
No
Wire/Cable Type
Fiber Optic, Round
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-106284-0001
Series
image - Reference only
EU RoHS
China RoHS
RoHS Compliant by
Exemption
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
106284Series
Mates With
CXP Optical Transceivers
This document was generated on 05/08/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 106284-0025

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
106284-0025 MOLEX-106284-0025 Datasheet
832Kb / 2P
   CXP Optical Cable Assemblies
More results

Similar Description - 106284-0025

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
106284-0008 MOLEX11-106284-0008 Datasheet
50Kb / 1P
   CXP Optical Cable Assembly (iPass ), MTP-to-MTP, Multimode, 50/125m, Round Cable Assembly
106284-0010 MOLEX11-106284-0010 Datasheet
50Kb / 1P
   CXP Optical Cable Assembly (iPass ), MTP-to-MTP, Multimode, 50/125m, Round Cable Assembly
106284-0012 MOLEX11-106284-0012 Datasheet
50Kb / 1P
   CXP Optical Cable Assembly (iPass ), MTP-to-MTP, Multimode, 50/125m, Round Cable Assembly
106284-1025 MOLEX11-106284-1025 Datasheet
33Kb / 1P
   CXP Optical Cable Assembly (iPass ), MTP-to-MTP, Multimode, 50/125m, Round Cable Assembly
106284-1050 MOLEX11-106284-1050 Datasheet
33Kb / 1P
   CXP Optical Cable Assembly (iPass ), MTP-to-MTP, Multimode, 50/125m, Round Cable Assembly
106284-0015 MOLEX11-106284-0015 Datasheet
50Kb / 1P
   CXP Optical Cable Assembly (iPass ), MTP-to-MTP, Multimode, 50/125m, Round Cable Assembly
106284-1005 MOLEX11-106284-1005 Datasheet
43Kb / 1P
   CXP Optical Cable Assembly (iPass ), MTP-to-MTP, Multimode, 50/125m, Round Cable Assembly
1062840004 MOLEX1-1062840004 Datasheet
46Kb / 1P
   CXP Optical Cable Assembly (iPass ), MTP-to-MTP, Multimode, 50/125m, Round
1062840008 MOLEX1-1062840008 Datasheet
46Kb / 1P
   CXP Optical Cable Assembly (iPass ), MTP-to-MTP, Multimode, 50/125m, Round
1062840100 MOLEX1-1062840100 Datasheet
46Kb / 1P
   CXP Optical Cable Assembly (iPass ), MTP-to-MTP, Multimode, 50/125m, Round
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com