Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSK4225 Datasheet(PDF) 2 Page - M.S. Kennedy Corporation

Part # MSK4225
Description  Low Cost, Non-Hermetic, Complete H-Bridge
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK4225 Datasheet(HTML) 2 Page - M.S. Kennedy Corporation

  MSK4225_15 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK4225_15 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK4225_15 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK4225_15 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK4225_15 Datasheet HTML 5Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
1
2
3
4
5
6
Each MOSFET ID=20A
Each MOSFET ID=20A
3
Each MOSFET IS=20A Intrinsic Diode
3
Intrinsic Diode
Each MOSFET V+=70V
Analog Input=6VDC
Output A,B=50% Duty Cycle
Output A=100% Duty Cycle High
Output B=100% Duty Cycle High
Input Voltage LO
Input Voltage HI
Input Current (DISABLE=0V)
Input Voltage LO
Input Voltage HI
Input Current (HEN=0V)
RL=100Ω
OUTPUT CHARACTERISTICS
RDS (ON) 1 4
VDS(ON) Voltage
Instantaneous Forward Voltage
Reverse Recovery Time
1
Leakage Current
PWM Frequency
VCC SUPPLY CHARACTERISTICS
Quiescent Bias Current
VCC Voltage Range
1
INPUT SIGNAL CHARACTERISTICS
1
Analog Input Voltage
Analog Input Voltage
Analog Input Voltage
LOGIC CONTROL INPUTS
1
SWITCHING CHARACTERISTICS
1
Rise Time
Fall Time
Dead Time
V+
VCC
IOUT
IPK
VOUT
θJC
ABSOLUTE MAXIMUM RATINGS
Parameter
ELECTRICAL SPECIFICATIONS
Units
Ω
V
V
nS
uA
KHz
mA
V
V
V
V
V
V
uA
V
V
uA
nS
nS
nS
Max.
0.013
0.52
1.3
280
250
50
50
15
-
-
-
0.8
-
135
0.8
-
270
-
-
-
MSK 4225
Typ.
-
0.45
1.0
-
10
45
43
12
6
9
3
-
-
-
-
-
-
40
30
45
Min.
-
-
-
-
-
40
-
10
-
-
-
-
2.7
-
-
2.7
-
-
-
-
Test Conditions
2
2
TST
TLD
TC
TJ
NOTES:
Guaranteed by design but not tested. Typical parameters are representative of actual device performance but are for reference only.
VCC=+12V, V+=28V, RSENSE A,B=Ground, DIS=0V, HEN=N/C unless otherwise specified.
Measured using a 300μS pulse with a 2% Duty Cycle.
On Resistance is specified for the Internal MOSFET for Thermal Calculations. It does not include the package pin resistance.
Continuous operation at or above absolute maximum ratings may adversely effect the device performance and/or life cycle.
When applying power to the device, apply the low voltage followed by the high voltage or alternatively, apply both at the same time. Do not apply high
voltage without low voltage present.
Tc= +25°C Unless Otherwise Specified
Disable Input
HEN Input
High Voltage Supply
Logic Supply
Continuous Output Current
Peak Output Current
Output Voltage Range
Thermal Resistance
(Output Switches @ 125°C)
75V
16V
20A
40A
GND -2V min. to V + max.
3.0°C/W
Storage Temperature Range
Lead Temperature Range
(10 Seconds)
Case Operating Temperature
MSK4225
Junction Temperature
-55°C to +125°C
300°C
-40°C to +85°C
+150°C
5
6
Rev. F 1/11


Similar Part No. - MSK4225_15

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK4225D MSK-MSK4225D Datasheet
235Kb / 5P
   75 VOLT 20 AMP MOSFET H-BRIDGE PWM MOTOR DRIVER/AMPLIFIER
logo
Anaren Microwave
MSK4225D ANAREN-MSK4225D Datasheet
132Kb / 5P
   75 VOLT 20 AMP MOSFET H-BRIDGE PWM MOTOR DRIVER/AMPLIFIER
logo
M.S. Kennedy Corporatio...
MSK4225G MSK-MSK4225G Datasheet
235Kb / 5P
   75 VOLT 20 AMP MOSFET H-BRIDGE PWM MOTOR DRIVER/AMPLIFIER
logo
Anaren Microwave
MSK4225G ANAREN-MSK4225G Datasheet
132Kb / 5P
   75 VOLT 20 AMP MOSFET H-BRIDGE PWM MOTOR DRIVER/AMPLIFIER
logo
M.S. Kennedy Corporatio...
MSK4225S MSK-MSK4225S Datasheet
235Kb / 5P
   75 VOLT 20 AMP MOSFET H-BRIDGE PWM MOTOR DRIVER/AMPLIFIER
More results

Similar Description - MSK4225_15

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK4226 MSK-MSK4226_15 Datasheet
785Kb / 6P
   Non-Hermetic Low Cost Complete H-Bridge
MSK4227 MSK-MSK4227_15 Datasheet
118Kb / 4P
   Low Cost Complete H-Bridge
MSK4200 MSK-MSK4200_15 Datasheet
146Kb / 6P
   Low Cost Complete H-Bridge
MSK4201 MSK-MSK4201_15 Datasheet
144Kb / 6P
   Low Cost Complete H-Bridge
MSK4223 MSK-MSK4223_15 Datasheet
190Kb / 6P
   Low Cost Complete H-Bridge
logo
Maxim Integrated Produc...
MAX1552 MAXIM-MAX1552 Datasheet
324Kb / 12P
   Complete Power IC for Low-Cost PDAs
Rev 0; 4/03
logo
International Rectifier
IRMCS203 IRF-IRMCS203 Datasheet
158Kb / 1P
   Low cost complete sensorless drive design platform
logo
Analog Devices
ADDAC87D-CBI-V883 AD-ADDAC87D-CBI-V883 Datasheet
284Kb / 16P
   Complete Low Cost 12-Bit D/A Converters
REV. B
ADDAC87 AD-ADDAC87_15 Datasheet
232Kb / 16P
   Complete Low Cost 12-Bit D/A Converters
REV. B
ADDAC80 AD-ADDAC80 Datasheet
774Kb / 12P
   COMPLETE LOW COST 12-BIT D/A CONVERTERS
REV. A
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com