Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSK4252 Datasheet(PDF) 4 Page - M.S. Kennedy Corporation

Part # MSK4252
Description  75 Volt Motor Supply Voltage
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK4252 Datasheet(HTML) 4 Page - M.S. Kennedy Corporation

  MSK4252_15 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK4252_15 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK4252_15 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK4252_15 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK4252_15 Datasheet HTML 5Page - M.S. Kennedy Corporation MSK4252_15 Datasheet HTML 6Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
APPLICATION NOTES CONTINUED
The size and placement of the capacitors for the DC bus has a direct bearing on the amount of noise filtered and also on the
size and duration of the voltage spikes seen by the bridge. What is being created is a series RLC tuned circuit with a
resonant frequency that is seen as a damped ringing every time one of the transistors switches. For the resistance, wire
resistance, power supply impedance and capacitor ESR all add up for the equivalent lumped resistance in the circuit. The
inductance can be figured at about 30 nH per inch from the power supply. Any voltage spikes are on top of the bus voltage
and the back EMF from the motor. All this must be taken into account when designing and laying out the system. If
everything has been minimized, there is another solution. A second capacitance between 5 and 10 times the first capacitor
and it should either have some ESR or a resistor can be added in series with the second capacitor to help damp the voltage
spikes.
BUS VOLTAGE FILTER CAPACITORS
Be careful of the ripple current in all the capacitors. Excessive ripple current, beyond what the capacitors can handle,
will destroy the capacitors.
±15VIN FILTER CAPACITORS
It is recommended that about 10 μF of capacitance (tantalum electrolytic) for bypassing the + and -15V inputs be placed as
close to the module pins as practical. Adding ceramic bypass capacitors of about 0.1 μF or 1 μF will aid in suppressing noise
transients.
GENERAL LAYOUT
Good PC layout techniques are important. Ground planes for the analog circuitry must be used and should be tied back to
the small signal grounds, pins 10 and 11. The high power ground (RTN) pin 18 gets tied back to the small signal ground
internally. DO NOT connect these grounds externally. A ground loop will result.
LOW POWER STARTUP
When starting up a system utilizing the MSK 4252 for the first time, there are a few things to keep in mind. First, because
of the small size of the module, short circuiting the output phases either to ground or the DC bus will destroy the bridge. The
current limiting and control only works for current actually flowing through the bridge. The current sense resistor has to
see the current in order for the electronics to control it. If possible, for startup use a lower voltage and lower current power
supply to test out connections and the low current stability. With a limited current supply, even if the controller locks up,
the dissipation will be limited. By observing the E/A OUT pin which is the error amp output, much can be found out about the
health and stability of the system. An even waveform with some rounded triangle wave should be observed. As current
goes up, the DC component of the waveform should move up or down. At full current (with a regular supply) the waveform
should not exceed +9 volts positive peak, or -9 volts negative peak. Some audible noise will be heard which will be the
commutation frequency. If the motor squeals, there is instability and power should be removed immediately unless power
dissipation isn't excessive due to limited supply current. For compensation calculations, refer to the block diagram for all
information to determine the amplifier gain for loop gain calculations. For the power up sequence, ±15 volts should be
powered at the same time or before the V+ voltage is applied.
4
8548-108 Rev. F 9/13


Similar Part No. - MSK4252_15

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK4252E MSK-MSK4252E Datasheet
301Kb / 6P
   30 AMP, 75V, H-BRIDGE MOSFET BRUSHED MOTOR CONTROLLER
MSK4252H MSK-MSK4252H Datasheet
301Kb / 6P
   30 AMP, 75V, H-BRIDGE MOSFET BRUSHED MOTOR CONTROLLER
logo
Anaren Microwave
MSK4252H ANAREN-MSK4252H Datasheet
151Kb / 6P
   30 AMP, 75V, H-BRIDGE MOSFET BRUSHED MOTOR CONTROLLER
More results

Similar Description - MSK4252_15

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK4361 MSK-MSK4361_15 Datasheet
816Kb / 8P
   75 Volt Motor Supply Voltage
MSK4362 MSK-MSK4362_15 Datasheet
948Kb / 9P
   75 Volt Motor Supply Voltage
MSK4363 MSK-MSK4363_15 Datasheet
196Kb / 7P
   75 Volt Motor Supply Voltage
MSK4251 MSK-MSK4251_15 Datasheet
137Kb / 6P
   75 Volt Motor Supply Voltage
MSK4250 MSK-MSK4250_15 Datasheet
136Kb / 6P
   75 Volt Motor Supply Voltage
MSK4253 MSK-MSK4253_15 Datasheet
161Kb / 6P
   55 Volt Motor Supply Voltage
MSK4324 MSK-MSK4324_15 Datasheet
936Kb / 8P
   200 Volt Motor Supply Voltage
MSK4360 MSK-MSK4360_15 Datasheet
158Kb / 8P
   55 Volt Motor Supply Voltage
MSK4470 MSK-MSK4470_15 Datasheet
219Kb / 7P
   500 Volt Motor Supply Voltage
MSK4310 MSK-MSK4310_15 Datasheet
164Kb / 5P
   55 Volt Motor Supply Voltage
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com