Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSK4310 Datasheet(PDF) 5 Page - M.S. Kennedy Corporation

Part # MSK4310
Description  55 Volt Motor Supply Voltage
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK4310 Datasheet(HTML) 5 Page - M.S. Kennedy Corporation

  MSK4310_15 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK4310_15 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK4310_15 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK4310_15 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK4310_15 Datasheet HTML 5Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
BUS VOLTAGE FILTER CAPACITORS
The size and placement of the capacitors for the DC bus has a direct bearing on the amount of noise filtered and also on the size and
duration of the voltage spikes seen by the bridge. What is being created is a series RLC tuned circuit with a resonant frequency that is
seen as a damped ringing every time one of the transistors switches. For the resistance, wire resistance, power supply impedance and
capacitor ESR all add up for the equivalent lumped resistance in the circuit. The inductance can be figured at about 30 nH per inch from
the power supply. Any voltage spikes are on top of the bus voltage and the back EMF from the motor. All this must be taken into account
when designing and laying out the system. If everything has been minimized, there is another solution. A second capacitance between
5 and 10 times the first capacitor and it should either have some ESR or a resistor can be added in series with the second capacitor to
help damp the voltage spikes.
Be careful of the ripple current in all the capacitors. Excessive ripple current, beyond what the capacitors can handle, will destroy the
capacitors.
INPUT VOLTAGE FILTER CAPACITORS
It is recommended that about 10 μF of capacitance (tantalum electrolytic) for bypassing the + and -15V power supplies be placed as
close to the module pins as practical. Adding ceramic bypass capacitors of about 0.1 μF to 1 μF will aid in suppressing noise transients.
GENERAL LAYOUT
Good PC layout techniques are a must. Ground plane for the analog circuitry must be used and should be tied back to the SIG GND.
Ground plane for the power circuitry should be tied back to the GND pin, pin 16. Pin 16 should be connected to pin 11 external to the
hybrid by a single thick trace. This will connect the two ground planes together.
LOW POWER STARTUP
When starting up a system utilizing the MSK4310 for the first time, there are a few things to keep in mind. First, because of the small size
of the module, short circuiting the output phases either to ground or the DC bus will destroy the bridge. The current limiting and control
only works for current actually flowing through the bridge. The current sense resistor has to see the current in order for the electronics
to control it. If possible, for startup use a lower voltage and lower current power supply to test out connections and the low current
stability. With a limited current supply, even if the controller locks up, the dissipation will be limited. The ±15 volt power should be applied
prior to applying the V+ voltage.
5
APPLICATION NOTES CONTINUED
8548-72 Rev. F 12/14


Similar Part No. - MSK4310_15

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK4310D MSK-MSK4310D Datasheet
280Kb / 8P
   10 AMP, 55V, 3 PHASE BRUSHLESS MOTOR SPEED CONTROLLER
MSK4310ED MSK-MSK4310ED Datasheet
280Kb / 8P
   10 AMP, 55V, 3 PHASE BRUSHLESS MOTOR SPEED CONTROLLER
MSK4310ES MSK-MSK4310ES Datasheet
280Kb / 8P
   10 AMP, 55V, 3 PHASE BRUSHLESS MOTOR SPEED CONTROLLER
MSK4310EU MSK-MSK4310EU Datasheet
280Kb / 8P
   10 AMP, 55V, 3 PHASE BRUSHLESS MOTOR SPEED CONTROLLER
MSK4310HD MSK-MSK4310HD Datasheet
280Kb / 8P
   10 AMP, 55V, 3 PHASE BRUSHLESS MOTOR SPEED CONTROLLER
More results

Similar Description - MSK4310_15

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK4253 MSK-MSK4253_15 Datasheet
161Kb / 6P
   55 Volt Motor Supply Voltage
MSK4410 MSK-MSK4410_15 Datasheet
142Kb / 8P
   55 Volt Motor Supply Voltage
MSK4360 MSK-MSK4360_15 Datasheet
158Kb / 8P
   55 Volt Motor Supply Voltage
MSK4361 MSK-MSK4361_15 Datasheet
816Kb / 8P
   75 Volt Motor Supply Voltage
MSK4362 MSK-MSK4362_15 Datasheet
948Kb / 9P
   75 Volt Motor Supply Voltage
MSK4363 MSK-MSK4363_15 Datasheet
196Kb / 7P
   75 Volt Motor Supply Voltage
MSK4251 MSK-MSK4251_15 Datasheet
137Kb / 6P
   75 Volt Motor Supply Voltage
MSK4324 MSK-MSK4324_15 Datasheet
936Kb / 8P
   200 Volt Motor Supply Voltage
MSK4252 MSK-MSK4252_15 Datasheet
151Kb / 6P
   75 Volt Motor Supply Voltage
MSK4470 MSK-MSK4470_15 Datasheet
219Kb / 7P
   500 Volt Motor Supply Voltage
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com