Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSK4410 Datasheet(PDF) 3 Page - M.S. Kennedy Corporation

Part # MSK4410
Description  55 Volt Motor Supply Voltage
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK4410 Datasheet(HTML) 3 Page - M.S. Kennedy Corporation

  MSK4410_15 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK4410_15 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK4410_15 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK4410_15 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK4410_15 Datasheet HTML 5Page - M.S. Kennedy Corporation MSK4410_15 Datasheet HTML 6Page - M.S. Kennedy Corporation MSK4410_15 Datasheet HTML 7Page - M.S. Kennedy Corporation MSK4410_15 Datasheet HTML 8Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
APPLICATION NOTES
MSK 4410 PIN DESCRIPTIONS
V+ - is the power connection from the hybrid to the
bus. The external wiring to the pin should be sized
according to the RMS current required by the motor.
This pin should be bypassed by a high quality mono-
lithic ceramic capacitor for high frequencies and enough
bulk capacitance to keep the V+ power supply from
drooping.
AØ OUT, BØ OUT, CØ OUT-are the connections to the
motor phase windings from the bridge output. The wir-
ing to these pins should be sized according to the mo-
tor current requirements. There are no internal short
circuit protection provisions for these output pins in
the hybrid. Shorts to V+ or ground from these pins
must be avoided or the bridge will be destroyed.
GND- is the power return connection from the hybrid
to the bus. All ground returns internal to the hybrid
connect to this point in a star configuration. All exter-
nal ground connections to this point should be made in
a similar fashion. The V+ capacitors should be returned
to this pin as close as possible. Wire sizing to this pin
connection should be made according to the required
current.
SIG GND - is the ground pin that connects to the ground
plane for all low power circuitry inside the device.
+15 V INPUT -is the pin for applying +15 volts to run
the low power control circuitry inside the hybbrid. This
pin should be bypassed to the signal ground pin using
a high quality 10μF tantalum capacitor and a 0.1μF
ceramic capacitor as close to these pins as possible.
-15 V INPUT - is the pin for applying -15 volts to run
the low power control circuitry inside the hybrid. This
pin should be bypassed to the signal ground pin using
a high quality 10μF tantalum capacitor and a 0.1μF
ceramic capacitor as close to these pins as possible.
BRAKE - is the pin for commanding the output bridge
into a motor brake mode. When this pin is taken low,
normal operation of the hybrid proceeds. When this
pin is taken high, the three high side switches in the
bridge turn off and the three lowside switches turn
fully on. This will cause rapid deceleration of the motor
and will cease motor operation until taken low again.
The pin left open is internally pulled high.
3
HALL A, B & C - are the hall input pins from the hall
devices in the motor. These pins are internally pulled
up to 6.25 volts. The halls reflect a 120/240 degree
commutation scheme.
TACH RC - is used to set the tach out pulse width.
This is done by connecting a resistor from this pin to
the REF OUT pin and a capacitor from the pin to the
signal ground. Selection of these components is based
on the desired maximum motor speed. (See TACH RC
component selection)
TACH OUT - is connected to the -E/A pin through a
resistor when using the speed controller in a closed
loop configuration..
-E/A - is the error amp inverting input connection. It is
brought out to allow various loop compensation cir-
cuits to be connected between this and E/A out.
E/A OUT - this is the loop error amp output connec-
tion. It is brought out for allowing various loop com-
pensation circuits to be connected between this and
-E/A.
REF OUT - is a 6.25 volt regulated output that can be
used to power the hall devices in various motors. Up
to 15 milliamps of current is available.
CURRENT LIMIT ADJUST - is used to adjust the out-
put current limit. The pin, if left open will limit the
output current to about 1 amp. The pin, taken to ground
will limit the current to about 15 amps. A resistor from
the pin to ground will yield current limits in between.
(See Current Limit Adjust)
SPEED COMMAND (+,-) - are differential inputs for
controlling the motor speed. With a positive voltage
command the motor will operate in the forward direc-
tion and with a negative command the motor will op-
erate in the reverse direction. The maximum opera-
tional command voltage should be ±5 volts.
Rev. E 1/11


Similar Part No. - MSK4410_15

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK4410D MSK-MSK4410D Datasheet
273Kb / 8P
   10 AMP, 55V, 3 PHASE BRUSHLESS MOTOR SPEED CONTROLLER
MSK4410G MSK-MSK4410G Datasheet
273Kb / 8P
   10 AMP, 55V, 3 PHASE BRUSHLESS MOTOR SPEED CONTROLLER
MSK4410S MSK-MSK4410S Datasheet
273Kb / 8P
   10 AMP, 55V, 3 PHASE BRUSHLESS MOTOR SPEED CONTROLLER
MSK4410U MSK-MSK4410U Datasheet
273Kb / 8P
   10 AMP, 55V, 3 PHASE BRUSHLESS MOTOR SPEED CONTROLLER
More results

Similar Description - MSK4410_15

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK4253 MSK-MSK4253_15 Datasheet
161Kb / 6P
   55 Volt Motor Supply Voltage
MSK4310 MSK-MSK4310_15 Datasheet
164Kb / 5P
   55 Volt Motor Supply Voltage
MSK4360 MSK-MSK4360_15 Datasheet
158Kb / 8P
   55 Volt Motor Supply Voltage
MSK4361 MSK-MSK4361_15 Datasheet
816Kb / 8P
   75 Volt Motor Supply Voltage
MSK4362 MSK-MSK4362_15 Datasheet
948Kb / 9P
   75 Volt Motor Supply Voltage
MSK4363 MSK-MSK4363_15 Datasheet
196Kb / 7P
   75 Volt Motor Supply Voltage
MSK4251 MSK-MSK4251_15 Datasheet
137Kb / 6P
   75 Volt Motor Supply Voltage
MSK4324 MSK-MSK4324_15 Datasheet
936Kb / 8P
   200 Volt Motor Supply Voltage
MSK4252 MSK-MSK4252_15 Datasheet
151Kb / 6P
   75 Volt Motor Supply Voltage
MSK4470 MSK-MSK4470_15 Datasheet
219Kb / 7P
   500 Volt Motor Supply Voltage
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com