Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA4SW510 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MA4SW510
Description  HMIC Silicon SP5T PIN Diode Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4SW510 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MA4SW510_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4SW510_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4SW510_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4SW510_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4SW510_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4SW510_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MA4SW510_15 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or
information contained herein without notice.
V5
MA4SW510
ADVANCED: Data Sheets contain information regarding a product M/A-COM is considering for
development. Performance is based on target specifications, simulated results, and/or prototype
measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM has under develop-
ment. Performance is based on engineering tests. Specifications are typical. Mechanical outline has
been fixed. Engineering samples and/or test data may be available. Commitment to produce in
volume is not guaranteed.
HMIC™ Silicon SP5T PIN Diode Switch
RoHS Compliant
Typical Microwave Performance
OUTPUT RETURN LOSS
-40
-35
-30
-25
-20
-15
-10
-5
0
02468
10
12
14
16
18
20
Frequency (GHz)
J2
J3
J4
J5
J6
INPUT RETURN LOSS
-40.
-35.
-30
-25
-20
-15
-10
-5
0
0
2
4
6
8
10
12
14
16
18
20
Frequency (GHz)
Loss
(dB)
J2
J3
J4
J5
J6


Similar Part No. - MA4SW510_15

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4SW510B-1 MACOM-MA4SW510B-1 Datasheet
245Kb / 6P
   SP5T PIN Diode Switch with Integrated Bias Network
logo
M/A-COM Technology Solu...
MA4SW510B-1 MA-COM-MA4SW510B-1 Datasheet
531Kb / 7P
   HMIC??Silicon PIN Diode Switch with Integrated Bias Network
MA4SW510B-1 MA-COM-MA4SW510B-1 Datasheet
531Kb / 7P
   HMIC??Silicon PIN Diode Switch
MA4SW510B-1 MA-COM-MA4SW510B-1_16 Datasheet
726Kb / 7P
   Broad Bandwidth Specified up to 18 GHz
MA4SW510B MA-COM-MA4SW510B_15 Datasheet
531Kb / 7P
   HMIC Silicon PIN Diode Switch
More results

Similar Description - MA4SW510_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-005100-1194 MA-COM-MASW-005100-1194_2 Datasheet
560Kb / 7P
   HMIC SP5T Silicon PIN Diode Switch
MA4SW510 MA-COM-MA4SW510 Datasheet
474Kb / 7P
   HMIC??Silicon SP5T PIN Diode Switch
MASW-005100-1194 MA-COM-MASW-005100-1194 Datasheet
560Kb / 7P
   HMIC??SP5T Silicon PIN Diode Switch
MASW-005100-1194 MA-COM-MASW-005100-1194_14 Datasheet
1Mb / 6P
   HMIC Silicon SP5T PIN Diode Switch
MA4SW510 MA-COM-MA4SW510 Datasheet
489Kb / 7P
   HMIC??Silicon SP5T PIN Diode Switch RoHS Compliant
MASW-004100-1193 MA-COM-MASW-004100-1193 Datasheet
140Kb / 7P
   HMIC??Silicon PIN Diode Switch
MA4SW410B MA-COM-MA4SW410B_15 Datasheet
793Kb / 6P
   HMIC Silicon PIN Diode Switch
MA4SW510B MA-COM-MA4SW510B_15 Datasheet
531Kb / 7P
   HMIC Silicon PIN Diode Switch
MASW-005102 MA-COM-MASW-005102 Datasheet
534Kb / 7P
   HMIC??Silicon PIN Diode Switch
MA4SW510B-1 MA-COM-MA4SW510B-1 Datasheet
531Kb / 7P
   HMIC??Silicon PIN Diode Switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com