Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD4702 Datasheet(PDF) 6 Page - NEC

Part # UPD4702
Description  INCREMENTAL ENCODER 8-BIT UP/DOWN COUNTER CMOS INTEGRATED CIRCUITS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD4702 Datasheet(HTML) 6 Page - NEC

Back Button UPD4702 Datasheet HTML 2Page - NEC UPD4702 Datasheet HTML 3Page - NEC UPD4702 Datasheet HTML 4Page - NEC UPD4702 Datasheet HTML 5Page - NEC UPD4702 Datasheet HTML 6Page - NEC UPD4702 Datasheet HTML 7Page - NEC UPD4702 Datasheet HTML 8Page - NEC UPD4702 Datasheet HTML 9Page - NEC UPD4702 Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
µPD4702
PARAMETER
SYMBOL
RATING
UNIT
Supply voltage
VDD
–0.5 to +7.0
V
Input voltage
VI
–1.0 to VDD +1.0
V
Output voltage
VO
–0.5 to VDD +0.5
V
Operating temperature
Topt
–40 to +85
°C
Storage temperature
Tstg
–65 to +150
°C
Permissible loss
PD
500 (DIP)
200 (SOP)
mW
PARAMETER
SYMBOL
TEST CONDITIONS
RATING
UNIT
MIN.
MAX.
Input voltage high
VIL
0.8
V
Input voltage low
VIH
A, B, Reset
2.6
V
VIH
Other than the above
2.2
V
Output voltage low
VOL
IOL = 12 mA
0.45
V
Output voltage high
VOH
IOH = –4 mA
VDD – 0.8
V
Static consumption current
IDD
VI = VDD, VSS
50
µA
Input current
II
VI = VDD, VSS
–1.0
1.0
µA
3-state output leak current
IOFF
–10
10
µA
Dynamic consumption current
IDD dyn
fIN = 3.6 MHz, CL = 50 pF
12
mA
Hysteresis voltage
VH
A, B, Reset
0.2
V
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
MAX.
UNIT
Cycle
tCYAB
fin = 3.6 MHz
280
ns
High-level width
tPWABH
140
ns
A, B
Low-level width
tPWABL
140
ns
Phase difference time
tSAB
70
ns
Setting time
tSRSAB
0ns
Reset time
tDRSCD
60
ns
Output delay
tDABCD
100
ns
CD0 to 7
Output delay
tDOECD
50
ns
Output delay
tDSTBCD
60
ns
Float time
tFOECD
40
ns
Carry
Output delay
tDABCB
120
ns
Borrow
Output pulse width
tPWCB
25
120
ns
RESET
Reset pulse width
tPWRS
40
ns
STB
Setting time
tSABSTB
40
ns
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C, VSS = 0 V)
DC CHARACTERISTICS (TA = –40 to +85
°C, VDD = +5 V ±10 %)
AC CHARACTERISTICS (TA = –40 to +85
°C, VDD = +5 V ±10 %)


Similar Part No. - UPD4702

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD4702 RENESAS-UPD4702 Datasheet
279Kb / 17P
   MOS INTEGRATED CIRCUIT
1993
UPD4702C RENESAS-UPD4702C Datasheet
279Kb / 17P
   MOS INTEGRATED CIRCUIT
1993
UPD4702G RENESAS-UPD4702G Datasheet
279Kb / 17P
   MOS INTEGRATED CIRCUIT
1993
More results

Similar Description - UPD4702

ManufacturerPart #DatasheetDescription
logo
NEC
UPD4704 NEC-UPD4704 Datasheet
191Kb / 16P
   EXTENSION 8-BIT UP/DOWN COUNTER CMOS INTEGRATED CIRCUITS
logo
Fairchild Semiconductor
DM74LS469 FAIRCHILD-DM74LS469 Datasheet
143Kb / 8P
   8-Bit Up/Down Counter
logo
National Semiconductor ...
DM54LS469 NSC-DM54LS469 Datasheet
124Kb / 4P
   DM54LS469/DM74LS469 8-Bit Up/Down Counter
logo
Renesas Technology Corp
CD4029BMS RENESAS-CD4029BMS Datasheet
436Kb / 11P
   CMOS Presettable Up/Down Counter
December 1992
logo
Intersil Corporation
CD4029BMS INTERSIL-CD4029BMS Datasheet
124Kb / 11P
   CMOS Presettable Up/Down Counter
December 1992
logo
List of Unclassifed Man...
SCL4516B ETC1-SCL4516B Datasheet
598Kb / 3P
   CMOS BINARY UP/DOWN COUNTER
logo
Texas Instruments
CD4029B TI-CD4029B Datasheet
302Kb / 7P
[Old version datasheet]   CMOS PRESETTABLE UP/DOWN COUNTER
logo
List of Unclassifed Man...
SCL4510B ETC1-SCL4510B Datasheet
742Kb / 4P
   CMOS BCD UP/DOWN COUNTER
logo
Texas Instruments
CD4029B TI1-CD4029B_15 Datasheet
1Mb / 18P
[Old version datasheet]   CMOS PRESETTABLE UP/DOWN COUNTER
logo
Fairchild Semiconductor
MM74C192 FAIRCHILD-MM74C192 Datasheet
62Kb / 6P
   Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com