Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KIA78D33F Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KIA78D33F
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT (3 TERMINAL LOW DROP OUTPUT VOLTAGE REGULATOR)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA78D33F Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KIA78D33F Datasheet HTML 1Page - KEC(Korea Electronics) KIA78D33F Datasheet HTML 2Page - KEC(Korea Electronics) KIA78D33F Datasheet HTML 3Page - KEC(Korea Electronics) KIA78D33F Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2002. 9. 24
1/4
SEMICONDUCTOR
TECHNICAL DATA
KIA78D25F~78D15F
BIPOLAR LINEAR INTEGRATED CIRCUIT
Revision No : 3
3 TERMINAL LOW DROP OUTPUT VOLTAGE REGULATOR
The KIA78DXXF Series are fixed positive output low drop out
type, 3-pin voltage regulators with positive outout.
These regulators are used to provide a stabilized output voltage from
a fluctuating DC input voltage.
These are 12 fixed output voltage, as follows ; 2.5V, 3.0V, 3.3V, 3.5V,
3.7V, 5V, 6V, 8V, 9V, 10V, 12V, and 15V.
The maximum current capacity is 1A for each of the above voltage.
FEATURES
Built in over voltage protection circuit, over current protection
circuit and thermal shut down circuit.
Compatible with the KIA78DXXF Series.
Richly diverse Lineup.
Low minimum I/O voltage differential.
LINE UP
DPAK
DIM
MILLIMETERS
A
B
C
D
F
H
I
J
K
L
6.60 0.2
6.10 0.2
5.0 0.2
1.10 0.2
2.70 0.2
2.30 0.1
1.00 MAX
2.30 0.2
0.50 0.1
2.00 0.20
0.50 0.10
E
0.91 0.10
M
0.90 0.1
O
A
C
I
J
H
F
F
P
L
12
3
1. INPUT
2. COMMON
3. OUTPUT
1.00 0.10
P
0.95 MAX
Q
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
CHARACTERISTIC
SYMBOL RATING
UNIT
Remark
Input Voltage
VIN
35
V
-
Output Current
IO
1
A
-
Power Dissipation
Pd
1.3
W
No heatsink
Junction Temperature
Tj
125
-
Operating Temperature
Topr
-40 85
-
Storage Temperature
Tstg
-50 150
-
Soldering Temperature (10sec)
Tsol
260
-
ITEM
OUTPUT VOLTAGE (Typ.)
UNIT
* KIA78D25F
2.5
V
* KIA78D30F
3.0
KIA78D33F
3.3
* KIA78D35F
3.5
* KIA78D37F
3.7
KIA78D05F
5
KIA78D06F
6
KIA78D08F
8
KIA78D09F
9
KIA78D10F
10
KIA78D12F
12
KIA78D15F
15
Note) * : Under development.
MAXIMUM RATINGS (Ta=25 )


Similar Part No. - KIA78D33F

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA78D33F KEC-KIA78D33F Datasheet
67Kb / 6P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78D33F/PI KEC-KIA78D33F/PI Datasheet
67Kb / 6P
   SEMICONDUCTOR
KIA78D33F/PI KEC-KIA78D33F/PI Datasheet
893Kb / 6P
   SEMICONDUCTOR
More results

Similar Description - KIA78D33F

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA378R05PI KEC-KIA378R05PI Datasheet
118Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL 3A OUTPUT LOW DROP VOLTAGE REGULATOR)
KIA378R25PI KEC-KIA378R25PI Datasheet
97Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL 3A OUTPUT LOW DROP VOLTAGE REGULATOR)
KIA278R05PI KEC-KIA278R05PI Datasheet
118Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL 2A OUTPUT LOW DROP VOLTAGE REGULATOR)
KIA278R25PI KEC-KIA278R25PI Datasheet
97Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL 2A OUTPUT LOW DROP VOLTAGE REGULATOR)
KIA78R05API KEC-KIA78R05API Datasheet
1Mb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL LOW DROP VOLTAGE REGULATOR)
KIA78R05F KEC-KIA78R05F Datasheet
122Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (5 TERMINAL LOW DROP VOLTAGE REGULATOR)
KIA78R25API KEC-KIA78R25API Datasheet
105Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL LOW DROP VOLTAGE REGULATOR)
KIA78R05PI KEC-KIA78R05PI Datasheet
129Kb / 6P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL LOW DROP VOLTAGE REGULATOR)
KIA78R25F KEC-KIA78R25F Datasheet
103Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (5 TERMINAL LOW DROP VOLTAGE REGULATOR)
KIA78L05BP KEC-KIA78L05BP Datasheet
350Kb / 16P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE VOLTAGE REGULATOR)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com