Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NP60N055KUG Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # NP60N055KUG
Description  SWITCHING N-CHANNEL POWER MOS FET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NP60N055KUG Datasheet(HTML) 6 Page - Renesas Technology Corp

  NP60N055KUG_15 Datasheet HTML 1Page - Renesas Technology Corp NP60N055KUG_15 Datasheet HTML 2Page - Renesas Technology Corp NP60N055KUG_15 Datasheet HTML 3Page - Renesas Technology Corp NP60N055KUG_15 Datasheet HTML 4Page - Renesas Technology Corp NP60N055KUG_15 Datasheet HTML 5Page - Renesas Technology Corp NP60N055KUG_15 Datasheet HTML 6Page - Renesas Technology Corp NP60N055KUG_15 Datasheet HTML 7Page - Renesas Technology Corp NP60N055KUG_15 Datasheet HTML 8Page - Renesas Technology Corp NP60N055KUG_15 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Data Sheet D16862EJ1V0DS
4
NP60N055KUG
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
FORWARD TRANSFER CHARACTERISTICS
0
100
200
300
01234
56789
VGS = 10 V
Pulsed
VDS - Drain to Source Voltage - V
0.001
0.01
0.1
1
10
100
1000
01
23
4
5
6
7
TA =
−55°C
25°C
75°C
125°C
175°C
VDS = 10 V
Pulsed
VGS - Gate to Source Voltage - V
GATE TO SOURCE THRESHOLD VOLTAGE vs.
CHANNEL TEMPERATURE
FORWARD TRANSFER ADMITTANCE vs.
DRAIN CURRENT
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
-100
-50
0
50
100
150
200
VDS = VGS
ID = 250
µA
Pulsed
Tch - Channel Temperature -
°C
0
1
10
100
0.1
1
10
100
1000
VDS = 10 V
Pulsed
TA =
−50°C
25°C
125°C
175°C
ID - Drain Current - A
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
DRAIN CURRENT
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
GATE TO SOURCE VOLTAGE
0
5
10
15
20
25
30
1
10
100
1000
Pulsed
VGS = 10 V
ID - Drain Current - A
0
2
4
6
8
10
12
14
16
18
20
0
2
4
6
8
101214 1618 20
Pulsed
ID = 48 A
30 A
12 A
VGS - Gate to Source Voltage - V


Similar Part No. - NP60N055KUG_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NP60N055KUG RENESAS-NP60N055KUG Datasheet
5Mb / 6P
   Product Scout Automotive
More results

Similar Description - NP60N055KUG_15

ManufacturerPart #DatasheetDescription
logo
NEC
2SK4078 NEC-2SK4078 Datasheet
184Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET
2SK4092 NEC-2SK4092 Datasheet
198Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET
2SK3116 NEC-2SK3116 Datasheet
70Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET
logo
Renesas Technology Corp
2SK3943 RENESAS-2SK3943_15 Datasheet
265Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
NP80N04MLG RENESAS-NP80N04MLG_15 Datasheet
356Kb / 12P
   SWITCHING N-CHANNEL POWER MOS FET
NP82N06PLG RENESAS-NP82N06PLG_15 Datasheet
313Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
NP90N06VLG RENESAS-NP90N06VLG_15 Datasheet
337Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
NP90N04PUF RENESAS-NP90N04PUF_15 Datasheet
274Kb / 9P
   SWITCHING N-CHANNEL POWER MOS FET
2SK3793 RENESAS-2SK3793_15 Datasheet
306Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
2SK3811 RENESAS-2SK3811_15 Datasheet
274Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com