Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KIA78M05T Datasheet(PDF) 5 Page - KEC(Korea Electronics)

Part # KIA78M05T
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE VOLTAGE REGULATORS)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA78M05T Datasheet(HTML) 5 Page - KEC(Korea Electronics)

  KIA78M05T Datasheet HTML 1Page - KEC(Korea Electronics) KIA78M05T Datasheet HTML 2Page - KEC(Korea Electronics) KIA78M05T Datasheet HTML 3Page - KEC(Korea Electronics) KIA78M05T Datasheet HTML 4Page - KEC(Korea Electronics) KIA78M05T Datasheet HTML 5Page - KEC(Korea Electronics) KIA78M05T Datasheet HTML 6Page - KEC(Korea Electronics) KIA78M05T Datasheet HTML 7Page - KEC(Korea Electronics) KIA78M05T Datasheet HTML 8Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2002. 8. 29
5/8
KIA78M05T KIA78M15T
Revision No : 0
ELECTRICAL CHARACTERISTICS
KIA78M12T
(unless otherwise specified : VIN=19V, IO=350mA, CIN=0.33 F, Co=0.1 F)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Output Voltage
VOUT
Tj=25
11.5
12
12.5
V
5mA IOUT 350mA
PD 7.5W, 14.8V VIN 27V
11.4
12
12.6
Line Regulation
Reg Line
16V VIN 30V, IOUT=200mA
-
-
50
mV
14.5V VIN 30V, IOUT=200mA
-
-
100
Load Regulation
Reg Load
5mA IOUT 500mA
-
-
240
mV
Quiescent Current
IB
Tj=25
-
4
6
mA
Quiescent Current Change
IB
5mA IOUT 350mA
-
-
0.5
mA
14.5V VIN 25V, IOUT=200mA
-
-
1.0
mA
Output Noise Voltage
VNO
f=10Hz 100kHz
-
75
-
V
Ripple Rejection
R R
f=120Hz, 15V VIN 25V
IOUT=300mA
55
75
-
dB
Dropout Voltage
VD
IOUT=500mA
-
2.0
-
V
Short Circuit Current
ISC
VIN=35V
-
300
-
mA
Output Voltage Drift
VOUT/ T
IOUT=5mA, Tj=0 125
-
-0.5
-
mV/


Similar Part No. - KIA78M05T

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA78M05F KEC-KIA78M05F Datasheet
422Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE VOLTAGE REGULATOR)
KIA78M05F KEC-KIA78M05F Datasheet
428Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78M05P KEC-KIA78M05P Datasheet
170Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE VOLTAGE REGULATORS)
KIA78M05PI KEC-KIA78M05PI Datasheet
170Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE VOLTAGE REGULATORS)
KIA78M05PI KEC-KIA78M05PI Datasheet
430Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results

Similar Description - KIA78M05T

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA79M05F KEC-KIA79M05F Datasheet
444Kb / 9P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE VOLTAGE REGULATORS)
KIA78M05P KEC-KIA78M05P Datasheet
170Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE VOLTAGE REGULATORS)
KIA78S05P KEC-KIA78S05P Datasheet
345Kb / 16P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE VOLTAGE REGULATORS)
KIA79M05PI KEC-KIA79M05PI Datasheet
447Kb / 9P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE VOLTAGE REGULATORS)
KIA79M05P KEC-KIA79M05P Datasheet
182Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL NEGATIVE VOLTAGE REGULATORS)
KIA79S05P KEC-KIA79S05P Datasheet
242Kb / 12P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL NEGATIVE VOLTAGE REGULATORS)
KIA79M05T KEC-KIA79M05T Datasheet
444Kb / 9P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL NEGATIVE VOLTAGE REGULATORS)
KIA78L05BP KEC-KIA78L05BP Datasheet
350Kb / 16P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE VOLTAGE REGULATOR)
KIA78L05F KEC-KIA78L05F Datasheet
346Kb / 16P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE VOLTAGE REGULATOR)
KIA78M05F KEC-KIA78M05F Datasheet
422Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE VOLTAGE REGULATOR)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com