Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1566-1 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1566-1
Description  Low Noise 2.3MHz Continuous Time Lowpass Filter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1566-1 Datasheet(HTML) 8 Page - Linear Technology

  LTC1566-1 Datasheet HTML 1Page - Linear Technology LTC1566-1 Datasheet HTML 2Page - Linear Technology LTC1566-1 Datasheet HTML 3Page - Linear Technology LTC1566-1 Datasheet HTML 4Page - Linear Technology LTC1566-1 Datasheet HTML 5Page - Linear Technology LTC1566-1 Datasheet HTML 6Page - Linear Technology LTC1566-1 Datasheet HTML 7Page - Linear Technology LTC1566-1 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
LTC1566-1
8
15661fa
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 FAX:(408)434-0507 www.linear-tech.com
© LINEAR TECHNOLOGY CORPORATION 2001
LT/TP 0504 1K REV A • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC1560-1
1MHz/500kHz Continuous Time, Lowpass Elliptic Filter
fCUTTOFF = 500kHz or 1MHz
LTC1562/LTC1562-2
Universal 8th Order Active RC Filters
fCUTOFF(MAX) = 150kHz (LTC1562),
fCUTOFF(MAX) = 300kHz (LTC1562-2)
LTC1563-2/LTC1563-3 4th Order Active RC Lowpass Filters
fCUTOFF(MAX) = 256kHz
LTC1565-31
650kHz Continuous Time, Linear Phase Lowpass Filter
7th Order, Differential Inputs and Outputs
LTC1569-6/LTC1569-7 Self Clocked, 10th Order Linear Phase Lowpass Filters
fCLK/fCUTOFF = 64/1, fCUTOFF(MAX) = 75kHz (LTC1569-6),
fCLK/fCUTOFF = 32/1, fCUTOFF(MAX) = 300kHz (LTC1569-7)
Wideband CDMA Base Station Receiver Block Diagram
1566-1 TA01a
IN+
IN
GND
V
8
7
6
5
OUT+
OUT
V+
VODC
1
2
3
4
LTC1566-1
50Ω
50Ω
10k
10k
1k
5k
5k
5k
5k
0.1µF
0.1µF
0.1µF
π°
Σ°
VIN
VOUT
MINICIRCUITS
SPLITTER
ZSCJ-2-2
+
–15V
15V
LT1363
2.5V
–2.5V
S2
S1
CLOSE SWITCH S1
AND APPLY A VOLTAGE
TO ALTER THE OUTPUT
COMMON MODE.
CLOSE SWITCH S2
AND APPLY A VOLTAGE
TO ADD A DC OFFSET.
CHANGE THE POWER SUPPLY VOLTAGES TO ALTER THE INPUT COMMON MODE VOLTAGE.
FOR EXAMPLE, VS = 3, –2 MAKES THE EFFECTIVE INPUT COMMON MODE –0.5V BELOW MID SUPPLY.
1566-1 TA02a
IN+
IN
GND
V
8
7
6
5
OUT+
OUT
V+
VODC
1
2
3
4
LTC1566-1
0.1µF
0.1µF
VOUT
+
10k
10k
2k
2k
5V
5V
5V
5Mbps
DATA
15k
LTC1566-1
LPF
ADC
ADC
0°/90°
RF/IF
SECTION
LO
DSP
I
Q
90°
1566-1 TA03
LTC1566-1
LPF
A Fixture for Evaluation with Single-Ended, Ground Referenced Test Equipment
Simple Pulse Shaping Circuit for Single 5V Operation, 5Mbps 2 Level Data
TYPICAL APPLICATIO S
1566-1 TA02b
50ns/DIV
0
300mV/
DIV


Similar Part No. - LTC1566-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1566-1 LINER-LTC1566-1 Datasheet
194Kb / 8P
   Low Noise 2.3MHz Continuous Time Lowpass Filter
LTC1566-1 LINER-LTC1566-1 Datasheet
203Kb / 16P
   1.4nV/?숰z 180MHz Filter Building Block
LTC1566-1CS8 LINER-LTC1566-1CS8 Datasheet
194Kb / 8P
   Low Noise 2.3MHz Continuous Time Lowpass Filter
LTC1566-1IS8 LINER-LTC1566-1IS8 Datasheet
194Kb / 8P
   Low Noise 2.3MHz Continuous Time Lowpass Filter
More results

Similar Description - LTC1566-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1566-1 LINER-LTC1566-1 Datasheet
194Kb / 8P
   Low Noise 2.3MHz Continuous Time Lowpass Filter
LTC1560-1 LINER-LTC1560-1_15 Datasheet
220Kb / 8P
   1MHz/500kHz Continuous Time, Low Noise, Lowpass Elliptic Filter
LTC1560-1 LINER-LTC1560-1 Datasheet
274Kb / 8P
   1MHz/500kHz Continuous Time, Low Noise, Lowpass Elliptic Filter
LTC1565-31 LINER-LTC1565-31_15 Datasheet
188Kb / 12P
   650kHz Continuous Time, Linear Phase Lowpass Filter
LTC1565-31 LINER-LTC1565-31_1 Datasheet
197Kb / 12P
   650kHz Continuous Time, Linear Phase Lowpass Filter
LTC1565-31 LINER-LTC1565-31 Datasheet
136Kb / 8P
   650kHz Continuous Time, Linear Phase Lowpass Filter
LT6600-15 LINER-LT6600-15_15 Datasheet
164Kb / 12P
   Very Low Noise, Differential Amplifier and 15MHz Lowpass Filter
LT6600-2.5 LINER-LT6600-2.5 Datasheet
173Kb / 12P
   Very Low Noise, Differential Amplifier and 2.5MHz Lowpass Filter
LTC1064-1 LINER-LTC1064-1 Datasheet
528Kb / 8P
   Low Noise,8th Order Clock Sweepable Elliptic Lowpass Filter?
LTC1064-2 LINER-LTC1064-2 Datasheet
547Kb / 8P
   Low Noise, High Frequency, 8th Order Butterworth Lowpass Filter???
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com