Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1566-1 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1566-1
Description  Low Noise 2.3MHz Continuous Time Lowpass Filter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1566-1 Datasheet(HTML) 1 Page - Linear Technology

  LTC1566-1 Datasheet HTML 1Page - Linear Technology LTC1566-1 Datasheet HTML 2Page - Linear Technology LTC1566-1 Datasheet HTML 3Page - Linear Technology LTC1566-1 Datasheet HTML 4Page - Linear Technology LTC1566-1 Datasheet HTML 5Page - Linear Technology LTC1566-1 Datasheet HTML 6Page - Linear Technology LTC1566-1 Datasheet HTML 7Page - Linear Technology LTC1566-1 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LTC1566-1
1
15661fa
APPLICATIO S
FEATURES
DESCRIPTIO
TYPICAL APPLICATIO
The LTC
®1566-1 is a 7th order continuous time lowpass
filter with 12dB of passband gain. The selectivity, linearity
and dynamic range makes the LTC1566-1 suitable for
filtering in data communications or data acquisition
systems. The filter attenuation is 40dB at 1.5 × fCUTOFF and
at least 60dB for frequencies above 10MHz.
The LTC1566-1 has an input referred noise of 62µVRMS in
a 2MHz bandwidth. In receiver applications where the
signal levels are small, the filter features 71dB of spurious
free dynamic range.
With 5% accuracy of the cutoff frequency, the LTC1566-1
can be used in applications requiring pairs of matched
filters, such as transceiver I and Q channels.
The differential inputs and outputs provide a simple inter-
face for wireless systems. The high impedance inputs are
easily coupled to differential demodulators or D/A con-
verters. The output DC common mode voltage and output
DC offset voltage are adjustable so the signal path can be
optimized for driving an A/D converter or differential
modulator.
Other cutoff frequencies and single-ended I/O can be
provided upon request. Please contact LTC Marketing.
WCDMA Basestations
Communication Filters
Antialiasing Filters
Smoothing or Reconstruction Filters
Matched Filter Pairs
Replacement for LC Filters
, LTC and LT are registered trademarks of Linear Technology Corporation.
7th Order, 2.3MHz Lowpass Filter in an SO-8
62µVRMS Input Referred Noise
Operates on a Single 5V or a ±5V Supply
Differential Inputs and Outputs
Low Offset (3mV typical, 10mVMAX)
Adjustable Output Common Mode Voltage
40dB Attenuation at 1.5 × fCUTOFF
Requires No External Components
Low Noise 2.3MHz
Continuous Time Lowpass Filter
Frequency Response
Single 5V Supply, Differential
2.3MHz Lowpass Filter
LTC1566-1
1
2
3
4
OUT +
OUT
V +
VODC
IN +
IN
GND
V
8
7
6
5
VIN
VOUT
+
+
5V
10k
10k
0.1µF
0.1µF
1566-1 TA01
FREQUENCY (MHz)
0.1
20
10
0
–10
–20
–30
–40
–50
–60
–70
–80
1000
900
800
700
600
500
400
300
200
100
0
1.0
10
100
1566-1 G01
DELAY
GAIN


Similar Part No. - LTC1566-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1566-1 LINER-LTC1566-1 Datasheet
194Kb / 8P
   Low Noise 2.3MHz Continuous Time Lowpass Filter
LTC1566-1 LINER-LTC1566-1 Datasheet
203Kb / 16P
   1.4nV/?숰z 180MHz Filter Building Block
LTC1566-1CS8 LINER-LTC1566-1CS8 Datasheet
194Kb / 8P
   Low Noise 2.3MHz Continuous Time Lowpass Filter
LTC1566-1IS8 LINER-LTC1566-1IS8 Datasheet
194Kb / 8P
   Low Noise 2.3MHz Continuous Time Lowpass Filter
More results

Similar Description - LTC1566-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1566-1 LINER-LTC1566-1 Datasheet
194Kb / 8P
   Low Noise 2.3MHz Continuous Time Lowpass Filter
LTC1560-1 LINER-LTC1560-1_15 Datasheet
220Kb / 8P
   1MHz/500kHz Continuous Time, Low Noise, Lowpass Elliptic Filter
LTC1560-1 LINER-LTC1560-1 Datasheet
274Kb / 8P
   1MHz/500kHz Continuous Time, Low Noise, Lowpass Elliptic Filter
LTC1565-31 LINER-LTC1565-31_15 Datasheet
188Kb / 12P
   650kHz Continuous Time, Linear Phase Lowpass Filter
LTC1565-31 LINER-LTC1565-31_1 Datasheet
197Kb / 12P
   650kHz Continuous Time, Linear Phase Lowpass Filter
LTC1565-31 LINER-LTC1565-31 Datasheet
136Kb / 8P
   650kHz Continuous Time, Linear Phase Lowpass Filter
LT6600-15 LINER-LT6600-15_15 Datasheet
164Kb / 12P
   Very Low Noise, Differential Amplifier and 15MHz Lowpass Filter
LT6600-2.5 LINER-LT6600-2.5 Datasheet
173Kb / 12P
   Very Low Noise, Differential Amplifier and 2.5MHz Lowpass Filter
LTC1064-1 LINER-LTC1064-1 Datasheet
528Kb / 8P
   Low Noise,8th Order Clock Sweepable Elliptic Lowpass Filter?
LTC1064-2 LINER-LTC1064-2 Datasheet
547Kb / 8P
   Low Noise, High Frequency, 8th Order Butterworth Lowpass Filter???
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com