Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD4704 Datasheet(PDF) 9 Page - NEC

Part # UPD4704
Description  EXTENSION 8-BIT UP/DOWN COUNTER CMOS INTEGRATED CIRCUITS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD4704 Datasheet(HTML) 9 Page - NEC

Back Button UPD4704 Datasheet HTML 5Page - NEC UPD4704 Datasheet HTML 6Page - NEC UPD4704 Datasheet HTML 7Page - NEC UPD4704 Datasheet HTML 8Page - NEC UPD4704 Datasheet HTML 9Page - NEC UPD4704 Datasheet HTML 10Page - NEC UPD4704 Datasheet HTML 11Page - NEC UPD4704 Datasheet HTML 12Page - NEC UPD4704 Datasheet HTML 13Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
µPD4704
Consumption Current Measurement Circuit
AC Test Input Waveform
A
B
STB
OE
D7
D1
D0
CL
CL
CL
VDD
2.6 V
0.8 V
STB input connected to VDD or OE input connected to VSS.
Load on all outputs, CL = 50 pF.
Measurement Conditions
A, B inputs
fIN = 16 MHz
• 3 state output
VIH
VIL
VIH = 2.6 V (RESET input)
VIH = 2.2 V (inputs other than RESET)
VIL = 0.8 V
Timing measurement is performed at 1.5 V.
OE
tDOECD
Output
1.5 V
tDFOECD
VOH
0 V
VDD
VOL
1.5 V
1.5 V
90 %
10 %
Output
Output
R = 1 k
C = 50 pF
VDD
R
R
C
C


Similar Part No. - UPD4704

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD4704 RENESAS-UPD4704 Datasheet
415Kb / 18P
   MOS INTEGRATED CIRCUIT
1993
UPD4704C RENESAS-UPD4704C Datasheet
415Kb / 18P
   MOS INTEGRATED CIRCUIT
1993
UPD4704G RENESAS-UPD4704G Datasheet
415Kb / 18P
   MOS INTEGRATED CIRCUIT
1993
More results

Similar Description - UPD4704

ManufacturerPart #DatasheetDescription
logo
NEC
UPD4702 NEC-UPD4702 Datasheet
167Kb / 16P
   INCREMENTAL ENCODER 8-BIT UP/DOWN COUNTER CMOS INTEGRATED CIRCUITS
logo
Fairchild Semiconductor
DM74LS469 FAIRCHILD-DM74LS469 Datasheet
143Kb / 8P
   8-Bit Up/Down Counter
logo
National Semiconductor ...
DM54LS469 NSC-DM54LS469 Datasheet
124Kb / 4P
   DM54LS469/DM74LS469 8-Bit Up/Down Counter
logo
Renesas Technology Corp
CD4029BMS RENESAS-CD4029BMS Datasheet
436Kb / 11P
   CMOS Presettable Up/Down Counter
December 1992
logo
Intersil Corporation
CD4029BMS INTERSIL-CD4029BMS Datasheet
124Kb / 11P
   CMOS Presettable Up/Down Counter
December 1992
logo
List of Unclassifed Man...
SCL4516B ETC1-SCL4516B Datasheet
598Kb / 3P
   CMOS BINARY UP/DOWN COUNTER
logo
Texas Instruments
CD4029B TI-CD4029B Datasheet
302Kb / 7P
[Old version datasheet]   CMOS PRESETTABLE UP/DOWN COUNTER
logo
List of Unclassifed Man...
SCL4510B ETC1-SCL4510B Datasheet
742Kb / 4P
   CMOS BCD UP/DOWN COUNTER
logo
Texas Instruments
CD4029B TI1-CD4029B_15 Datasheet
1Mb / 18P
[Old version datasheet]   CMOS PRESETTABLE UP/DOWN COUNTER
logo
Fairchild Semiconductor
MM74C192 FAIRCHILD-MM74C192 Datasheet
62Kb / 6P
   Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com