Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1688 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1688
Description  100Mbps RS485 Hot Swapable Quad Drivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1688 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1688 Datasheet HTML 3Page - Linear Technology LTC1688 Datasheet HTML 4Page - Linear Technology LTC1688 Datasheet HTML 5Page - Linear Technology LTC1688 Datasheet HTML 6Page - Linear Technology LTC1688 Datasheet HTML 7Page - Linear Technology LTC1688 Datasheet HTML 8Page - Linear Technology LTC1688 Datasheet HTML 9Page - Linear Technology LTC1688 Datasheet HTML 10Page - Linear Technology LTC1688 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LTC1688/LTC1689
16889fa
APPLICATIONS INFORMATION
Hot Swap Capability
With the LTC1688/LTC1689 outputs disabled but con-
nected to the transmission line, the user can turn on/off the
power to the LTC1688/LTC1689 without inducing a differ-
ential signal on the transmission line. Due to capacitive
coupling, however, there can be a small amount of com-
mon mode charge injected into both disabled outputs,
which is not seen as a differential signal (see Figure 7). The
disabled outputs can be hooked/unhooked to a transmis-
sion line without disturbing the existing data.
Output Short-Circuit Protection
In addition to 100Mbps operation and Hot Swap capability,
the LTC1688/LTC1689 employ voltage sensing short-
circuit protection that reduces short-circuit current by
over an order of magnitude. For a given input polarity, this
circuitry determines what the correct output level should
be. If the output level is different from the expected, the
circuitry shuts off the big output devices. Much smaller
devices are instead turned on, thus producing a much
smaller short-circuit output current (3mA typical). For
example, if the driver input is > 2V, it expects the “A” output
to be > 3.25V and the “B” output to be less than 1.75V. If
the “A” output is subsequently shorted to a voltage below
VDD/2, this circuitry shuts off the big outputs and turns on
3mA current sources instead (the converse applies to the
“B” output). Note that these 3mA current sources are
active only during a short-circuit fault. During normal
operation, the regular output drivers can sink/source
> 50mA.
A time-out period of about 50ns is required before a short-
circuit fault is detected. This circuitry might falsely detect
a short under excess output capacitive load (> 200pF).
Additionally, a short might go undetected if there is too
much resistance (user inserted or cable parasitic) between
the physical short and the actual driver output.
For cables with the recommended RS485 termination (no
DC bias on the cable, see Figure 8), the LTC1688/LTC1689
will automatically come out of short-circuit mode once the
physical short has been removed.
To prevent permanent damage to the part, the maximum
allowable short is 10V (not 12V). Note that during a short,
the voltage right at the pin should not ring to a voltage
higher than 12V. Instability could surface if the short is
made with long leads (parasitic inductance). Once the
short is removed, the instability will disappear.
Figure 7. Common Mode Charge Injection During Hot Swapping
A OUTPUT
B OUTPUT


Similar Part No. - LTC1688

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1688 LINER-LTC1688 Datasheet
160Kb / 12P
   100Mbps RS485 Hot Swapable Quad Drivers
LTC1688CS LINER-LTC1688CS Datasheet
160Kb / 12P
   100Mbps RS485 Hot Swapable Quad Drivers
logo
Linear Dimensions Semic...
LTC1688IS LINEAR_DIMENSIONS-LTC1688IS Datasheet
229Kb / 12P
   100Mbps RS485 Hot Swapable Quad Drivers
More results

Similar Description - LTC1688

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1688 LINER-LTC1688 Datasheet
160Kb / 12P
   100Mbps RS485 Hot Swapable Quad Drivers
LTC1689 LINER-LTC1689_15 Datasheet
229Kb / 12P
   100Mbps RS485 Hot Swapable Quad Drivers
logo
Linear Dimensions Semic...
LTC1688IS LINEAR_DIMENSIONS-LTC1688IS Datasheet
229Kb / 12P
   100Mbps RS485 Hot Swapable Quad Drivers
logo
Linear Technology
LTC489CSW LINER-LTC489CSW Datasheet
117Kb / 12P
   Quad RS485 Line Receiver
LTC488CN LINER-LTC488CN Datasheet
142Kb / 12P
   Quad RS485 Line Receiver
LTC488 LINER-LTC488 Datasheet
228Kb / 12P
   Quad RS485 Line Receiver
LTC488CSW LINER-LTC488CSW Datasheet
117Kb / 12P
   Quad RS485 Line Receiver
LTC488 LINER-LTC488_15 Datasheet
137Kb / 12P
   Quad RS485 Line Receiver
LTC489 LINER-LTC489_15 Datasheet
137Kb / 12P
   Quad RS485 Line Receiver
LTC487 LINER-LTC487_05 Datasheet
113Kb / 8P
   Quad Low Power RS485 Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com