Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1689 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1689
Description  100Mbps RS485 Hot Swapable Quad Drivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1689 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1689_15 Datasheet HTML 4Page - Linear Technology LTC1689_15 Datasheet HTML 5Page - Linear Technology LTC1689_15 Datasheet HTML 6Page - Linear Technology LTC1689_15 Datasheet HTML 7Page - Linear Technology LTC1689_15 Datasheet HTML 8Page - Linear Technology LTC1689_15 Datasheet HTML 9Page - Linear Technology LTC1689_15 Datasheet HTML 10Page - Linear Technology LTC1689_15 Datasheet HTML 11Page - Linear Technology LTC1689_15 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
LTC1688/LTC1689
16889fa
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
Figure 19. 1000 Feet, 1Mbps, LTC1518 Receiver
Figure 18. 1000 Feet, 5Mbps, LTC1518 Receiver
APPLICATIONS INFORMATION
Figure 21. 200 Feet, 33Mbps, LTC1518 Receiver
Figure 20. 200 Feet, 20Mbps, LTC1518 Receiver
Figure 23. 25 Feet, 100Mbps, BRF2A Receiver
Figure 22. 100 Feet, 50Mbps, LTC1518 Receiver
500ns/DIV
1688/89 F18
2V/DIV
DRIVER INPUT
RECEIVER INPUT
RECEIVER OUTPUT
CABLE DELAY
1
µs/DIV
1688/89 F19
2V/DIV
DRIVER INPUT
RECEIVER INPUT
RECEIVER OUTPUT
CABLE DELAY
100ns/DIV
1688/89 F20
2V/DIV
DRIVER INPUT
RECEIVER INPUT
RECEIVER OUTPUT
CABLE DELAY
50ns/DIV
1688/89 F21
2V/DIV
DRIVER INPUT
RECEIVER
OUTPUT
CABLE DELAY
RECEIVER INPUT
50ns/DIV
1688/89 F22
2V/DIV
DRIVER INPUT
RECEIVER INPUT
RECEIVER OUTPUT
CABLE DELAY
10ns/DIV
1688/89 F23
2V/DIV
DRIVER INPUT
RECEIVER
OUTPUT
CABLE DELAY
RECEIVER INPUT


Similar Part No. - LTC1689_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1689CS LINER-LTC1689CS Datasheet
160Kb / 12P
   100Mbps RS485 Hot Swapable Quad Drivers
More results

Similar Description - LTC1689_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1688 LINER-LTC1688 Datasheet
160Kb / 12P
   100Mbps RS485 Hot Swapable Quad Drivers
LTC1688 LINER-LTC1688_15 Datasheet
229Kb / 12P
   100Mbps RS485 Hot Swapable Quad Drivers
logo
Linear Dimensions Semic...
LTC1688IS LINEAR_DIMENSIONS-LTC1688IS Datasheet
229Kb / 12P
   100Mbps RS485 Hot Swapable Quad Drivers
logo
Linear Technology
LTC489CSW LINER-LTC489CSW Datasheet
117Kb / 12P
   Quad RS485 Line Receiver
LTC488CN LINER-LTC488CN Datasheet
142Kb / 12P
   Quad RS485 Line Receiver
LTC488 LINER-LTC488 Datasheet
228Kb / 12P
   Quad RS485 Line Receiver
LTC488CSW LINER-LTC488CSW Datasheet
117Kb / 12P
   Quad RS485 Line Receiver
LTC488 LINER-LTC488_15 Datasheet
137Kb / 12P
   Quad RS485 Line Receiver
LTC489 LINER-LTC489_15 Datasheet
137Kb / 12P
   Quad RS485 Line Receiver
LTC487 LINER-LTC487_05 Datasheet
113Kb / 8P
   Quad Low Power RS485 Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com