Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC5509 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC5509
Description  300MHz to 3GHz RF Power Detector in SC70 Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5509 Datasheet(HTML) 5 Page - Linear Technology

  LTC5509_15 Datasheet HTML 1Page - Linear Technology LTC5509_15 Datasheet HTML 2Page - Linear Technology LTC5509_15 Datasheet HTML 3Page - Linear Technology LTC5509_15 Datasheet HTML 4Page - Linear Technology LTC5509_15 Datasheet HTML 5Page - Linear Technology LTC5509_15 Datasheet HTML 6Page - Linear Technology LTC5509_15 Datasheet HTML 7Page - Linear Technology LTC5509_15 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
LTC5509
5
5509f
BLOCK DIAGRA
PI FU CTIO S
SHDN (Pin 1): Shutdown Input. A logic low on the SHDN
pin places the part in shutdown mode. A logic high enables
the part. SHDN has an internal 150k pull down resistor to
ensure that the part is in shutdown when no input is
applied.
GND (Pin 2, 5): Ground.
VOUT (Pin 3): Detector Output.
VCC (Pin 4): Power Supply Voltage, 2.7V to 6V. VCC should
be bypassed appropriately with ceramic capacitors.
RFIN (Pin 6): RF Input Voltage. Referenced to VCC. A
coupling capacitor must be used to connect to the RF
signal source. The frequency range is 300MHz to 3GHz.
This pin has an internal 250
Ω termination, an internal
Schottky diode detector and a peak detector capacitor.
+
+
5509 BD
28pF
VOUT
SHDN
GND
GND
33pF TO 200pF
(DEPENDING ON
APPLICATION)
2
5
1
3
4
BUFFER
250
RF DET
30k
30k
60
µA60µA
150k
40k
130mV
BIAS
100
100
RFSOURCE
RFIN
VCC
6
27k
27k


Similar Part No. - LTC5509_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5509ESC6 LINER-LTC5509ESC6 Datasheet
177Kb / 8P
   300MHz to 3GHz 300MHz RF Power Detector in SC70 Package
More results

Similar Description - LTC5509_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5509 LINER-LTC5509 Datasheet
177Kb / 8P
   300MHz to 3GHz 300MHz RF Power Detector in SC70 Package
LTC5508 LINER-LTC5508 Datasheet
251Kb / 8P
   300MHz to 7GHz RF Power Detector with Buffered Output in SC70 Package
LTC5508 LINER-LTC5508_15 Datasheet
262Kb / 8P
   300MHz to 7GHz RF Power Detector with Buffered Output in SC70 Package
LTC5533 LINER-LTC5533 Datasheet
241Kb / 12P
   300MHz to 11GHz Precision Dual RF Power Detector
LTC5533 LINER-LTC5533_15 Datasheet
251Kb / 12P
   300MHz to 11GHz Precision Dual RF Power Detector
LT5534 LINER-LT5534_15 Datasheet
1Mb / 10P
   50MHz to 3GHz RF Power Detector with 60dB Dynamic Range
LT5534 LINER-LT5534 Datasheet
191Kb / 8P
   50MHz to 3GHz RF Power Detector with 60dB Dynamic Range
LTC5532 LINER-LTC5532 Datasheet
237Kb / 12P
   300MHz to 7GHz Precision RF Power Detector with Gain and Offset Adjustment
LTC5532 LINER-LTC5532_15 Datasheet
288Kb / 16P
   Precision 300MHz to 7GHz RF Detector with Gain and Offset Adjustment
LTC5530 LINER-LTC5530_15 Datasheet
317Kb / 12P
   Precision 300MHz to 7GHz RF Detector with Shutdown and Gain Adjustment
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com