Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC5509 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC5509
Description  300MHz to 3GHz RF Power Detector in SC70 Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5509 Datasheet(HTML) 7 Page - Linear Technology

  LTC5509 Datasheet HTML 1Page - Linear Technology LTC5509 Datasheet HTML 2Page - Linear Technology LTC5509 Datasheet HTML 3Page - Linear Technology LTC5509 Datasheet HTML 4Page - Linear Technology LTC5509 Datasheet HTML 5Page - Linear Technology LTC5509 Datasheet HTML 6Page - Linear Technology LTC5509 Datasheet HTML 7Page - Linear Technology LTC5509 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
LTC5509
7
5509f
SC6 Package
6-Lead Plastic SC70
(Reference LTC DWG # 05-08-1638)
PACKAGE DESCRIPTIO
1.15 – 1.35
(NOTE 4)
1.80 – 2.40
0.15 – 0.30
6 PLCS (NOTE 3)
0.10 – 0.18
(NOTE 3)
SC6 SC70 0802
1.80 – 2.20
(NOTE 4)
0.65 BSC
PIN 1
0.80 – 1.00
1.00 MAX
0.00 – 0.10
REF
0.10 – 0.40
0.10 – 0.30
NOTE:
1. DIMENSIONS ARE IN MILLIMETERS
2. DRAWING NOT TO SCALE
3. DIMENSIONS ARE INCLUSIVE OF PLATING
4. DIMENSIONS ARE EXCLUSIVE OF MOLD FLASH AND METAL BURR
5. MOLD FLASH SHALL NOT EXCEED 0.254mm
6. DETAILS OF THE PIN 1 INDENTIFIER ARE OPTIONAL,
BUT MUST BE LOCATED WITHIN THE INDEX AREA
7. EIAJ PACKAGE REFERENCE IS EIAJ SC-70
3.26 MAX
0.47
MAX
0.65
REF
RECOMMENDED SOLDER PAD LAYOUT
PER IPC CALCULATOR
0.96 MIN
2.1 REF
1.16 REF
INDEX AREA
(NOTE 6)
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.


Similar Part No. - LTC5509

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5509 LINER-LTC5509 Datasheet
177Kb / 8P
   300MHz to 3GHz 300MHz RF Power Detector in SC70 Package
LTC5509 LINER-LTC5509 Datasheet
307Kb / 16P
   800MHz to 2.7GHz High Linearity Direct Conversion Quadrature Demodulator
LTC5509 LINER-LTC5509 Datasheet
151Kb / 12P
   UltraFast??7ns Response Time 15GHz RF Power Detector with Comparator
LTC5509 LINER-LTC5509 Datasheet
228Kb / 14P
   UltraFast??7ns Response Time 15GHz RF Power Detector with Comparator
LTC5509 LINER-LTC5509 Datasheet
194Kb / 12P
   800MHz to 1.5GHz Direct Conversion Quadrature Demodulator
More results

Similar Description - LTC5509

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5509 LINER-LTC5509 Datasheet
177Kb / 8P
   300MHz to 3GHz 300MHz RF Power Detector in SC70 Package
LTC5508 LINER-LTC5508 Datasheet
251Kb / 8P
   300MHz to 7GHz RF Power Detector with Buffered Output in SC70 Package
LTC5508 LINER-LTC5508_15 Datasheet
262Kb / 8P
   300MHz to 7GHz RF Power Detector with Buffered Output in SC70 Package
LTC5533 LINER-LTC5533 Datasheet
241Kb / 12P
   300MHz to 11GHz Precision Dual RF Power Detector
LTC5533 LINER-LTC5533_15 Datasheet
251Kb / 12P
   300MHz to 11GHz Precision Dual RF Power Detector
LT5534 LINER-LT5534_15 Datasheet
1Mb / 10P
   50MHz to 3GHz RF Power Detector with 60dB Dynamic Range
LT5534 LINER-LT5534 Datasheet
191Kb / 8P
   50MHz to 3GHz RF Power Detector with 60dB Dynamic Range
LTC5532 LINER-LTC5532 Datasheet
237Kb / 12P
   300MHz to 7GHz Precision RF Power Detector with Gain and Offset Adjustment
LTC5532 LINER-LTC5532_15 Datasheet
288Kb / 16P
   Precision 300MHz to 7GHz RF Detector with Gain and Offset Adjustment
LTC5530 LINER-LTC5530_15 Datasheet
317Kb / 12P
   Precision 300MHz to 7GHz RF Detector with Shutdown and Gain Adjustment
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com