Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4350 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN4350
Description  High power factor LED driver with constant voltage regulation based on HVLED815PF
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4350 Datasheet(HTML) 5 Page - STMicroelectronics

  AN4350 Datasheet HTML 1Page - STMicroelectronics AN4350 Datasheet HTML 2Page - STMicroelectronics AN4350 Datasheet HTML 3Page - STMicroelectronics AN4350 Datasheet HTML 4Page - STMicroelectronics AN4350 Datasheet HTML 5Page - STMicroelectronics AN4350 Datasheet HTML 6Page - STMicroelectronics AN4350 Datasheet HTML 7Page - STMicroelectronics AN4350 Datasheet HTML 8Page - STMicroelectronics AN4350 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
DocID025181 Rev 1
5/34
AN4350
Circuit description and design guidelines
34
2
Circuit description and design guidelines
2.1
Preliminary consideration
The HVLED815PF controller is specifically designed to work as a constant current (CC)
LED driver with a primary side regulation (PSR) and a high power factor (HPF) capability.
As shown on the left side of Figure 2, the HVLED815PF device incorporates two control
loops: the current control loop (constant current - CC) trough the ILED pin regulates the LED
output current (ILED = IOUTCC) and the voltage control loop (constant voltage - CV) trough
the COMP pin regulates the output voltage during the open-LED fault condition.
The voltage control loops can then be used to regulate the output voltage when the output
current is lower than the maximum deliverable current (IOUTCC) resulting in an output
characteristic showed on the right side of Figure 2.
Figure 2. Voltage and current control principle (left side) and output characteristic (right side)
Starting from the standard application schematic (see Figure 1: “Application circuit for high
power factor LED driver - single range input” in the HVLED815PF datasheet for the details)
the constant current LED driver can be easily “converted” into
a constant voltage LED driver (CV) still keeping the high power factor and low total harmonic
distortion (THD).
The high power factor is implemented adding through the RPF resistor a contribution
proportional to the VIN input voltage on the CS pin: as a consequence the input current is
proportional to the input voltage during the line period, implementing the high power factor
correction.
In the CC LED driver the ROS resistor has been mainly used to add on the CS pin a positive
contribution proportional to the average value of the input voltage (VIN) in order to keep
a good line regulation. The second advantage of the contribution trough the ROS resistor is
to keep a good total harmonic distortion (THD) over the line range, because adding a small
offset on the CS pin the input current can go to zero when the input voltage is close to zero.
When implementing a CV LED driver the voltage control loop works to keep the output
voltage constant and independent from the input voltage, so the contribution proportional to
the average value of the input voltage is no more needed.


Similar Part No. - AN4350

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4351 STMICROELECTRONICS-AN4351 Datasheet
219Kb / 10P
   STMicroelectronics has developed micro battery products
AN4354 STMICROELECTRONICS-AN4354 Datasheet
274Kb / 14P
   This document describes the operation of the gate driving circuitry which
AN4355 STMICROELECTRONICS-AN4355 Datasheet
475Kb / 25P
   The L6480 and L6482 devices are motor controllers providing
AN4356 STMICROELECTRONICS-AN4356 Datasheet
1Mb / 14P
   Antenna desense on handheld equipment
More results

Similar Description - AN4350

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EVLHVLED815W15 STMICROELECTRONICS-EVLHVLED815W15 Datasheet
461Kb / 7P
   15 W high power factor LED driver based on HVLED815PF
logo
Unisonic Technologies
UL52C UTC-UL52C Datasheet
191Kb / 6P
   HIGH POWER FACTOR LINEAR CONSTANT CURRENT LED DRIVER
logo
E-CMOS Corporation
EC4188B E-CMOS-EC4188B Datasheet
647Kb / 10P
   High Power Factor & Accuracy Constant Current LED Driver
logo
Unisonic Technologies
UL52A UTC-UL52A Datasheet
150Kb / 6P
   HIGH POWER FACTOR LINEAR CONSTANT CURRENT LED DRIVER
logo
Shenzhen Tianyuan Semic...
TP8113 TPOWER-TP8113 Datasheet
593Kb / 9P
   High power factor linear constant current LED driver
logo
Unisonic Technologies
UPSLD01 UTC-UPSLD01 Datasheet
157Kb / 5P
   HIGH POWER FACTOR LINEAR CONSTANT CURRENT LED DRIVER
UPSL103 UTC-UPSL103 Datasheet
189Kb / 5P
   HIGH POWER FACTOR ACCURACY CONSTANT CURRENT LED DRIVER
UL52B UTC-UL52B Datasheet
175Kb / 6P
   HIGH POWER FACTOR LINEAR CONSTANT CURRENT LED DRIVER
logo
STMicroelectronics
AN4346 STMICROELECTRONICS-AN4346 Datasheet
1Mb / 33P
   10 W wide range - high power factor - isolated LED driver using HVLED815PF
logo
Unisonic Technologies
UPSL304 UTC-UPSL304 Datasheet
157Kb / 4P
   HIGH POWER FACTOR & ACCURACY CONSTANT CURRENT LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com