Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KIA7033AT Datasheet(PDF) 3 Page - KEC(Korea Electronics)

Part # KIA7033AT
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT (VOLTAGE DETECTOR)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA7033AT Datasheet(HTML) 3 Page - KEC(Korea Electronics)

  KIA7033AT Datasheet HTML 1Page - KEC(Korea Electronics) KIA7033AT Datasheet HTML 2Page - KEC(Korea Electronics) KIA7033AT Datasheet HTML 3Page - KEC(Korea Electronics) KIA7033AT Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2002. 12. 31
3/4
KIA7019AP/AF/AT~KIA7045AP/AF/AT
Revision No : 2
A2
M
3
2
1
A1
V1
KIA70XX
10uF/10V
TEST CIRCUIT 1.
TEST CIRCUIT 2.
KIA70XX
1
2
3
M
RL
10uF/10V
RL
L
C
Input
Pulse
0.2uF
/10V
5.0V
3
2
1
KIA70XX
C1
R1
3
2
1
KIA70XX
APPLICATION CIRCUIT
VCC
R2
LED
(1) BATTERY LOW INDICATOR
(2) CPU RESETTING
CC
V5V
VCC
Reset
GND
VCC
5V
S
V
Delay Time for Power ON
Reset
(NOTE)
(1) Connecting of LED and R2 obtains a voltage drop indicator.
(2) Connecting of C1 and selection of time constant with C1 and R1 set
the power on delay time.
CPU


Similar Part No. - KIA7033AT

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA7033AT KEC-KIA7033AT Datasheet
471Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results

Similar Description - KIA7033AT

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KID65501P KEC-KID65501P Datasheet
538Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7805AF KEC-KIA7805AF Datasheet
485Kb / 17P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7129SF AUK-S7129SF Datasheet
204Kb / 3P
   Bipolar Linear Integrated Circuit
S7139AM AUK-S7139AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
S7142AM AUK-S7142AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA78D15AF KEC-KIA78D15AF Datasheet
650Kb / 11P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78DL05F KEC-KIA78DL05F_15 Datasheet
74Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA278R00PI KEC-KIA278R00PI_15 Datasheet
56Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA324P KEC-KIA324P_15 Datasheet
70Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA378R015FP KEC-KIA378R015FP_15 Datasheet
843Kb / 9P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com