Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KIA7034AT Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KIA7034AT
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT (VOLTAGE DETECTOR)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA7034AT Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KIA7034AT Datasheet HTML 1Page - KEC(Korea Electronics) KIA7034AT Datasheet HTML 2Page - KEC(Korea Electronics) KIA7034AT Datasheet HTML 3Page - KEC(Korea Electronics) KIA7034AT Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2002. 12. 31
2/4
KIA7019AP/AF/AT~KIA7045AP/AF/AT
Revision No : 2
ELECTRICAL CHARACTERISTICS (VCC=5V, VEE=GND, Ta=25 )
MAXIMUM RATINGS (Ta=25 )
CHARACTERISTIC
SYMBOL
RATING
UNIT
Supply Voltage
VCC
-0.3 +15.0
V
Power Dissipation (Package Limitation)
KIA7019AP 45AP
PD
400
mW
KIA7019AF 45AF
500
KIA7019AT 45AT
350
Operating Temperature
Topr
-30 +75
Storage Temperature
Tstg
-55 +150
CHARACTERISTIC
SYMBOL
TEST
CIRCUIT
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Detecting Voltage
VS
1
RL=200
VOL 0.4V
KIA7019
KIA7021
KIA7023
KIA7025
KIA7027
KIA7029
KIA7031
KIA7032
KIA7033
KIA7034
KIA7035
KIA7036
KIA7039
KIA7042
KIA7045
1.75
1.95
2.15
2.35
2.55
2.75
2.95
3.05
3.15
3.25
3.35
3.45
3.75
4.05
4.35
1.9
2.1
2.3
2.5
2.7
2.9
3.1
3.2
3.3
3.4
3.5
3.6
3.9
4.2
4.5
2.05
2.25
2.45
2.65
2.85
3.05
3.25
3.35
3.45
3.55
3.65
3.75
4.05
4.35
4.65
V
Low-Level Output Voltage
VOL
1
RL=200
-
-
0.4
V
Output Leakage Current
IOH
1
VCC=15V
-
-
0.1
A
Hysteresis Voltage
Vs
1
RL=200
30
50
100
mV
Detecting Voltage
Temperature Coefficient
Vs/ T
1
RL=200
-
0.01
-
%/
Circuit Current at on Time
IccL
1
VCC=Vsmin.-0.05V
-
300
500
A
Circuit Current at off Time
IccH
1
VCC=5.25V
-
30
50
A
Threshold Operating Voltage
Vopr
1
RL=200 , VOL 0.4V
-
0.8
-
V
"L" Transmission Delay Time
tpHL
2
RL=1.0k , CL=100pF
-
10
-
s
"H" Transmission Delay Time
tpLH
2
RL=1.0k , CL=100pF
-
15
-
s
Output Current at on Time I
IoL I
1
VCC=Vsmin.-0.05V, Tc=25
20
-
-
mA
Output Current at on Time II
IoL II
1
VCC=Vsmin.-0.05V, Tc=-30 +75
16
-
-
mA


Similar Part No. - KIA7034AT

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA7034AT KEC-KIA7034AT Datasheet
471Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results

Similar Description - KIA7034AT

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KID65501P KEC-KID65501P Datasheet
538Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7805AF KEC-KIA7805AF Datasheet
485Kb / 17P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7129SF AUK-S7129SF Datasheet
204Kb / 3P
   Bipolar Linear Integrated Circuit
S7139AM AUK-S7139AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
S7142AM AUK-S7142AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA78D15AF KEC-KIA78D15AF Datasheet
650Kb / 11P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78DL05F KEC-KIA78DL05F_15 Datasheet
74Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA278R00PI KEC-KIA278R00PI_15 Datasheet
56Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA324P KEC-KIA324P_15 Datasheet
70Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA378R015FP KEC-KIA378R015FP_15 Datasheet
843Kb / 9P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com