Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4450 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN4450
Description  Hardware and software guidelines for use of LPS25H pressure sensor
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4450 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN4450 Datasheet HTML 3Page - STMicroelectronics AN4450 Datasheet HTML 4Page - STMicroelectronics AN4450 Datasheet HTML 5Page - STMicroelectronics AN4450 Datasheet HTML 6Page - STMicroelectronics AN4450 Datasheet HTML 7Page - STMicroelectronics AN4450 Datasheet HTML 8Page - STMicroelectronics AN4450 Datasheet HTML 9Page - STMicroelectronics AN4450 Datasheet HTML 10Page - STMicroelectronics AN4450 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
DocID025978 Rev 1
7/26
AN4450
Hardware (designing PCB schematics and layout)
26
2.1.2
Pin mapping
Table 1. LPS25H pin mapping details
Pin #
Name
Function
What to do
1
VDD_IO
Power supply for I/O pins
I/O supply voltage (1.7V ~ 3.6V)
2
SCL
SPC
I²C serial clock (SCL)
SPI serial port clock (SPC)
Optional pull-up resistor, connected to VDD_IO,
could be required for I²C (see I²C standard for
recommended value)
3
Reserved
Reserved
Connect to PCB ground
4
SDA
SDI
SDIO
I²C serial data (SDA)
4-wire SPI serial data input (SDI)
3-wire SPI serial data input/output (SDIO)
Optional pull-up resistor, connected to VDD_IO,
could be required for I²C (see I²C standard for
recommended value)
5
SA0
SDO
I²C slave address select (SA0)
4-wire SPI serial data output (SDO)
SA0=1: 0xBA/BB I²C slave address + R/W
SA0=0: 0xB8/B9 I²C slave address + R/W
6CS
I²C/SPI mode selection
SPI chip select
CS=1: I²C mode
CS=ChipSelect in SPI mode
7
INT1
Interrupt 1 (or data ready)
Leave unconnected if unused
8
GND_IO
I/O pins ground
Connect to PCB ground
9
GND
Ground
Connect to PCB ground
10
VDD
Power supply
Supply voltage (1.7V ~ 3.6V)


Similar Part No. - AN4450

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4451 STMICROELECTRONICS-AN4451 Datasheet
355Kb / 15P
   Signal conditioning for a UV sensor
AN4457 STMICROELECTRONICS-AN4457 Datasheet
497Kb / 24P
   Implementing an emulated universal asynchronous receiver transmitter on STM32F4 microcontroller series
More results

Similar Description - AN4450

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4159 STMICROELECTRONICS-AN4159 Datasheet
652Kb / 27P
   Hardware and software guidelines for use of the LPS331AP
STEVAL-ILL073V1 STMICROELECTRONICS-STEVAL-ILL073V1 Datasheet
284Kb / 8P
   Complete hardware and software package
January 2016 Rev 1
logo
ATMEL Corporation
AT28BV64B ATMEL-AT28BV64B_14 Datasheet
398Kb / 17P
   Hardware and Software Data Protection
logo
STMicroelectronics
AN3299 STMICROELECTRONICS-AN3299 Datasheet
223Kb / 13P
   A hardware and software guide for the STMPE801
AN3245 STMICROELECTRONICS-AN3245 Datasheet
348Kb / 19P
   A hardware and software guide for the STMPE1801 Xpander
logo
ATMEL Corporation
AT24C128 ATMEL-AT24C128_14 Datasheet
149Kb / 17P
   Write Protect Pin for Hardware and Software Data Protection
AT24C256 ATMEL-AT24C256_14 Datasheet
149Kb / 17P
   Write Protect Pin for Hardware and Software Data Protection
logo
Gamewell-FCI by Honeywe...
SV-SWS GAMEWELL-FCI-SV-SWS Datasheet
88Kb / 2P
   Graphical Monitoring Software and Interface Hardware System
logo
Texas Instruments
TLV320AIC24 TI-TLV320AIC24 Datasheet
983Kb / 53P
[Old version datasheet]   Layout and Grounding Guidelines for TLV320AIC2x
logo
STMicroelectronics
AN3265 STMICROELECTRONICS-AN3265 Datasheet
218Kb / 19P
   Handling hardware and software failures with the STM8S-DISCOVERY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com