Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4460 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN4460
Description  The STEVAL-ILL057V1 demonstration board is a complete
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4460 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN4460 Datasheet HTML 3Page - STMicroelectronics AN4460 Datasheet HTML 4Page - STMicroelectronics AN4460 Datasheet HTML 5Page - STMicroelectronics AN4460 Datasheet HTML 6Page - STMicroelectronics AN4460 Datasheet HTML 7Page - STMicroelectronics AN4460 Datasheet HTML 8Page - STMicroelectronics AN4460 Datasheet HTML 9Page - STMicroelectronics AN4460 Datasheet HTML 10Page - STMicroelectronics AN4460 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 54 page
background image
DocID026129 Rev 1
7/54
AN4460
Demonstration board features
54
To guarantee the maximum reliability of the demonstration board against the most common
LED failures, the STLUX385A implements the following software and hardware protections:
For each LED string:
Overcurrent
Short-circuit
LED voltage drop falls below the 2.9 V limit
LED voltage drop higher than the 4.2 V limit
Disconnected string (open circuit)
Power voltage outside configured lower / upper limits.
The STLUX385A device drives the 4 LED channels (CH0, CH1, CH2, CH3) seen on the
right side of the board.
The board uses a DC-DC converter to supply the MOS drivers (U3, U2) with 10 V, while the
STLUX385A (3.3 V or 5 V) is powered by a linear regulator.
There are three buttons to manually change the dimming period. The DALI and UART TTL
interfaces are supported.
Two LEDs indicate the board status: the green one shows that the system is “ready” while
the red one indicates a system fault or the intervention of a protection mechanism.


Similar Part No. - AN4460

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4461 STMICROELECTRONICS-AN4461 Datasheet
1Mb / 70P
   100 W LED street lighting application using STLUX385A
AN4466 STMICROELECTRONICS-AN4466 Datasheet
300Kb / 10P
   The aim of this document is to give all information
AN4467 STMICROELECTRONICS-AN4467 Datasheet
721Kb / 33P
   Getting started with STM32L0xx hardware development
More results

Similar Description - AN4460

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3412 STMICROELECTRONICS-AN3412 Datasheet
1,023Kb / 15P
   The STEVAL-CCA028V1 is a demonstration board designed
UM1477 STMICROELECTRONICS-UM1477 Datasheet
1,013Kb / 22P
   The STEVAL-IFN004V1 is a demonstration board based
AN3956 STMICROELECTRONICS-AN3956 Datasheet
1Mb / 14P
   The STEVAL-CCA029V1 is a demonstration board designed
AN4123 STMICROELECTRONICS-AN4123 Datasheet
995Kb / 17P
   The STEVAL-ISV015V1 is a demonstration board mounting
AN3095 STMICROELECTRONICS-AN3095 Datasheet
3Mb / 55P
   The STEVAL-ISV002V2 demonstration board is the same
AN4050 STMICROELECTRONICS-AN4050 Datasheet
1Mb / 19P
   The STEVAL-ISV012V1 is a demonstration board that mounts
AN2786 STMICROELECTRONICS-AN2786 Datasheet
227Kb / 10P
   The STEVAL-IHI001V1 is a demonstration board designed to simulate
AN4170 STMICROELECTRONICS-AN4170 Datasheet
1Mb / 15P
   The STEVAL-CCA042V1 is a demonstration board designed for the evaluation
AN4189 STMICROELECTRONICS-AN4189 Datasheet
2Mb / 23P
   The STEVAL-CCA049V1 is a demonstration board designed for the evaluation
AN2479 STMICROELECTRONICS-AN2479 Datasheet
2Mb / 23P
   The STEVAL-CCA048V1 is a demonstration board designed for the evaluation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com