Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT2907A Datasheet(PDF) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # MMBT2907A
Description  PNP TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

MMBT2907A Datasheet(HTML) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  MMBT2907A_15 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD MMBT2907A_15 Datasheet HTML 2Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
WEJ ELECTRONIC CO.,LTD
MMBT2907A TRANSISTOR (PNP)
FEATURES
Epitaxial planar die construction
Complementary NPN Type available(MMBT2222A)
MARKING:2F
MAXIMUM RATINGS(
TA=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
-60
V
VCEO
Collector-Emitter Voltage
-60
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current -Continuous
-0.6
A
PC
Collector Dissipation
0.225
W
TJ
Junction Temperature
150
Tstg
Storage Temperature
-55 to +150
ELECTRICAL CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC=-10μA,IE=0
-60
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=-10mA,IB=0
-60
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-10μA,IC=0
-5
V
Collector cut-off current
ICBO
VCB=-50V,IE=0
-20
n A
Collector cut-off current
ICE0
VCE=-30V,VEB(0ff)=-0.5V
-50
nA
Emitter cut-off current
IEBO
VEB=-3V,IC=0
-10
nA
hFE(1)
VCE=-10V,IC=-0.1mA
75
hFE(2)
VCE=-10V,IC=-1mA
100
hFE(3)
VCE=-10V,IC=-10mA
100
hFE(4)
VCE=-10V,IC=-150mA
100
300
DC current gain
hFE(5)
VCE=-10V,IC=-500mA
50
VCE(sat)
IC=-150mA,IB=-15mA
-0.4
V
Collector-emitter saturation voltage
VCE(sat)
IC=-500mA,IB=-50mA
-1.6
V
VBE(sat)
IC=-150mA,IB=-15mA
-1.3
V
Base-emitter saturation voltage
VBE(sat)
IC=-500mA,IB=-50mA
-2.6
V
Transition frequency
fT
VCE=-20V,IC=-50mA,f=100MHz
200
MHz
Delay time
td
10
nS
Rise time
tr
VCC=-30V,IC=-150mA IB1=- 15mA
25
nS
Storage time
tS
225
nS
Fall time
tf
VCC=-6V,IC=-150mA,IB1=-IB2=-15mA
60
nS
SOT-23
1. BASE
2. EMITTER
3. COLLECTOR
M M B T 2 9 0 7 A
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.,LTD
RoHS


Similar Part No. - MMBT2907A_15

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
MMBT2907A KEXIN-MMBT2907A_15 Datasheet
764Kb / 2P
   NPN Transistors
logo
SeCoS Halbleitertechnol...
MMBT2907A SECOS-MMBT2907A_15 Datasheet
276Kb / 4P
   General Purpose Transistor
logo
Diodes Incorporated
MMBT2907A DIODES-MMBT2907A_15 Datasheet
389Kb / 7P
   60V PNP SMALL SIGNAL TRANSISTOR IN SOT23
logo
Galaxy Semi-Conductor H...
MMBT2907A BILIN-MMBT2907A_15 Datasheet
227Kb / 5P
   PNP General Purpose Amplifier
More results

Similar Description - MMBT2907A_15

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
BC807U JIANGSU-BC807U Datasheet
1Mb / 3P
   DUAL TRANSISTOR (PNPPNP)
BC856S JIANGSU-BC856S Datasheet
288Kb / 4P
   DUAL TRANSISTOR (PNPPNP)
MMDT2907A JIANGSU-MMDT2907A Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
MMDT5401 JIANGSU-MMDT5401 Datasheet
4Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
BC857S JIANGSU-BC857S Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
UMT2N JIANGSU-UMT2N Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
logo
Shenzhen Jin Yu Semicon...
EMB3 HTSEMI-EMB3 Datasheet
551Kb / 1P
   DIGITAL TRANSISTOR (PNP PNP)
logo
Jiangsu Changjiang Elec...
BC857BV JIANGSU-BC857BV Datasheet
828Kb / 4P
   DUAL TRANSISTOR (PNPPNP)
EMZ8 JIANGSU-EMZ8 Datasheet
4Mb / 3P
   DUAL TRANSISTOR (PNPPNP)
2SA1873 JIANGSU-2SA1873 Datasheet
934Kb / 3P
   DUAL TRANSISTOR (PNPPNP)
MMDT3906 JIANGSU-MMDT3906 Datasheet
3Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com