Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KIA8225H Datasheet(PDF) 7 Page - KEC(Korea Electronics)

Part # KIA8225H
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT (45W BTL SINGLE AUDIO POWER AMPLIFIER)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA8225H Datasheet(HTML) 7 Page - KEC(Korea Electronics)

  KIA8225H Datasheet HTML 1Page - KEC(Korea Electronics) KIA8225H Datasheet HTML 2Page - KEC(Korea Electronics) KIA8225H Datasheet HTML 3Page - KEC(Korea Electronics) KIA8225H Datasheet HTML 4Page - KEC(Korea Electronics) KIA8225H Datasheet HTML 5Page - KEC(Korea Electronics) KIA8225H Datasheet HTML 6Page - KEC(Korea Electronics) KIA8225H Datasheet HTML 7Page - KEC(Korea Electronics) KIA8225H Datasheet HTML 8Page - KEC(Korea Electronics) KIA8225H Datasheet HTML 9Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image


Similar Part No. - KIA8225H

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA8224 KEC-KIA8224 Datasheet
214Kb / 10P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (MULTI OUTPUT VOLTAGE REGULATOR FOR CD PLAYER)
KIA8224H KEC-KIA8224H Datasheet
214Kb / 10P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (MULTI OUTPUT VOLTAGE REGULATOR FOR CD PLAYER)
More results

Similar Description - KIA8225H

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA6220H KEC-KIA6220H Datasheet
266Kb / 13P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (30W BTL DUAL AUDIO POWER AMPLIFIER)
KIA6221AH KEC-KIA6221AH Datasheet
282Kb / 13P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (30W BTL DUAL AUDIO POWER AMPLIFIER)
KIA3281H KEC-KIA3281H Datasheet
241Kb / 11P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (5.8W DUAL AUDIO POWER AMPLIFIER 22W BTL AUDIO POWER AMPLIFIER)
KIA6280H KEC-KIA6280H Datasheet
240Kb / 11P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (5.8W DUAL AUDIO POWER AMPLIFIER 22W BTL AUDIO POWER AMPLIFIER)
KIA6216H KEC-KIA6216H Datasheet
221Kb / 10P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (15W BTL X 2CH AUDIO POWER AMPLIFIER)
KIA8260AH KEC-KIA8260AH Datasheet
268Kb / 11P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (MAX POWER 40W QUAD BTL AUDIO POWER AMPLIFIER)
KIA8262H KEC-KIA8262H Datasheet
162Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (MAX POWER 43W QUAD BTL AUDIO POWER AMPLIFIER)
KIA8252H KEC-KIA8252H Datasheet
163Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (MAX POWER 37W QUAD BTL AUDIO POWER AMPLIFIER)
KIA8259H KEC-KIA8259H Datasheet
163Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (MAX POWER 37W QUAD BTL AUDIO POWER AMPLIFIER)
KIA6278P KEC-KIA6278P Datasheet
104Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (1W SINGLE AUDIO POWER AMPLIFIER)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com