Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD43256BCZ-85L Datasheet(PDF) 9 Page - NEC

Part # UPD43256BCZ-85L
Description  256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD43256BCZ-85L Datasheet(HTML) 9 Page - NEC

Back Button UPD43256BCZ-85L Datasheet HTML 5Page - NEC UPD43256BCZ-85L Datasheet HTML 6Page - NEC UPD43256BCZ-85L Datasheet HTML 7Page - NEC UPD43256BCZ-85L Datasheet HTML 8Page - NEC UPD43256BCZ-85L Datasheet HTML 9Page - NEC UPD43256BCZ-85L Datasheet HTML 10Page - NEC UPD43256BCZ-85L Datasheet HTML 11Page - NEC UPD43256BCZ-85L Datasheet HTML 12Page - NEC UPD43256BCZ-85L Datasheet HTML 13Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
9
µPD43256B
AC Characteristics (Recommended operating conditions unless otherwise noted)
AC Test Conditions
Input waveform (Rise/fall time
5 ns)
Input pulse levels
0.8 V to 2.2 V:
µPD43256B-L, 43256B-LL
0.5 V to 2.2 V:
µPD43256B-A, 43256B-B
1.5 V
1.5 V
Test points
Output waveform
1.5 V
1.5 V
Test points
Output load
µPD43256B-A, 43256B-B : 1TTL + 100 pF
µPD43256B-L, 43256B-LL:
AC characteristics with notes should be measured with the output load shown in
Figure 1 and Figure 2.
Figure 1
Figure 2
(For tAA, tACS, tOE, tOH)
(For tCHZ, tCLZ, tOHZ, tOLZ, tWHZ, tOW)
+5 V
I/O (Output)
1.8 k
100 pF
CL
990
+5 V
I/O (Output)
1.8 k
5 pF
CL
990
Remark
CL includes capacitances of the probe and jig, and stray capacitances.


Similar Part No. - UPD43256BCZ-85L

ManufacturerPart #DatasheetDescription
logo
NEC
UPD43256BCZ-85L NEC-UPD43256BCZ-85L Datasheet
231Kb / 24P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
UPD43256BCZ-85L NEC-UPD43256BCZ-85L Datasheet
224Kb / 28P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
UPD43256BCZ-85LL NEC-UPD43256BCZ-85LL Datasheet
231Kb / 24P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
UPD43256BCZ-85LL NEC-UPD43256BCZ-85LL Datasheet
224Kb / 28P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
More results

Similar Description - UPD43256BCZ-85L

ManufacturerPart #DatasheetDescription
logo
NEC
UPD43257B NEC-UPD43257B Datasheet
157Kb / 20P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
UPD43256B NEC-UPD43256B_00 Datasheet
231Kb / 24P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
UPD43256B NEC-UPD43256B_06 Datasheet
224Kb / 28P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
UPD43257B NEC-UPD43257B_06 Datasheet
197Kb / 24P
   MOS INTEGRATED CIRCUIT 256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
UPD43256B-X NEC-UPD43256B-X Datasheet
127Kb / 20P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
UPD43256B-X NEC-UPD43256B-X_06 Datasheet
172Kb / 20P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
logo
Integrated Device Techn...
IDT71256SA IDT-IDT71256SA_14 Datasheet
69Kb / 8P
   CMOS Static RAM 256K (32K x 8-Bit)
IDT71256SA IDT-IDT71256SA Datasheet
61Kb / 8P
   CMOS STATIC RAM 256K (32K x 8-BIT)
5962-8855206XA IDT-5962-8855206XA Datasheet
289Kb / 10P
   CMOS Static RAM 256K (32K x 8-Bit)
logo
List of Unclassifed Man...
71256L25YG ETC2-71256L25YG Datasheet
108Kb / 10P
   CMOS Static RAM 256K (32K x 8-Bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com