Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1062 Datasheet(PDF) 11 Page - STMicroelectronics

Part # UM1062
Description  The PM8803 is a highly integrated device embedding
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1062 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button UM1062 Datasheet HTML 7Page - STMicroelectronics UM1062 Datasheet HTML 8Page - STMicroelectronics UM1062 Datasheet HTML 9Page - STMicroelectronics UM1062 Datasheet HTML 10Page - STMicroelectronics UM1062 Datasheet HTML 11Page - STMicroelectronics UM1062 Datasheet HTML 12Page - STMicroelectronics UM1062 Datasheet HTML 13Page - STMicroelectronics UM1062 Datasheet HTML 14Page - STMicroelectronics UM1062 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
UM1062
I/O connectors and test points
Doc ID 018571 Rev 1
11/31
4
I/O connectors and test points
This section provides a description of input/output connectors (Table 3), LED indicators and
commands (Table 4), as well as the available test points (Table 5).
Table 3.
Connectors
Table 4.
LEDs
Connector
Label
Description
J3
Data and power
input
Power and Ethernet data input port
J4
Data output
Ethernet data output port
J2
SP
Wall adapter input. Use this input jack to connect auxiliary
source without priority of the auxiliary source wrt PoE.
J1
SA
Wall adapter input. Use this input jack to connect auxiliary
source with priority of the auxiliary source wrt PoE.
J5
-
Output voltage connector
JM1
-
Move the short on both jumpers at the same time:
short between pin 1 and 2 when SA auxiliary source is used
on J1 connector; short between pin 2 and 3 when SP
auxiliary source is used on J2 connector
JM2
-
Move the short on both jumpers at the same time:
short between pin 1 and 2 when SA auxiliary source is used
on J1 connector; short between pin 2 and 3 when SP
auxiliary source is used on J2 connector
LED
Label
Description
D20
AUX
ON when an auxiliary source is applied to the board; proper
selection of the auxiliary source connection is done with
jumpers JM1 and JM2
D44
L1_OK
ON when T2P is asserted. This is achieved when a 2-finger
event is detected. If, after a successful PoE+ layer-1
classification, an auxiliary voltage is connected, the T2P
signal is de-asserted and the L1_OK LED is turned off.
D26
GREEN LED
ON when output voltage is present.
Table 5.
Test points
Test point
Color
Description
TP1
Red
Data transformer bias voltage
TP2
Red
Positive of auxiliary source AUX 1 on J2
TP3
Black
Auxiliary source AUX 1 ground on J2
TP4
Red
Input voltage VDD
TP5
Red
Secondary winding output
TP6
Red
Output voltage on J5


Similar Part No. - UM1062

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UM10601 NXP-UM10601 Datasheet
1Mb / 313P
   LPC800 User manual
Rev. 1.0-7 November 2012
logo
STMicroelectronics
UM1063 STMICROELECTRONICS-UM1063 Datasheet
1Mb / 32P
   The PM8803 is a highly integrated device embedding
More results

Similar Description - UM1062

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM1063 STMICROELECTRONICS-UM1063 Datasheet
1Mb / 32P
   The PM8803 is a highly integrated device embedding
AN3373 STMICROELECTRONICS-AN3373 Datasheet
1Mb / 18P
   PM8803 is a highly integrated device embedding
logo
Texas Instruments
LM81 TI-LM81 Datasheet
461Kb / 35P
[Old version datasheet]   The LM81 is a highly integrated data acquisition system for
logo
NXP Semiconductors
MKW2XDXXX NXP-MKW2XDXXX Datasheet
899Kb / 78P
   The MKW2xD is a low power, compact integrated device
Rev. 2, 05/2016
logo
STMicroelectronics
AN2808 STMICROELECTRONICS-AN2808 Datasheet
2Mb / 40P
   The PM6670S device is a complete
logo
SPANSION
MB9A340NB SPANSION-MB9A340NB Datasheet
4Mb / 125P
   The MB9A340NB Series are highly integrated
MB9AAA0N SPANSION-MB9AAA0N Datasheet
3Mb / 109P
   The MB9AAA0N Series are highly integrated
MB9AB40NB SPANSION-MB9AB40NB Datasheet
4Mb / 129P
   The MB9AB40NB Series are highly integrated
MB9A130LB SPANSION-MB9A130LB Datasheet
2Mb / 89P
   The MB9A130LB Series are highly integrated
MB9A140NB SPANSION-MB9A140NB Datasheet
4Mb / 121P
   The MB9A140NB Series are highly integrated
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com