Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1688 Datasheet(PDF) 7 Page - STMicroelectronics

Part # UM1688
Description  In combination with the STEVAL-PCC009V2 demonstration
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1688 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button UM1688 Datasheet HTML 3Page - STMicroelectronics UM1688 Datasheet HTML 4Page - STMicroelectronics UM1688 Datasheet HTML 5Page - STMicroelectronics UM1688 Datasheet HTML 6Page - STMicroelectronics UM1688 Datasheet HTML 7Page - STMicroelectronics UM1688 Datasheet HTML 8Page - STMicroelectronics UM1688 Datasheet HTML 9Page - STMicroelectronics UM1688 Datasheet HTML 10Page - STMicroelectronics UM1688 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
DocID025471 Rev 2
7/41
UM1688
Boards description
41
Table 4. EVAL6470H - slave SPI connector pinout (J11)
Pin number
Type
Description
1
Open drain output
L6470 BUSY/SYNC output
2
Open drain output
L6470 FLAG output
3
Ground
Ground
4
Supply
EXT_VDD (can be used as external logic power supply)
5
Digital output
SPI master IN slave OUT signal (connected to pin 5 of J10)
6
Digital input
SPI serial clock signal (connected to L6470 CK input)
7
Digital input
SPI master OUT slave IN signal (connected to L6470 SDO
output)
8
Digital input
SPI slave select signal (connected to L6470 CS input)
9
Digital input
L6470 step-clock input
10
Digital input
L6470 STBY/RST input


Similar Part No. - UM1688

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM1685 STMICROELECTRONICS-UM1685 Datasheet
1Mb / 31P
   EVAL6480H and EVAL6482H: high power microstepping motor drivers
More results

Similar Description - UM1688

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4111 STMICROELECTRONICS-AN4111 Datasheet
1Mb / 17P
   The STEVAL-ILL044V1 demonstration board showcases
June 2013 Rev4
AN3095 STMICROELECTRONICS-AN3095 Datasheet
3Mb / 55P
   The STEVAL-ISV002V2 demonstration board is the same
AN3412 STMICROELECTRONICS-AN3412 Datasheet
1,023Kb / 15P
   The STEVAL-CCA028V1 is a demonstration board designed
AN4127 STMICROELECTRONICS-AN4127 Datasheet
1Mb / 27P
   This document describes the STEVAL-SPBT3ATV3 demonstration board
UM1477 STMICROELECTRONICS-UM1477 Datasheet
1,013Kb / 22P
   The STEVAL-IFN004V1 is a demonstration board based
AN2684 STMICROELECTRONICS-AN2684 Datasheet
769Kb / 21P
   The STEVAL-IFP006V1 demonstration board has been developed
AN4128 STMICROELECTRONICS-AN4128 Datasheet
1Mb / 28P
   This document describes the STEVAL-SPBT4ATV3 demonstration board
AN4460 STMICROELECTRONICS-AN4460 Datasheet
1Mb / 54P
   The STEVAL-ILL057V1 demonstration board is a complete
AN4009 STMICROELECTRONICS-AN4009 Datasheet
1Mb / 23P
   The STEVAL-IFP019V1 demonstration board has been developed
AN3956 STMICROELECTRONICS-AN3956 Datasheet
1Mb / 14P
   The STEVAL-CCA029V1 is a demonstration board designed
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com