Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUR105-160 Datasheet(PDF) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # MUR105-160
Description  Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

MUR105-160 Datasheet(HTML) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  MUR105-160 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD MUR105-160 Datasheet HTML 2Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
WEJ
ELECTRONIC
CO.,LTD
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Super fast switching speed.
Low leakage.
Low forward voltage.
High current capability.
High surge capability.
High temperature soldering guaranteed:
260 C/10 seconds/0.375 (9.5mm)lead length
at 5 lbs (2,3kg) tension
Transfer molded plastic
UL94V-0 rate flame retardant
Color band denotes cathode end
Plated axial lead ,solderable per MIL-STD-202E
method 208C
Any
0.041 ounce,0.39 gram
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase,half wave,60Hz,resistive or inductive load.
For capacitive load derate current by 20%.
o
Case:
Epoxy:
Polarity:
Lead:
Mounting position:
Weight:
o
Maximum RMS Voltage
Maximum Average Forward Rectified Current
0.375
(9.5mm)Lead length at T =55 C
A
o
Peak Forward Surge Current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
Maximum Instantaneous Forward Voltage Drop
at 1.0A
Maximum DC Reverse Current at rated
DC blocking voltage per element
Typical Junction Capacitance(NOTE2)
Typical Thermal Resistance(NOTE3).
Operating and Storage Temperature Range
NOTES:
1.Test condition:I =0.5A,I =1.0A.I =0.25A.
2.Measured at 1MHz and applied reverse of 4.0volts.
3.Thermal resistance from junction to ambient with
F
R
RR
0.375
(9.5mm) lead length,P.C.B.mounted.
SYMBOLS
VRRM
VRMS
VDC
I(AV)
IFSM
VF
IR
CJ
T ,T
J
STG
-65 to +150
40
5.0
35
1.0
Amps
Amps
Volts
n
S
p
F
O C/W
O C
30
35
Maximum Reverse Recovery Time(NOTE 1)
UNITS
50
50
35
100
100
70
150
200
150
200
105
140
300
300
210
400
400
280
MUR105 MUR110 MUR115 MUR120 MUR140 MUR160
A
20
trr
Maximum Repetitive Peak Reverse Voltage
Maximum DC Blocking Voltage
Volts
Volts
Volts
R JA
T =25 C
A
o
T =125 C
A
o
50
0.95
1.25
MUR105-MUR160
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
Dimensions in inches and (millimeters)
VOLTAGE RANGE
CURRENT
1250 to 1300 Volts
1.0 Ampere
.034(0.9)
.028(0.7)
DIA.
1.0(25.4)
MIN
.205(5.2)
.165(4.2)
.107(2.7)
.080(2.0)
DIA
DO-41
1.0(25.4)
MIN
RoHS


Similar Part No. - MUR105-160

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
MUR105-DO41 YFWDIODE-MUR105-DO41 Datasheet
382Kb / 3P
   1 Amp Super Fast Recovery Rectifier 50 to 1000 Volts
logo
Frontier Electronics.
MUR105-LFR FRONTIER-MUR105-LFR Datasheet
128Kb / 2P
   1A ULTRA FAST EFFICIENT RECTIFIER
logo
Shanghai Shunye Electro...
MUR105-MUR160 SHUNYE-MUR105-MUR160 Datasheet
392Kb / 2P
   SUPER FAST RECTIFIERS
More results

Similar Description - MUR105-160

ManufacturerPart #DatasheetDescription
logo
SEMPO ELECTRONIC Limite...
SMDD-160 SEMPO-SMDD-160 Datasheet
45Kb / 1P
   Diode-Diode Module
SMDD-70 SEMPO-SMDD-70 Datasheet
49Kb / 1P
   DIODE-DIODE MODULE
logo
Sirectifier Semiconduct...
SDD320 SIRECTIFIER-SDD320 Datasheet
255Kb / 4P
   Diode-Diode Modules
SDD190 SIRECTIFIER-SDD190 Datasheet
727Kb / 4P
   Diode-Diode Modules
SDD165 SIRECTIFIER-SDD165 Datasheet
740Kb / 4P
   Diode-Diode Modules
logo
Naina Semiconductor ltd...
100NDD NAINA-100NDD Datasheet
137Kb / 2P
   Diode ??Diode Module
160NDD NAINA-160NDD Datasheet
130Kb / 2P
   Diode - Diode Module
logo
SEMPO ELECTRONIC Limite...
SMDD-50 SEMPO-SMDD-50 Datasheet
77Kb / 1P
   DIODE-DIODE MODULE
SMDD-90H SEMPO-SMDD-90H Datasheet
42Kb / 1P
   DIODE-DIODE MODULE
logo
List of Unclassifed Man...
SDD100 ETC2-SDD100 Datasheet
996Kb / 4P
   Diode-Diode Modules
logo
SEMPO ELECTRONIC Limite...
MAA-100 SEMPO-MAA-100 Datasheet
72Kb / 2P
   Diode-Diode Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com