Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA1809 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # PA1809
Description  N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PA1809 Datasheet(HTML) 6 Page - Renesas Technology Corp

  PA1809_15 Datasheet HTML 1Page - Renesas Technology Corp PA1809_15 Datasheet HTML 2Page - Renesas Technology Corp PA1809_15 Datasheet HTML 3Page - Renesas Technology Corp PA1809_15 Datasheet HTML 4Page - Renesas Technology Corp PA1809_15 Datasheet HTML 5Page - Renesas Technology Corp PA1809_15 Datasheet HTML 6Page - Renesas Technology Corp PA1809_15 Datasheet HTML 7Page - Renesas Technology Corp PA1809_15 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Data Sheet G16273EJ1V0DS
4
µµµµPA1809
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
FORWARD TRANSFER CHARACTERISTICS
0
8
16
24
32
0
0.5
1.0
1.5
2.0
Pulsed
4.0 V
VGS = 10 V
4.5 V
0.0001
0.001
0.01
0.1
1
10
100
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
Pulsed
VDS = 10 V
TA = 125°C
75°C
25°C
−25°C
VDS - Drain to Source Voltage - V
VGS - Gate to Source Voltage - V
GATE CUT-OFF VOLTAGE vs.
CHANNEL TEMPERATURE
FORWARD TRANSFER ADMITTANCE vs.
DRAIN CURRENT
1.2
1.4
1.6
1.8
2.0
2.2
2.4
-50
0
50
100
150
VDS = 10 V
ID = 1.0 mA
0.1
1
10
100
0.01
0.1
1
10
100
Pulsed
VDS = 10 V
TA =
−25°C
25
°C
75
°C
125
°C
Tch - Channel Temperature -
°CID - Drain Current - A
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
CHANNEL TEMPERATURE
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
GATE TO SOURCE VOLTAGE
0
10
20
30
40
50
-50
0
50
100
150
Pulsed
ID = 4.0 A
10 V
VGS = 4.0 V
4.5 V
0
10
20
30
40
50
024
68
10
Pulsed
ID = 4.0 A
Tch - Channel Temperature -
°C
VGS - Gate to Source Voltage - V


Similar Part No. - PA1809_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PA1804 RENESAS-PA1804_15 Datasheet
197Kb / 10P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
More results

Similar Description - PA1809_15

ManufacturerPart #DatasheetDescription
logo
NEC
UPA2451 NEC-UPA2451 Datasheet
108Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1870 NEC-UPA1870 Datasheet
82Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA2450 NEC-UPA2450 Datasheet
75Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA620TT NEC-UPA620TT Datasheet
67Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA677TB NEC-UPA677TB Datasheet
58Kb / 6P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1806 NEC-UPA1806 Datasheet
64Kb / 6P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1874B NEC-UPA1874B Datasheet
145Kb / 7P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
logo
Renesas Technology Corp
PA1900 RENESAS-PA1900_15 Datasheet
197Kb / 10P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
2SK3576 RENESAS-2SK3576_15 Datasheet
202Kb / 10P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
2SK3664 RENESAS-2SK3664_15 Datasheet
273Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1857 RENESAS-PA1857_15 Datasheet
209Kb / 10P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com