Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA1950 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # PA1950
Description  P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PA1950 Datasheet(HTML) 5 Page - Renesas Technology Corp

  PA1950_15 Datasheet HTML 1Page - Renesas Technology Corp PA1950_15 Datasheet HTML 2Page - Renesas Technology Corp PA1950_15 Datasheet HTML 3Page - Renesas Technology Corp PA1950_15 Datasheet HTML 4Page - Renesas Technology Corp PA1950_15 Datasheet HTML 5Page - Renesas Technology Corp PA1950_15 Datasheet HTML 6Page - Renesas Technology Corp PA1950_15 Datasheet HTML 7Page - Renesas Technology Corp PA1950_15 Datasheet HTML 8Page - Renesas Technology Corp PA1950_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Data Sheet G15620EJ2V0DS
3
µµµµPA1950
TYPICAL CHARACTERISTICS (TA = 25°C)
30
150
60
90
20
60
80
40
0
100
120
DERATING FACTOR OF FORWARD BIAS
SAFE OPERATING AREA
TA - Ambient Temperature - ˚C
0
GATE TO SOURCE CUT-OFF VOLTAGE vs.
CHANNEL TEMPERATURE
Tch - Channel Temperature - ˚C
VDS =
10 V
ID =
1 mA
−50
50
100
0
150
−1.5
−1.0
−0.5
0.0
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
VDS - Drain to Source Voltage - V
−0.2
0.0
−0.8
−1.0
−0.4
−0.6
10
2
4
6
8
0
Pulsed
−4.0 V
VGS =
−4.5 V
−2.5 V
−1.8 V
−0.01
−0.001
−0.0001
−0.00001
−0.5
0
−1.0
−1.5
−2.0
−100
−10
−1
−0.1
25˚C
25˚C
75˚C
TA = 125˚C
VGS - Gate to Sorce Voltage - V
VDS =
−10 V
FORWARD TRANSFER CHARACTERISTICS
−1
−10
−100
−0.1
VDS =
−10V
ID - Drain Current - A
1
10
0.1
0.01
−0.01
100
TA = 125˚C
75˚C
25˚C
−25˚C
FORWARD TRANSFER ADMITTANCE Vs.
DRAIN CURRENT
FORWARD BIAS SAFE OPERATING AREA
−10
−100
−1
VDS - Drain to Source Voltage - V
−100
−10
−1
−0.1
−0.1
−0.01
100 ms
5 s (1 unit)
5 s (2 units)
10 ms
PW = 1 ms
R
DS(on)
Limited
(V
GS
=
4.5
V)
ID (pulse)
ID (DC)
Single Pulse
Mounted on 250 mm x 35
µm Copper Pad
Connected to Drain Electrode in
50 mm x 50 mm x 1.6 mm FR-4 Board
2


Similar Part No. - PA1950_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PA1951 RENESAS-PA1951_15 Datasheet
209Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1952 RENESAS-PA1952_15 Datasheet
207Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
More results

Similar Description - PA1950_15

ManufacturerPart #DatasheetDescription
logo
NEC
UPA1916 NEC-UPA1916 Datasheet
62Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA653TT NEC-UPA653TT Datasheet
70Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA678TB NEC-UPA678TB Datasheet
60Kb / 6P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
2SJ557 NEC-2SJ557 Datasheet
62Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1915 NEC-UPA1915 Datasheet
66Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1856 NEC-UPA1856 Datasheet
77Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
logo
Renesas Technology Corp
PA1815 RENESAS-PA1815_15 Datasheet
200Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1856 RENESAS-PA1856_15 Datasheet
208Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1913 RENESAS-PA1913_15 Datasheet
202Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1914 RENESAS-PA1914_15 Datasheet
201Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
2SJ648 RENESAS-2SJ648_15 Datasheet
269Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com