Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DC1968A Datasheet(PDF) 1 Page - Linear Technology

Part # DC1968A
Description  BASIC INDUCTIVE TRANSMITTER WITH PRE - REGULATOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

DC1968A Datasheet(HTML) 1 Page - Linear Technology

  DC1968A Datasheet HTML 1Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
4
4
3
3
2
2
1
1
4
4
3
3
2
2
1
1
UNLESS NOTED:
RESISTORS: OHMS, 0402, 1%, 1/16W
CAPACITORS: uF, 0402, 10%, 50V
8V - 38V
4.75V - 5.25V
5V OUT
FC6041
FC6041
MKS02
MKS02
OPT
OPT
5.0uH
5%
Lx
3
DEMO CIRCUIT 1968A
1
1
BASIC INDUCTIVE TRANSMITTER WITH PRE - REGULATOR
N/A
NC
GEORGE B.
9 - 17 - 13
LTC4120EUD / LTC4120-4.2EUD
SIZE
DATE:
IC NO.
REV.
SHEET
OF
TITLE:
APPROVALS
PCB DES.
APP ENG.
TECHNOLOGY
Fax: (408)434-0507
Milpitas, CA 95035
Phone: (408)432-1900
1630 McCarthy Blvd.
LTC Confidential-For Customer Use Only
CUSTOMER NOTICE
LINEAR TECHNOLOGY HAS MADE A BEST EFFORT TO DESIGN A
CIRCUIT THAT MEETS CUSTOMER-SUPPLIED SPECIFICATIONS;
HOWEVER, IT REMAINS THE CUSTOMER'S RESPONSIBILITY TO
VERIFY PROPER AND RELIABLE OPERATION IN THE ACTUAL
APPLICATION. COMPONENT SUBSTITUTION AND PRINTED
CIRCUIT BOARD LAYOUT MAY SIGNIFICANTLY AFFECT CIRCUIT
PERFORMANCE OR RELIABILITY. CONTACT LINEAR
TECHNOLOGY APPLICATIONS ENGINEERING FOR ASSISTANCE.
THIS CIRCUIT IS PROPRIETARY TO LINEAR TECHNOLOGY AND
SCHEMATIC
SUPPLIED FOR USE WITH LINEAR TECHNOLOGY PARTS.
SCALE = NONE
www.linear.com
GEORGE B.
PRODUCTION FAB
3
9 - 17 - 13
-
REVISION HISTORY
DESCRIPTION
DATE
APPROVED
ECO
REV
D5
DFLS240L
40V
2A
M1
Si4108DY-T1-GE3
4
1
7 8
5 6
2
3
U1
LT3480EDD
1
2
3
4
5
7
6
8
9
10
11
BD
BOOST
SW
VIN
RUN/SS
PG
SYNC
FB
Vc
RT
GND
M4
2N7002L
3
1
2
C5
0.01uF
D2
NSR10F40NXT5G
E2
GND
C9
0.47uF
25V
0603
R10
100k
D3
NSR10F40NXT5G
R8
150k
5%
C10
22uF
6.3V
0805
20%
R1
100
5%
R5
20k
E3
VCC
R2
100
5%
C6
4.7uF
1206
50V
C7
0.068uF
50V
0603
D6
ON
16V
D1
BZX84C16
L2
68uH
E5
Cy
R4
40.2k
R7
536k
Cx4
0.15uF
2.5%
E4
GND
L1
68uH
L3
4.7uH
M3
Si2333DS
1
2
3
R3
150k
5%
E1
HVIN
E6
Cx
Cx3
0.15uF
2.5%
R6
100k
16V
D4
BZX84C16
M2
Si4108DY-T1-GE3
4
1
7
8
5
6
2 3
Cx1
0.15uF
2%
C8
330pF
5%
R9
1K
5%
Cx2
0.15uF
2%
C4
0.01uF


Similar Part No. - DC1968A

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DC19678-138 ITT-DC19678-138 Datasheet
9Mb / 301P
   D Subminiature Connectors
DC19678-162 ITT-DC19678-162 Datasheet
9Mb / 301P
   D Subminiature Connectors
DC19678-173 ITT-DC19678-173 Datasheet
9Mb / 301P
   D Subminiature Connectors
DC19678-214 ITT-DC19678-214 Datasheet
2Mb / 28P
   Defining and Champooning Innivation
DC19678-214 ITT-DC19678-214 Datasheet
2Mb / 28P
   D Subminiature Accessories
More results

Similar Description - DC1968A

ManufacturerPart #DatasheetDescription
logo
Contrinex AG Industrial...
DW-AS-62X-C44 CONTRINEX-DW-AS-62X-C44 Datasheet
438Kb / 6P
   INDUCTIVE SENSOR BASIC
logo
Allegro MicroSystems
A81407 ALLEGRO-A81407 Datasheet
3Mb / 58P
   Multi-Output Regulator with Buck or Buck-Boost Pre-Regulator
logo
Schneider Electric
IMT30A SCHNEIDER-IMT30A Datasheet
113Kb / 2P
   Magnetic flow transmitter-basic applications, excellent price/ performance ratio
Apr 26, 2022
logo
Unisonic Technologies
UD24121G-AG6-R UTC-UD24121G-AG6-R Datasheet
208Kb / 5P
   Pre-Regulator for Linear Regulators
logo
STMicroelectronics
STWLC33 STMICROELECTRONICS-STWLC33 Datasheet
431Kb / 7P
   Multi-mode Qi/AirFuel inductive wireless power receiver with transmitter function
February 2017 Rev 1
AN2485 STMICROELECTRONICS-AN2485 Datasheet
735Kb / 29P
   400 W FOT-controlled PFC pre-regulator with the L6563
AN2994 STMICROELECTRONICS-AN2994 Datasheet
2Mb / 38P
   400 W FOT-controlled PFC pre-regulator with the L6563S
AN2755 STMICROELECTRONICS-AN2755 Datasheet
710Kb / 24P
   400 W FOT-controlled PFC pre-regulator with the L6562A
AN3063 STMICROELECTRONICS-AN3063 Datasheet
1Mb / 33P
   100 W transition-mode PFC pre-regulator with the L6563H
logo
NXP Semiconductors
TDA5360 PHILIPS-TDA5360 Datasheet
198Kb / 34P
   Pre-Amplifier for Hard Disk Drive with MR-Read / Inductive Write Heads
1998 Jul 30
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com