Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DC2042A Datasheet(PDF) 2 Page - Linear Technology

Part # DC2042A
Description  ENERGY HARVESTING MULTI-SOURCE DEMOBOARD
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

DC2042A Datasheet(HTML) 2 Page - Linear Technology

  DC2042A_15 Datasheet HTML 1Page - Linear Technology DC2042A_15 Datasheet HTML 2Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
5
5
4
4
3
3
2
2
1
1
D
D
C
C
B
B
A
A
OPT
2
DEMO CIRCUIT 2042A
22
ENERGY HARVESTING MULTI-SOURCE DEMOBOARD
N/A
BS
NC
12 - 12 - 12
SIZE
DATE:
IC NO.
REV.
SHEET
OF
TITLE:
APPROVALS
PCB DES.
APP ENG.
TECHNOLOGY
Fax: (408)434-0507
Milpitas, CA 95035
Phone: (408)432-1900
1630 McCarthy Blvd.
LTC Confidential-For Customer Use Only
CUSTOMER NOTICE
LINEAR TECHNOLOGY HAS MADE A BEST EFFORT TO DESIGN A
CIRCUIT THAT MEETS CUSTOMER-SUPPLIED SPECIFICATIONS;
HOWEVER, IT REMAINS THE CUSTOMER'S RESPONSIBILITY TO
VERIFY PROPER AND RELIABLE OPERATION IN THE ACTUAL
APPLICATION. COMPONENT SUBSTITUTION AND PRINTED
CIRCUIT BOARD LAYOUT MAY SIGNIFICANTLY AFFECT CIRCUIT
PERFORMANCE OR RELIABILITY. CONTACT LINEAR
TECHNOLOGY APPLICATIONS ENGINEERING FOR ASSISTANCE.
THIS CIRCUIT IS PROPRIETARY TO LINEAR TECHNOLOGY AND
SCHEMATIC
SUPPLIED FOR USE WITH LINEAR TECHNOLOGY PARTS.
SCALE = NONE
www.linear.com
VIN_LTC3105
VIN_LTC3459
BGND
VIN_LTC3108
PZ1
PZ2
VIN_LTC3588-1
VIN_LTC3108
PZ1
PZ2
VIN_LTC3588-1
VIN_LTC3459
VIN_LTC3105
BGND
J4
TRANSDUCER CONNECTOR VERTICAL
SMH-106-02-L-D-12
1
2
3
4
5
6
7
8
9
10
11
12
VIN_LTC3459
GND
VIN_LTC3105
GND
VIN_LTC3108
GND
VIN_LTC3588-1
GND
PZ1
GND
PZ2
KEY
J3
TRANSDUCER CONNECTOR HORIZONTAL
SMH-106-02-L-D-12
1
2
3
4
5
6
7
8
9
10
11
12
VIN_LTC3459
GND
VIN_LTC3105
GND
VIN_LTC3108
GND
VIN_LTC3588-1
GND
PZ1
GND
PZ2
KEY


Similar Part No. - DC2042A_15

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
DC20 KINGBRIGHT-DC20 Datasheet
262Kb / 3P
   20 SEGMENT BAR GRAPH ARRAY
DC20-20EWA KINGBRIGHT-DC20-20EWA Datasheet
153Kb / 4P
   20 SEGMENTS BAR GRAPH ARRAY
DC20-20GWA KINGBRIGHT-DC20-20GWA Datasheet
153Kb / 4P
   20 SEGMENTS BAR GRAPH ARRAY
DC20-20SRWA KINGBRIGHT-DC20-20SRWA Datasheet
151Kb / 4P
   20 SEGMENTS BAR GRAPH ARRAY
DC20-20YWA KINGBRIGHT-DC20-20YWA Datasheet
153Kb / 4P
   20 SEGMENTS BAR GRAPH ARRAY
More results

Similar Description - DC2042A_15

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1810 MICROCHIP-MCP1810 Datasheet
1Mb / 32P
   Energy Harvesting
06/23/16
logo
List of Unclassifed Man...
EHE001 ETC2-EHE001 Datasheet
138Kb / 1P
   ENERGY HARVESTING ELECTRONICS
logo
Nexperia B.V. All right...
NEH2000BY NEXPERIA-NEH2000BY Datasheet
411Kb / 14P
   Energy harvesting PMIC
Rev. 3.1 - 3 April 2023
logo
List of Unclassifed Man...
EHE004 ETC2-EHE004 Datasheet
837Kb / 8P
   ENERGY HARVESTING ELECTRONICS
logo
Broadcom Corporation.
AS38-H39E BOARDCOM-AS38-H39E Datasheet
1Mb / 8P
   39-Bit Energy-Harvesting Multi-Turn Absolute Encoder
logo
Micro Analog systems
MAS6011B MAS-MAS6011B Datasheet
181Kb / 10P
   Solar Cell Energy Harvesting
logo
Wurth Elektronik GmbH &...
EFM32 WURTH-EFM32 Datasheet
261Kb / 2P
   Linear Technology Multi-Source Energy Harvester
logo
Cymbet Corporation
CBC915 CYMBET-CBC915 Datasheet
769Kb / 16P
   EnerChip Energy Processor for Energy Harvesting Applications
CBC915-ACA CYMBET-CBC915-ACA Datasheet
780Kb / 16P
   EnerChip??Energy Processor for Energy Harvesting Applications
logo
Maxim Integrated Produc...
MAX17710_1107 MAXIM-MAX17710_1107 Datasheet
1Mb / 17P
   Energy-Harvesting Charger and Protector
Rev 1; 7/11
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com