Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NPT1012 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # NPT1012
Description  25W RF Power Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

NPT1012 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  NPT1012_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. NPT1012_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. NPT1012_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. NPT1012_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. NPT1012_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. NPT1012_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. NPT1012_15 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. NPT1012_15 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NPT1012
NDS-025 Rev. 3, April 2013
NPT1012
Page 3
Table 1: Optimum Source and Load Impedances1 for CW Gain, Drain Efficiency, and Output Power Performance
Load-Pull Data, Reference Plane at Device Leads
VDS=28V, IDQ=225mA, TA=25°C unless otherwise noted
Figure 3 - Optimum Impedances for CW
Performance, VDS = 28V
Frequency
(MHz)
VDS
(V)
ZS
(W)
ZL
(W)
PSAT
(W)
GSS
(dB)
Drain Efficiency @ PSAT
(%)
500
14
7.0 + j8.2
8.6 + j7.4
12
27.8
76
500
22
7.0 + j8.2
9.7+ j11.3
21
29.2
74
500
28
7.0 + j8.2
9.7 + j14.1
26
29.7
68
900
14
5.8 + j3.1
6.8 + j4.7
12
22.4
74
900
22
5.8 + j3.1
9.6 + j5.3
24
23.3
74
900
28
5.8 + j3.1
9.8 + j 7.8
26
23.6
67
1800
28
3.5 - j3.6
6.9 + j2.0
26
18.4
69
2500
14
3.9 - j7.5
6.2 - j8.0
13
13.7
70
2500
22
4.8 - j7.0
5.5 - j4.1
19
14.9
69
2500
28
4.8 - j7.0
5.5 - j4.1
26
15.2
69
3000
28
5.3 - j8.8
5.3 - j6.4
26
13.2
66
3500
28
5.0 - j14.5
7.0 - j9.5
26
12.9
63
Note 1: 500MHz and 900MHz Load-Pull data collected using a 4.7 Ω resistor in the RF path added for stability
ZS is the source impedance
presented to the device.
ZL is the load impedance
presented to the device.


Similar Part No. - NPT1012_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
NPT1012B MA-COM-NPT1012B Datasheet
12Mb / 9P
   Next generation high power RF semiconductor technology
More results

Similar Description - NPT1012_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
NPTB00025 MA-COM-NPTB00025_15 Datasheet
683Kb / 6P
   25W RF Power Transistor
NPTB00025 MA-COM-NPTB00025 Datasheet
683Kb / 6P
   Gallium Nitride 28V, 25W RF Power Transistor
logo
List of Unclassifed Man...
NPT1012 ETC2-NPT1012 Datasheet
1,019Kb / 8P
   Gallium Nitride 28V, 25W RF Power Transistor
logo
M/A-COM Technology Solu...
NPT1012 MA-COM-NPT1012 Datasheet
1,019Kb / 8P
   Gallium Nitride 28V, 25W RF Power Transistor
logo
NTE Electronics
NTE366 NTE-NTE366 Datasheet
22Kb / 2P
   Silicon NPN Transistor RF Power Output PO = 25W @ 512MHz
logo
United Monolithic Semic...
CHK025A-SOA UMS-CHK025A-SOA Datasheet
581Kb / 14P
   25W Power Packaged Transistor
logo
Toshiba Semiconductor
S-AU27AL TOSHIBA-S-AU27AL Datasheet
138Kb / 3P
   25W FM RF POWER AMPLIFIER MODULE
logo
M/A-COM Technology Solu...
MRF426 MA-COM-MRF426 Datasheet
273Kb / 7P
   The RF Line NPN Silicon Power Transistor 25W(PEP), 30MHz, 28V
MRF426 MA-COM-MRF426 Datasheet
273Kb / 7P
   The RF Line NPN Silicon Power Transistor 25W(PEP), 30MHz, 28V
logo
NTE Electronics
NTE484 NTE-NTE484 Datasheet
22Kb / 2P
   Silicon NPN Transistor RF Power Output for Mobile Use, PO = 25W @ 947MHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com