Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NPTB00025 Datasheet(PDF) 6 Page - M/A-COM Technology Solutions, Inc.

Part # NPTB00025
Description  25W RF Power Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

NPTB00025 Datasheet(HTML) 6 Page - M/A-COM Technology Solutions, Inc.

  NPTB00025_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. NPTB00025_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. NPTB00025_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. NPTB00025_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. NPTB00025_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. NPTB00025_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
NPTB00025
NDS-006 Rev. 4, April 2013
NPTB00025
Page 6
Nitronex, LLC
2305 Presidential Drive
Durham, NC 27703 USA
+1.919.807.9100 (telephone)
+1.919.807.9200 (fax)
info@nitronex.com
www.nitronex.com
Additional Information
This part is lead-free and is compliant with the RoHS directive
(Restrictions on the Use of Certain Hazardous Substances in Electrical and Electronic Equipment).
Important Notice
Nitronex, LLC reserves the right to make corrections, modifications, enhancements, improvements and other changes to
its products and services at any time and to discontinue any product or service without notice. Customers should obtain
the latest relevant information before placing orders and should verify that such information is current and complete. All
products are sold subject to Nitronex terms and conditions of sale supplied at the time of order acknowledgment. The latest
information from Nitronex can be found either by calling Nitronex at 1-919-807-9100 or visiting our website at
www.nitronex.com.
Nitronex warrants performance of its packaged semiconductor or die to the specifications applicable at the time of sale in
accordance with Nitronex standard warranty. Testing and other quality control techniques are used to the extent Nitronex
deems necessary to support the warranty. Except where mandated by government requirements, testing of all parameters
of each product is not necessarily performed.
Nitronex assumes no liability for applications assistance or customer product design. Customers are responsible for their
product and applications using Nitronex semiconductor products or services. To minimize the risks associated with
customer products and applications, customers should provide adequate design and operating safeguards.
Nitronex does not warrant or represent that any license, either express or implied, is granted under any Nitronex patent right,
copyright, mask work right, or other Nitronex intellectual property right relating to any combination, machine or process in
which Nitronex products or services are used.
Reproduction of information in Nitronex data sheets is permitted if and only if said reproduction does not alter any of the
information and is accompanied by all associated warranties, conditions, limitations and notices. Any alteration of the
contained information invalidates all warranties and Nitronex is not responsible or liable for any such statements.
Nitronex products are not intended or authorized for use in life support systems, including but not limited to surgical
implants into the body or any other application intended to support or sustain life. Should Buyer purchase or use Nitronex,
LLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold Nitronex, LLC, its
officers, employees, subsidiaries, affiliates, distributors, and its successors harmless against all claims, costs, damages,
and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, notwithstanding if such claim alleges that Nitronex was negligent
regarding the design or manufacture of said products.
Nitronex and the Nitronex logo are registered trademarks of Nitronex, LLC.
All other product or service names are the property of their respective owners.
©Nitronex, LLC 2012. All rights reserved.


Similar Part No. - NPTB00025_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
NPTB00025AB MA-COM-NPTB00025AB Datasheet
12Mb / 9P
   Next generation high power RF semiconductor technology
NPTB00025B MA-COM-NPTB00025B Datasheet
12Mb / 9P
   Next generation high power RF semiconductor technology
More results

Similar Description - NPTB00025_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
NPT1012 MA-COM-NPT1012_15 Datasheet
1,019Kb / 8P
   25W RF Power Transistor
NPTB00025 MA-COM-NPTB00025 Datasheet
683Kb / 6P
   Gallium Nitride 28V, 25W RF Power Transistor
logo
List of Unclassifed Man...
NPT1012 ETC2-NPT1012 Datasheet
1,019Kb / 8P
   Gallium Nitride 28V, 25W RF Power Transistor
logo
M/A-COM Technology Solu...
NPT1012 MA-COM-NPT1012 Datasheet
1,019Kb / 8P
   Gallium Nitride 28V, 25W RF Power Transistor
logo
NTE Electronics
NTE366 NTE-NTE366 Datasheet
22Kb / 2P
   Silicon NPN Transistor RF Power Output PO = 25W @ 512MHz
logo
United Monolithic Semic...
CHK025A-SOA UMS-CHK025A-SOA Datasheet
581Kb / 14P
   25W Power Packaged Transistor
logo
Toshiba Semiconductor
S-AU27AL TOSHIBA-S-AU27AL Datasheet
138Kb / 3P
   25W FM RF POWER AMPLIFIER MODULE
logo
M/A-COM Technology Solu...
MRF426 MA-COM-MRF426 Datasheet
273Kb / 7P
   The RF Line NPN Silicon Power Transistor 25W(PEP), 30MHz, 28V
MRF426 MA-COM-MRF426 Datasheet
273Kb / 7P
   The RF Line NPN Silicon Power Transistor 25W(PEP), 30MHz, 28V
logo
NTE Electronics
NTE484 NTE-NTE484 Datasheet
22Kb / 2P
   Silicon NPN Transistor RF Power Output for Mobile Use, PO = 25W @ 947MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com