Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XB1007-QT Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # XB1007-QT
Description  GaAs MMICBuffer Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

XB1007-QT Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  XB1007-QT_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. XB1007-QT_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. XB1007-QT_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. XB1007-QT_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. XB1007-QT_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. XB1007-QT_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
1
2
3
4
1
6
1
5
1
4
1
3
12
11
10
9
5
6
7
8
RF In
VG
gnd
RF Out
gnd
gnd
gnd
gnd
gnd
gnd
gnd
gnd
gnd
gnd
VD
gnd
4.0-11.0 GHz GaAs MMIC
Buffer Amplifier, QFN
B1007-QT
Page 4 of 6
Package Dimensions / Layout
Functional Block Diagram
Pin Designations
(Note: Engineering designator is 8MPA0811)
Pin Number
1
2
3-4
5
6-10
11
12
13
14-16
Pin Name
GND
RF In
GND
VG
GND
RF Out
GND
VD
GND
Pin Function
Ground
RF Input
Ground
Gate Bias
Ground
RF Output
Ground
Drain Bias
Ground
Nominal Value
-0.5V
4.0V, 100 mA
Mimix Broadband, Inc., 10795 Rockley Rd., Houston,Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice. ©2010 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
March 2010 - Rev 13-Mar-10


Similar Part No. - XB1007-QT_15

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XB1007-QT MIMIX-XB1007-QT_10 Datasheet
684Kb / 6P
   4.0-11.0 GHz GaAs MMIC
More results

Similar Description - XB1007-QT_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
XB1007-QT MA-COM-XB1007-QT Datasheet
684Kb / 6P
   4.0-11.0 GHz GaAs MMICBuffer Amplifier
logo
Mimix Broadband
CMM-9-BD MIMIX-CMM-9-BD Datasheet
380Kb / 5P
   GaAs MMIC Amplifier
logo
RF Micro Devices
SDA-3000 RFMD-SDA-3000 Datasheet
1Mb / 7P
   GaAs Distributed Amplifier
SDA-4000 RFMD-SDA-4000 Datasheet
1Mb / 7P
   GaAs Distributed Amplifier
SDA-6000 RFMD-SDA-6000 Datasheet
1Mb / 8P
   GaAs Distributed Amplifier
logo
Broadcom Corporation.
DEMO-MGA8656-3 BOARDCOM-DEMO-MGA8656-3 Datasheet
177Kb / 8P
   GaAs MMIC Amplifier
logo
RF Micro Devices
SDA-2000 RFMD-SDA-2000 Datasheet
1Mb / 8P
   GaAs Distributed Amplifier
SDA-7000 RFMD-SDA-7000 Datasheet
1Mb / 9P
   GaAs Distributed Amplifier
SDA-1000 RFMD-SDA-1000 Datasheet
1Mb / 7P
   GaAs Distributed Amplifier
SDA-5000 RFMD-SDA-5000 Datasheet
1Mb / 7P
   GaAs Distributed Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com