Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1303-5 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1303-5
Description  Micropower High Efficiency DC/DC Converters with Low-Battery Detector Adjustable and Fixed 5V
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1303-5 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1303-5_15 Datasheet HTML 3Page - Linear Technology LT1303-5_15 Datasheet HTML 4Page - Linear Technology LT1303-5_15 Datasheet HTML 5Page - Linear Technology LT1303-5_15 Datasheet HTML 6Page - Linear Technology LT1303-5_15 Datasheet HTML 7Page - Linear Technology LT1303-5_15 Datasheet HTML 8Page - Linear Technology LT1303-5_15 Datasheet HTML 9Page - Linear Technology LT1303-5_15 Datasheet HTML 10Page - Linear Technology LT1303-5_15 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LT1303/LT1303-5
Inductor Section
Inductors suitable for use with the LT1303 usually fall in
the 5
µH to 50µH range. The inductor must: (1) handle
current of 1.25A without saturating, (2) have enough
inductance to provide a di/dt lower than 400mA/
µs, and
(3) have low enough DC resistance to avoid excessive
heating or efficiency losses. Higher value inductors will
deliver more power but tend to be physically larger. Most
ferrite core drum or rod inductors such as those specified
in Table 1 are suitable for use. It is acceptable to bias open-
flux inductors (e.g. Sumida CD54) into saturation by 10 to
20% without adverse effects.
OPERATION
APPLICATIONS INFORMATION
hysteresis built in, but hysteresis can be added by
connecting a high-value resistor from LBI to LBO as
shown in Figure 5. The internal reference can be accessed
via the comparator as shown in Figure 6.
Figure 7 shows inductor current of a suitable inductor,
di/dt is controlled at all times. The rapid rise in current
shown in Figure 8 results from this inductor saturating at
approximately 1A. Saturation occurs when the inductor
cannot hold any more magnetic energy in the core. Current
then increases rapidly, limited only by the resistance of the
winding. Figure 9’s inductor has high DC resistance which
results in the exponential time constant shape of the
inductor current.
Figure 7. Properly Chosen Inductor Does Not Saturate
IL
500mA/DIV
5
µs/DIV
LT1303 F07
Figure 6. Accessing Internal Reference
to about 2
µs. Response time of C2, which determines
minimum on-time, is approximately 300ns.
Low Battery Detector
The low battery detector is enabled when SHDN is low and
disabled when SHDN is high. The comparator has no
Figure 5. R3 Adds Hysteresis to Low-Battery Detector
+
1.24V
LT1303
R4
47k
R1
R3
2M
R2
49.9k
1%
VBAT
5V
R1 = (VTRIP –1.24V) (43.5k)
HYSTERESIS
≈ 30mV
LT1303 F05
PHONE
VENDOR
SERIES
APPROPRIATE VALUES NUMBERS
Coilcraft
D03316
10
µH to 47µH
(708) 639-6400
D01608
10
µH
Coiltronics
OCTAPAK
(407) 241-7876
CTX20-1
20
µH
CTX20-2
20
µH
CTX33-4
33
µH
Sumida
CD54
10
µH to 33µH
(708) 956-0666
Gowanda
GA10
10
µH to 33µH
(716) 532-2234
Table 1. Recommended Inductors
VIN
VIN
GND
LBO
LBI
LT1303
+
100k
R2
R1
2.2
µF
2N3906
VREF
OUTPUT
VREF = 1.24V 1 +
VIN ≥ VREF + 200mV
R1 + R2
≈ 33k
R2
R1
()
LT1303 F06


Similar Part No. - LT1303-5_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1303-5 LINER-LT1303-5 Datasheet
280Kb / 12P
   Micropower High Efficiency DC/DC Converters with Low-Battery Detector Adjustable and Fixed 5V
More results

Similar Description - LT1303-5_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1303 LINER-LT1303 Datasheet
280Kb / 12P
   Micropower High Efficiency DC/DC Converters with Low-Battery Detector Adjustable and Fixed 5V
LT1303 LINER-LT1303_15 Datasheet
259Kb / 12P
   Micropower High Efficiency DC/DC Converters with Low-Battery Detector Adjustable and Fixed 5V
logo
Unisonic Technologies
UC2306 UTC-UC2306 Datasheet
506Kb / 12P
   MICROPOWER DC/DC CONVERTERS WITH LOW-BATTERY DETECTOR
logo
Linear Technology
LT1302 LINER-LT1302_15 Datasheet
323Kb / 16P
   Micropower High Output Current Step-Up Adjustable and Fixed 5V DC/DC Converters
LT1302 LINER-LT1302 Datasheet
360Kb / 16P
   Micropower High Output Current Step-Up Adjustable and Fixed 5V DC/DC Converters
LT1302-5 LINER-LT1302-5_15 Datasheet
323Kb / 16P
   Micropower High Output Current Step-Up Adjustable and Fixed 5V DC/DC Converters
LT1107 LINER-LT1107 Datasheet
254Kb / 12P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1111 LINER-LT1111 Datasheet
337Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1111 LINER-LT1111_03 Datasheet
237Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1108 LINER-LT1108 Datasheet
266Kb / 12P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com