Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S510003 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # S510003
Description  Internal SAS Cable, mini-SAS (SFF-8087) to 4-in-1 32pin (SFF-8484), 3-ft (1M)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

S510003 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  S510003 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved S510003 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Internal SAS Cable, mini-SAS (SFF-8087) to 4-in-1
32pin (SFF-8484), 3-ft (1M).
MODEL NUMBER: S510-003
Description
3 ft. Internal Mini-SAS SFF-8087 to SFF-8484 controller to backplane cable. 30AWG, 8-pair cable with sideband signaling.
Features
Positive and passive latching ensures that the plug remains mated to receptacle
All internal iPass assemblies are capable of supporting SAS/SATA generation I, II, and III bandwidths ( up to 6Gbps )
Reduced mechanical size offers up to 4 times the port density of the current x4 solution
For Controller to Backplane applications
Specifications
OVERVIEW
Cable Type
SAS
INPUT
Cable Length (ft.)
3
Cable Length (m)
0.91
PHYSICAL
Color
Gray
CONNECTIONS
Connector A
SFF-8087
Highlights
Positive and passive latching
ensures that the plug remains
mated to receptacle
All internal Mini-SAS assemblies
are capable of supporting
SAS/SATA generation I, II, and
III bandwidths ( up to 6Gbps )
Reduced mechanical size offers
up to 4 times the port density of
the current x4 solution
Package Includes
3ft Internal SAS Cable, Mini-SAS
SFF-8087 to SFF-8484
1 / 2


Similar Part No. - S510003

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
S510065 SIRENZA-S510065 Datasheet
170Kb / 7P
   CATV OUT-OF- BAND- TUNER
logo
RF Micro Devices
S510065-55Z RFMD-S510065-55Z Datasheet
572Kb / 10P
   CATV OUT-OF-BAND TUNER
S51006555Z RFMD-S51006555Z Datasheet
572Kb / 10P
   CATV OUT-OF-BAND TUNER
S51006555ZSB RFMD-S51006555ZSB Datasheet
572Kb / 10P
   CATV OUT-OF-BAND TUNER
S51006555ZSQ RFMD-S51006555ZSQ Datasheet
572Kb / 10P
   CATV OUT-OF-BAND TUNER
More results

Similar Description - S510003

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
S510-003 TRIPPLITE-S510-003 Datasheet
154Kb / 2P
   Internal SAS Cable, mini-SAS (SFF-8087) to 4-in-1 32pin (SFF-8484), 3-ft (1M).
S50001M TRIPPLITE-S50001M Datasheet
478Kb / 2P
   Internal SAS Cable, 4-in-1 32Pin (SFF-8484) to 32Pin (SFF-8484) Cable, 1M (3-ft.)
S51018N TRIPPLITE-S51018N Datasheet
475Kb / 2P
   Internal SAS Cable, mini-SAS (SFF-8087) to 4-in-1 32pin (SFF-8484), 18-in. (0.5M)
S506003 TRIPPLITE-S506003 Datasheet
491Kb / 2P
   Internal SAS Cable, mini-SAS (SFF-8087) to mini-SAS (SFF-8087), 3-ft. (1M)
S506-003 TRIPPLITE-S506-003 Datasheet
162Kb / 2P
   Internal SAS Cable, mini-SAS (SFF-8087) to mini-SAS (SFF-8087), 3-ft. (1M)
S510-18N TRIPPLITE-S510-18N Datasheet
154Kb / 2P
   Internal SAS Cable, mini-SAS (SFF-8087) to 4-in-1 32pin (SFF-8484), 18-in. (0.5M)
S50618N TRIPPLITE-S50618N Datasheet
493Kb / 2P
   Internal SAS Cable, mini-SAS (SFF-8087) to mini-SAS (SFF-8087), 18-in. (0.5M)
S506-18N TRIPPLITE-S506-18N Datasheet
494Kb / 2P
   Internal SAS Cable, mini-SAS (SFF-8087) to mini-SAS (SFF-8087), 18-in. (0.5M)
S50201M TRIPPLITE-S50201M Datasheet
493Kb / 2P
   Internal SAS Cable, 4-in-1 32Pin (SFF-8484) to 4 x 7pin Cable, 1M (3-ft.)
S502-01M TRIPPLITE-S502-01M Datasheet
163Kb / 2P
   Internal SAS Cable, 4-in-1 32Pin (SFF-8484) to 4 x 7pin Cable, 1M (3-ft.)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com