Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1304-5 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1304-5
Description  Micropower DC/DC Converters with Low-Battery Detector Active in Shutdown
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1304-5 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1304-5_15 Datasheet HTML 2Page - Linear Technology LT1304-5_15 Datasheet HTML 3Page - Linear Technology LT1304-5_15 Datasheet HTML 4Page - Linear Technology LT1304-5_15 Datasheet HTML 5Page - Linear Technology LT1304-5_15 Datasheet HTML 6Page - Linear Technology LT1304-5_15 Datasheet HTML 7Page - Linear Technology LT1304-5_15 Datasheet HTML 8Page - Linear Technology LT1304-5_15 Datasheet HTML 9Page - Linear Technology LT1304-5_15 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LT1304/LT1304-3.3/LT1304-5
OPERATIO
The LT1304’s operation can best be understood by exam-
ining the block diagram in Figure 1. Comparator A1
monitors the output voltage via resistor divider string
R3/R4 at the FB pin. When VFB is higher than the 1.24V
reference, A2 and the timers are turned off. Only the
reference, A1 and A3 consume current, typically 120
µA.
As VFB drops below 1.24V plus A1’s hysteresis (about
6mV), A1 enables the rest of the circuit. Power switch Q1
is then cycled on for 6
µs, or until current comparator A2
turns off the ON timer, whichever comes first. Off-time is
fixed at approximately 1.5
µs. Q1’s switching causes cur-
rent to alternately build up in inductor L1 and discharge
into output capacitor C2 via D1, increasing the output
voltage. As VFB increases enough to overcome C1’s hys-
teresis, switching action ceases. C2 is left to supply
current to the load until VOUT decreases enough to force
A1’s output high, and the entire cycle repeats.
If switch current reaches 1A, causing A2 to trip, switch
ON time is reduced. This allows continuous mode opera-
tion during bursts. A2 monitors the voltage across 7.2
resistor R1, which is directly related to the switch current.
Q2’s collector current is set by the emitter-area ratio to
0.5% of Q1’s collector current. R1’s voltage drop exceeds
36mV, corresponding to 1A switch current, A2’s output
goes high, truncating the ON time part of the switch cycle.
The 1A peak current can be reduced by tying a resistor
between the ILIM pin and ground, causing a voltage drop
to appear across R2. The drop offsets some of the 36mV
reference voltage, lowering peak current. A 22k resistor
limits current to approximately 550mA. A capacitor con-
nected between ILIM and ground provides soft start. Shut-
down is accomplished by grounding the SHDN pin.
The low-battery detector A3 has its own 1.17V reference
and is always on. The open collector output device can sink
up to 500
µA. Approximately 35mV of hysteresis is built
into A3 to reduce “buzzing” as the battery voltage reaches
the trip level.
Inductor Selection
Inductors used with the LT1304 must be capable of
handling the worst-case peak switch current of 1.2A
without saturating. Open flux rod or drum core units may
be biased into saturation by 20% with only a small reduc-
tion in efficiency. For the majority of 2-cell or 3-cell input
LT1304 applications, a 22
µH or 20µH inductor such as the
Sumida CD54-220 (drum) or Coiltronics CTX20-1 (toroid)
will suffice. If switch current is reduced using the ILIM pin,
smaller inductors such as the Sumida CD43 series or
Coilcraft DO1608 series can be used. Minimizing DCR is
important for best efficiency. Ideally, the inductor DCR
should be less than 0.05
Ω, although the physical size of
such an inductor makes its use prohibitive in many space
conscious applications. If EMI is a concern, such as when
sensitive analog circuitry is present, a toroidal inductor
such as the Coiltronics CTX20-1 is suggested.
A special case exists where the VOUT/VIN differential is
high, such as a 2V to 12V boost converter. If the required
duty cycle for continuous mode operation is higher than
the LT1304 can provide, the converter must be designed
for discontinuous operation. This means that the inductor
current decreases to zero during the switch OFF time. For
a simple step-up (boost) converter, duty cycle can be
calculated by the following formula:
DC = 1 – [(VIN – VSAT)/(VOUT + VD)]
where,
VIN = Minimum input voltage
VSAT = Switch saturation voltage (0.3V)
VOUT = Output voltage
VD = Diode forward voltage (0.4V)
If the calculated duty cycle exceeds the minimum LT1304
duty cycle of 76%, the converter should be designed for
discontinuous mode operation. The inductance must be
low enough so that current in the inductor reaches the
peak current in a single cycle. Inductor value can be
calculated by:
L = (VIN – VSAT)(tON/1A)
where,
tON = Minimum on-time of LT1304 (4µs)
One advantage of discontinuous mode operation is that
inductor values are usually quite low so very small units
can be used. Ripple current is higher than with continuous
mode designs and efficiency will be somewhat less.


Similar Part No. - LT1304-5_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1304-5 LINER-LT1304-5 Datasheet
345Kb / 16P
   Micropower DC/DC Converters with Low-Battery Detector Active in Shutdown
More results

Similar Description - LT1304-5_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1304 LINER-LT1304_15 Datasheet
309Kb / 16P
   Micropower DC/DC Converters with Low-Battery Detector Active in Shutdown
LT1304 LINER-LT1304 Datasheet
345Kb / 16P
   Micropower DC/DC Converters with Low-Battery Detector Active in Shutdown
LT1304-3.3 LINER-LT1304-3.3_15 Datasheet
309Kb / 16P
   Micropower DC/DC Converters with Low-Battery Detector Active in Shutdown
logo
Unisonic Technologies
LT1304 UTC-LT1304 Datasheet
267Kb / 19P
   MICROPOWER DC/DC CONVERTERS WITH LOW-BATTERY DETECTOR ACTIVE IN SHUTDOWN
UC2306 UTC-UC2306 Datasheet
506Kb / 12P
   MICROPOWER DC/DC CONVERTERS WITH LOW-BATTERY DETECTOR
logo
Linear Technology
LT1305 LINER-LT1305_15 Datasheet
224Kb / 8P
   Micropower High Power DC/DC Converter with Low-Battery Detector
LT1305 LINER-LT1305 Datasheet
236Kb / 8P
   Micropower High Power DC/DC Converter with Low-Battery Detector
LT1303 LINER-LT1303_15 Datasheet
259Kb / 12P
   Micropower High Efficiency DC/DC Converters with Low-Battery Detector Adjustable and Fixed 5V
LT1303-5 LINER-LT1303-5_15 Datasheet
259Kb / 12P
   Micropower High Efficiency DC/DC Converters with Low-Battery Detector Adjustable and Fixed 5V
LT1303 LINER-LT1303 Datasheet
280Kb / 12P
   Micropower High Efficiency DC/DC Converters with Low-Battery Detector Adjustable and Fixed 5V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com