Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4006S Datasheet(PDF) 2 Page - Compact Technology Corp.

Part # 1N4006S
Description  PLASTIC SILICON RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTC [Compact Technology Corp.]
Direct Link  http://www.ctc-semicon.com
Logo CTC - Compact Technology Corp.

1N4006S Datasheet(HTML) 2 Page - Compact Technology Corp.

  1N4006S Datasheet HTML 1Page - Compact Technology Corp. 1N4006S Datasheet HTML 2Page - Compact Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES
1.0
.8
.6
.4
.2
0 0
25
50
75
100
125
150
175
20
10
2
1.0
.4
.2
.1
.04
.02
.01
.6
.8
1.0
1.2
1.4
1.5
50
40
30
20
10
0
1
2
4
6 8 10
20
40 6 0 80 100
100
60
40
20
10
6
4
2
1
.1
.2
.4
1.0 2
4
10 20 40
100
10
4
1.0
.4
.1
.04
.01
0
20
40
60
80
100
120
140
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
Single Phase
Half Wave 60Hz
Resistive or
Inductive Load
0.375" (9.5mm)
Lead Length
O
AMBIENT TEMPERATURE.( C)
FIG.3- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
8.3ms Single Half SineWave
JEDEC Method
NUMBER OF CYCLESAT 60Hz
FIG.5- TYPICAL REVERSECHARACTERISTICS
O
Tj=100 C
O
Tj=25 C
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
FORWARD VOLTAGE. (V)
FIG.2- TYPICAL FORWARD CHARACTERISTICS
Tj = 25OC
Pulse Width = 300
us
1% Duty Cycle
FIG.4- TYPICAL JUNCTIONCAPACITANCE
REVERSE VOLTAGE. (V)
O
Tj=25 C
1N4001S thru 1N4007S
2 of 2
1N4001
S thru 1N4007S


Similar Part No. - 1N4006S

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N4006S PANJIT-1N4006S Datasheet
53Kb / 2P
   PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Diotec Semiconductor
1N4006S DIOTEC-1N4006S Datasheet
129Kb / 2P
   Standard Recovery Rectifier Diodes
logo
Diotech Company.
1N4006S DIOTECH-1N4006S Datasheet
666Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
logo
Taiwan Semiconductor Co...
1N4006S TSC-1N4006S Datasheet
198Kb / 4P
   Silicon Rectifiers
logo
Transys Electronics
1N4006S TRSYS-1N4006S Datasheet
148Kb / 3P
   PLASTIC SILICON RECTIFIER
More results

Similar Description - 1N4006S

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
CT4A01 CTC-CT4A01 Datasheet
41Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
HY ELECTRONIC CORP.
1N4001 HY-1N4001 Datasheet
35Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
P600A SEMTECH_ELEC-P600A Datasheet
238Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Pan Jit International I...
1N4001 PANJIT-1N4001_10 Datasheet
64Kb / 2P
   PLASTIC SILICON RECTIFIERS
BY127M PANJIT-BY127M_09 Datasheet
68Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Shenzhen Luguang Electr...
6A05S LUGUANG-6A05S Datasheet
136Kb / 2P
   Plastic Silicon Rectifiers
8A05 LUGUANG-8A05 Datasheet
171Kb / 2P
   Plastic Silicon Rectifiers
EM513 LUGUANG-EM513 Datasheet
157Kb / 2P
   Plastic Silicon Rectifiers
P600A LUGUANG-P600A Datasheet
173Kb / 2P
   Plastic Silicon Rectifiers
logo
Yea Shin Technology Co....
1N4001 YEASHIN-1N4001 Datasheet
120Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Compact Technology Corp...
1N5391 CTC-1N5391_15 Datasheet
61Kb / 2P
   PLASTIC SILICON RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com