Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSRB1150 Datasheet(PDF) 2 Page - Compact Technology Corp.

Part # CSRB1150
Description  SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTC [Compact Technology Corp.]
Direct Link  http://www.ctc-semicon.com
Logo CTC - Compact Technology Corp.

CSRB1150 Datasheet(HTML) 2 Page - Compact Technology Corp.

  CSRB1150 Datasheet HTML 1Page - Compact Technology Corp. CSRB1150 Datasheet HTML 2Page - Compact Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CSRB120 thru CSRB1200
V0.0 2012-06
http://ctc-semicon.com
P2/2
RATINGS AND CHARACTERISTIC CURVES
FIG. 1-TYPICAL FORWARD CURRENT DERATING CURVE
FIG. 2-TYPICAL FORWARD CHARATERISTIC
FIG. 3-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
FIG. 4-TYPICAL REVERSE CHARATERISTIC
FIG. 5-TYPICAL JUNCTION CAPACITANCE
1
1.5
2
0
0.5
0
25
50
75
100
125
150
AMBIENT TEMPERATURE(℃)
AMBIENT TEMPERATURE(℃)
20
25
30
TJ=25℃ 8.3ms Single
Half Sine Wave
JEDEC method
0
5
10
15
1
10
100
NUMBER OF CYCLES AT 60Hz
160
200
ERS120P~ERS140P
ERS150P~ERS160P
40
80
120
160
ERS150P ERS160P
ERS180P~ERS1100P
ERS1150P
ERS1200P
0
40
0
1
10
100
REVERSE VOLTAGE (V)
10
100
0 001
0.01
0.1
1
25℃
100℃
0.001
20
40
60
80
100
PERCENTAGE RATED PEAK REVERSE VOLTAGE (%)
1.00
10.00
100.00
ERS120P~ERS140P
ERS160P
ERS180P~ERS1100P
ERS1150P
ERS1200P
0.01
0.10
0.2
0.4
0.6
0.8
1.0
TJ=25℃ PULSE
WIDTH 300us 2%
DUTY CYCLE
FORWARD VOLTAGE (V)


Similar Part No. - CSRB1150

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
CSRB140 CTC-CSRB140 Datasheet
45Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
CSRB160 CTC-CSRB160 Datasheet
45Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - CSRB1150

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com