Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KIC7WZ00FK Datasheet(PDF) 3 Page - KEC(Korea Electronics)

Part # KIC7WZ00FK
Description  SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT NAND GATE)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIC7WZ00FK Datasheet(HTML) 3 Page - KEC(Korea Electronics)

  KIC7WZ00FK Datasheet HTML 1Page - KEC(Korea Electronics) KIC7WZ00FK Datasheet HTML 2Page - KEC(Korea Electronics) KIC7WZ00FK Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2002. 3. 7
3/3
KIC7WZ00FK
Revision No : 1
ELECTRICAL CHARACTERISTICS
DC Characteristics
AC Characteristics (unless otherwise specified, Input : tr=tf=3ns)
CHARACTERISTIC
SYMBOL
TEST CONDITION
Ta=25
Ta=-40~85
UNIT
VCC(V)
MIN.
TYP.
MAX.
MIN.
MAX.
Input
Voltage
High Level
VIH
-
1.65~1.95
0.75
VCC
-
-
0.75
VCC
-
V
2.3~5.5 0.7 VCC
-
-
0.7 VCC
-
Low Level
VIL
-
1.65~1.95
-
-
0.25
VCC
-
0.25
VCC
2.3~5.5
-
-
0.3 VCC
-
0.3 VCC
Output
Voltage
High Level
VOH
VIN=
VIH or VIL
IOH=-100 A
1.65
1.55
1.65
-
1.55
-
V
2.3
2.2
2.3
-
2.2
-
3.0
2.9
3.0
-
2.9
-
4.5
4.4
4.5
-
4.4
-
IOH=-4mA
1.65
1.29
1.52
-
1.29
-
IOH=-8mA
2.3
1.9
2.15
-
1.9
-
IOH=-16mA
3.0
2.4
2.8
-
2.4
-
IOH=-24mA
3.0
2.3
2.68
-
2.3
-
IOH=-32mA
4.5
3.8
4.2
-
3.8
-
Low Level
VOL
VIN=VIL
IOH=100 A
1.65
-
0
0.1
-
0.1
V
2.3
-
0
0.1
-
0.1
3.0
-
0
0.1
-
0.1
4.5
-
0
0.1
-
0.1
IOH=4mA
1.65
-
0.08
0.24
-
0.24
IOH=8mA
2.3
-
0.1
0.3
-
0.3
IOH=16mA
3.0
-
0.15
0.4
-
0.4
IOH=24mA
3.0
-
0.22
0.55
-
0.55
IOH=32mA
4.5
-
0.22
0.55
-
0.55
Input Leakage Current
IIN
VIN=5.5V or GND
0~5.5
-
-
1
-
10
A
Power Off Leakage Current
IOFF
VIN or VOUT=5.5V
0.0
-
-
1
-
10
A
Quiescent Supply Current
ICC
VIN=5.5V or GND
1.65~5.5
-
-
1
-
10
A
CHARACTERISTIC
SYMBOL
TEST CONDITION
Ta=25
Ta=-40~85
UNIT
VCC(V)
MIN.
TYP.
MAX.
MIN.
MAX.
Propagation delay time
tPLH
tPHL
CL=15pF, RL=1M
1.8 0.15
2.0
5.3
9.6
2.0
9.8
ns
2.5 0.2
1.2
3.2
5.3
1.2
5.7
3.3 0.3
0.8
2.4
3.7
0.8
4.0
5.0 0.5
0.5
1.9
2.9
0.5
3.2
CL=50pF, RL=500
3.3 0.3
1.2
3.0
4.6
1.2
4.9
ns
5.0 0.5
0.8
2.4
3.6
0.8
3.9
Input Capacitance
CIN
-
0~5.5
-
3.0
-
-
-
pF
Power Dissipation
Capacitance
CPD
(Note)
3.3
-
22
-
-
-
pF
5.5
-
32
-
-
-
Note : CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption
without load. Average operating current can be obtained by the equation : ICC(opr)=CPD VCC fIN+ICC/2


Similar Part No. - KIC7WZ00FK

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIC7WZ02FK KEC-KIC7WZ02FK Datasheet
43Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT NOR GATE)
KIC7WZ04FK KEC-KIC7WZ04FK Datasheet
518Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(TRIPLE INVERTER)
KIC7WZ05FK KEC-KIC7WZ05FK Datasheet
40Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(TRIPLE INVERTER)
KIC7WZ08FK KEC-KIC7WZ08FK Datasheet
78Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT AND GATE)
More results

Similar Description - KIC7WZ00FK

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIC7S00FU KEC-KIC7S00FU Datasheet
265Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT NAND GATE)
KIC7SZ38FU KEC-KIC7SZ38FU Datasheet
524Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT NAND GATE)
KIC7SZ00FU KEC-KIC7SZ00FU Datasheet
204Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT NAND GATE)
logo
Toshiba Semiconductor
TC7WG00FU TOSHIBA-TC7WG00FU Datasheet
196Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-Input NAND Gate
TC7WH00FC TOSHIBA-TC7WH00FC Datasheet
148Kb / 5P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-Input NAND Gate
TC74VHCT00AF TOSHIBA-TC74VHCT00AF Datasheet
242Kb / 7P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC QUAD 2-INPUT NAND GATE
logo
KEC(Korea Electronics)
KIC7W00FK KEC-KIC7W00FK Datasheet
253Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DAUL 2-INPUT NAND GATE)
logo
Toshiba Semiconductor
TC74HC00AP TOSHIBA-TC74HC00AP_07 Datasheet
257Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Quad 2-Input NAND Gate
TC7WH00FU TOSHIBA-TC7WH00FU_01 Datasheet
227Kb / 7P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC DUAL 2-INPUT NAND GATE
TC74AC00P TOSHIBA-TC74AC00P_07 Datasheet
263Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Quad 2-Input NAND Gate
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com