Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2252 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2252
Description  The flyback converter is a popular choice in applications where the required power
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2252 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2252 Datasheet HTML 3Page - STMicroelectronics AN2252 Datasheet HTML 4Page - STMicroelectronics AN2252 Datasheet HTML 5Page - STMicroelectronics AN2252 Datasheet HTML 6Page - STMicroelectronics AN2252 Datasheet HTML 7Page - STMicroelectronics AN2252 Datasheet HTML 8Page - STMicroelectronics AN2252 Datasheet HTML 9Page - STMicroelectronics AN2252 Datasheet HTML 10Page - STMicroelectronics AN2252 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
AN2252
Application circuit description
7/21
Quasi-resonant controller L6565 controls the ESBT by sending a PWM (Pulse Width
Modulation) signal through the gate electrode. The gate electrode drives the internal
lowvoltage MOSFET which switches the emitter of the high-voltage BJT to the external pin S
(source). This is the reason why the transistor is qualified as "emitter switched". The source
pin is usually connected to the application ground.
The base (pin B) of the BJT requires a current bias proportional to the collector current (pin
C). This proportional bias may be provided by a current transformer. The current ratio
between the base and collector currents is given by the current gain h21E of the internal BJT.
The current transformer turns ratio must be adapted to the current gain. An example of a
current bias arrangement is given in the Section 2. More details concerning the theoretical
and practical realizations of the bias circuit and the device operation are beyond the scope
of this application note. More details are mentioned in Application Notes AN1699 and
AN1889 (see Section 4), available from the STMicroelectronics website: www.st.com.
2
Application circuit description
2.1
Operating conditions
2.2
Circuit operation
Figure 5. shows the schematic of the power supply. The power supply can be supplied from
either an AC or a DC voltage source.
For demonstration purposes in case of an AC supply, power can be supplied through the J2
connector from a single-phase mains of 230VAC. In this case, the input voltage is doubled
by a voltage doubler consisting of diodes D2 and D3, and of capacitors C1 and C2.
If the input voltage source is AC with an RMS value above 240VAC, or if it is a DC source,
the power supply must be connected through connector J1. In this case diodes D2, D3 and
diodes D1, D4 form a bridge rectifier which charges the series-connected capacitors C1 and
C2. In the schematic (Figure 5.), diodes D1, D2, D3, D4 and capacitors C1, C2 are shown
only for demonstration purposes and the converter can be supplied directly from the bus
voltage in the application. The control device is a quasi-resonant controller L6565. During
normal converter operation it is supplied from the auxiliary winding T1C of power
transformer T1 through the one-way rectifier consisting of D5, C4 and C5. Resistor R5 and
Table 1.
Input/Output specifications
Description
Value
Input AC voltage range (400 VAC input)
320 - 480VAC
Input DC voltage range (400 VAC input)
450 - 680VDC
Input AC voltage range (230 VAC input)
160 - 240VAC
Input voltage frequency range
50/60Hz
Nominal output voltage
24VDC
Maximum output current
4.3A


Similar Part No. - AN2252

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
AN2250 FREESCALE-AN2250 Datasheet
91Kb / 2P
   16-bit Microcontrollers MC9S12A128
logo
STMicroelectronics
AN2259 STMICROELECTRONICS-AN2259 Datasheet
313Kb / 38P
   High intensity LED driver using
More results

Similar Description - AN2252

ManufacturerPart #DatasheetDescription
logo
TEMEX
ROX2525S4 TEMEX-ROX2525S4 Datasheet
468Kb / 2P
   The ROX2525S4 OCXO is a perfect choice where performance versus space is at a premium
logo
Fairchild Semiconductor
AN9008 FAIRCHILD-AN9008 Datasheet
130Kb / 9P
   The Use of QFETs in a Flyback Converter
AN-9008 FAIRCHILD-AN-9008 Datasheet
124Kb / 9P
   The Use of QFETs in a Flyback Converter
logo
Exar Corporation
XRP7664IDTR-F EXAR-XRP7664IDTR-F Datasheet
375Kb / 2P
   The Popular Choice for 2A Power Rail Down Conversions
logo
Skeleton Technologies. ...
51V166F SKELETON-51V166F Datasheet
376Kb / 2P
   A popular choice for fast energy storage in transportation applications
2022
logo
Ralston Instruments.
QTFT-FRS0 RALSTON-QTFT-FRS0 Datasheet
299Kb / 1P
   Ideal for situations where frequent calibration of a DP transmitter using the bleeder port is required
logo
Infineon Technologies A...
ICC80QSG INFINEON-ICC80QSG Datasheet
1Mb / 32P
   The ICC80QSG flyback controller is tailored for battery charger application to meet the required performance.
Rev. 1.0 2022-05-04
logo
Ralston Instruments.
QTFT-HNS0 RALSTON-QTFT-HNS0 Datasheet
298Kb / 1P
   Ideal for situations where frequent calibration of a DP transmitter using the bleeder port is required
logo
ams AG
LEUWU1A301 AMSCO-LEUWU1A301 Datasheet
1Mb / 20P
   OSRAM OSTAR Headlamp is designed for applications where high brightness is required.
Version 1.6 2021-02-19
LEUWU1A501 AMSCO-LEUWU1A501 Datasheet
1Mb / 20P
   OSRAM OSTAR Headlamp is designed for applications where high brightness is required.
Version 1.6 2021-02-19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com