Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2456 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN2456
Description  Protection of single battery voltage SLICs for new networks in US market
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2456 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN2456 Datasheet HTML 7Page - STMicroelectronics AN2456 Datasheet HTML 8Page - STMicroelectronics AN2456 Datasheet HTML 9Page - STMicroelectronics AN2456 Datasheet HTML 10Page - STMicroelectronics AN2456 Datasheet HTML 11Page - STMicroelectronics AN2456 Datasheet HTML 12Page - STMicroelectronics AN2456 Datasheet HTML 13Page - STMicroelectronics AN2456 Datasheet HTML 14Page - STMicroelectronics AN2456 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
AN2456
SLIC protection
11/15
Figure 12.
-800 V - 100 A (2/10 µs) - Metallic on tip - ANP mode
Figure 11 and Figure 12 show the behavior of the protection for positive and negative
surges in Ringing mode and ANP mode respectively. The lightning surge is applied in
metallic configuration and is 2/10 µs – 800 V – 100 A per the Telcordia GR1089 Intrabuilding
standard. In both cases it is seen that the peak current is only about 40 A. This is because of
the two 10
Ω resistors on the line (800 V/ (8 Ω +10 Ω) ~ 40 A).
In the case of Figure 11 it is seen that the diode of the LCP1521S on the Ring wire clamps
the voltage to GND when a positive surge is applied to RING. The protection behavior would
be similar if the surge was applied on TIP. We also see that there is little effect of the surge
on VTip and –Vbat. After the surge, VRing returns to the operating voltage.
Figure 12 shows that the thyristor structure inside the LCP1521S on the TIP wire fires when
a negative surge of higher magnitude than –Vbat, is applied. When the current through the
thyristor drops below its holding current, the voltage on TIP returns to the operating voltage.
Figure 13.
+1500 V - 100 A (2/10 µs) - longitudinal - ANP mode
VTip (20 V/div)
VRing (20 V/div)
-Vbat (20 V/div)
0
ISurge (20 A/div)
VTip (20 V/div)
VRing (20 V/div)
-Vbat (20 V/div)
ISurge (20 A/div)
0


Similar Part No. - AN2456

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2450 STMICROELECTRONICS-AN2450 Datasheet
752Kb / 35P
   LLC resonant half-bridge converter design guideline
logo
List of Unclassifed Man...
AN2450000707051B ETC2-AN2450000707051B Datasheet
262Kb / 12P
   2.45 GHz ISM-band antenna for Bluetooth and WLAN IEEE 802.11b
AN2450000707051F ETC2-AN2450000707051F Datasheet
262Kb / 12P
   2.45 GHz ISM-band antenna for Bluetooth and WLAN IEEE 802.11b
AN2450000707051K ETC2-AN2450000707051K Datasheet
262Kb / 12P
   2.45 GHz ISM-band antenna for Bluetooth and WLAN IEEE 802.11b
AN2450000707054B ETC2-AN2450000707054B Datasheet
262Kb / 12P
   2.45 GHz ISM-band antenna for Bluetooth and WLAN IEEE 802.11b
More results

Similar Description - AN2456

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2053 STMICROELECTRONICS-AN2053 Datasheet
323Kb / 15P
   SLIC protection for both classical and new networks
LCP22 STMICROELECTRONICS-LCP22 Datasheet
272Kb / 10P
   Protection IC for ringing SLICs
October 2014 Rev 3
LCP02-150B1 STMICROELECTRONICS-LCP02-150B1 Datasheet
72Kb / 8P
   PROTECTION IC FOR RINGING SLICS
LCP12-150 STMICROELECTRONICS-LCP12-150 Datasheet
215Kb / 10P
   Protection IC for ringing SLICs
LCP12 STMICROELECTRONICS-LCP12 Datasheet
215Kb / 10P
   Protection IC for ringing SLICs
March 2014 Rev 4
LCP02 STMICROELECTRONICS-LCP02 Datasheet
211Kb / 10P
   Protection IC for ringing SLICs
March 2014 Rev 1
logo
Protek Devices
PESD24V PROTEC-PESD24V Datasheet
463Kb / 7P
   ESD PROTECTION FOR IN-VEHICLE NETWORKS
PESD27V PROTEC-PESD27V Datasheet
475Kb / 7P
   ESD PROTECTION FOR IN-VEHICLE NETWORKS
logo
Nexperia B.V. All right...
PESD2CANFD24VU-Q NEXPERIA-PESD2CANFD24VU-Q Datasheet
287Kb / 12P
   ESD protection for in-vehicle networks
7 September 2022
PESD2CANFD36VU-Q NEXPERIA-PESD2CANFD36VU-Q Datasheet
217Kb / 11P
   ESD protection for in-vehicle networks
15 September 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com