Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2482 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN2482
Description  The purpose of this document
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2482 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN2482 Datasheet HTML 7Page - STMicroelectronics AN2482 Datasheet HTML 8Page - STMicroelectronics AN2482 Datasheet HTML 9Page - STMicroelectronics AN2482 Datasheet HTML 10Page - STMicroelectronics AN2482 Datasheet HTML 11Page - STMicroelectronics AN2482 Datasheet HTML 12Page - STMicroelectronics AN2482 Datasheet HTML 13Page - STMicroelectronics AN2482 Datasheet HTML 14Page - STMicroelectronics AN2482 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
AN2482
Unisolated AS-interface bus application
11/18
3.3
Un-isolated connection of the PCLT with AS-Interface
controller
To remove the opto-coupler in lower cost versions, the operation of the PCLT has been
extended to fit the AS-Interface application. A precaution is required on its interface with the
bus controller: the impedance between the two circuits must be high in order to maintain the
isolation.
To achieve this isolation impedance level, the PCLT runs in CMOS mode (MOD = VCC) and
the buffer operation is extended up to VCC = 12 V. In the application, the VCC voltage is
generated with a Zener diode reference fed from the sensor bus.
Because of the buffer voltage increase, it becomes possible to insert a high impedance
between the PCLT output and the AS-Interface bus controller input. Typically a 100 k
Ω
resistor is designed while keeping a 5 V CMOS operation on the input of the bus controller.
Figure 12. shows the application diagram where the PCLT is connected to the slave bus
controller through a 100 k
Ω resistor. The logic signal is transmitted with a low level of less
than 20% of the VDD supply voltage and a high level of at least 3.5 V. This high level is
defined by the voltage drop across the 100 k
Ω pull down resistor. (35 µA times 100 kΩ).
Figure 12.
Un-isolated AS-Interface slave controller unit using the PCLT
10
12V
SLAVE AS-I
CTRLER
V
CC
28V
1
PCLT
750Ù
7
14
9
V
CCsensor
sensor
Vreg
ASiP
ASiN
30V
10
12V
SLAVE AS-I
CTRLER
V
CC
28V
1
PCLT
750Ù
7
14
9
V
CCsensor
sensor
Vreg
ASiP
ASiN
30V


Similar Part No. - AN2482

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2483 STMICROELECTRONICS-AN2483 Datasheet
48Kb / 6P
   Video signal standards
AN2484 STMICROELECTRONICS-AN2484 Datasheet
674Kb / 10P
   STOTG04 in power down mode
AN2485 STMICROELECTRONICS-AN2485 Datasheet
735Kb / 29P
   400 W FOT-controlled PFC pre-regulator with the L6563
AN2487 STMICROELECTRONICS-AN2487 Datasheet
868Kb / 32P
   power over Ethernet powered device demonstration board
More results

Similar Description - AN2482

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4013 STMICROELECTRONICS-AN4013 Datasheet
519Kb / 37P
   The purpose of this document
UM1470 STMICROELECTRONICS-UM1470 Datasheet
937Kb / 19P
   The purpose of this document is to describe
UM1608 STMICROELECTRONICS-UM1608 Datasheet
634Kb / 9P
   The purpose of this document is to describe
UM1865 STMICROELECTRONICS-UM1865 Datasheet
1Mb / 132P
   The purpose of this document is to describe the design of the application
UM1755 STMICROELECTRONICS-UM1755 Datasheet
1Mb / 123P
   The purpose of this document is to describe the design of the application
UM0920 STMICROELECTRONICS-UM0920 Datasheet
922Kb / 14P
   The purpose of this document is to provide information
RM0029 STMICROELECTRONICS-RM0029 Datasheet
13Mb / 1740P
   The primary objective of this document
AN4233 STMICROELECTRONICS-AN4233 Datasheet
245Kb / 12P
   The purpose of this document is to provide a methodology
logo
REAN
NYS367-2 REAN-NYS367-2 Datasheet
161Kb / 1P
   THIS DOCUMENT IS THE PROPERTY OF NEUTRIK.
2015.06.18
logo
STMicroelectronics
TN0047 STMICROELECTRONICS-TN0047 Datasheet
133Kb / 9P
   The purpose of this technical
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com